Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3SB 1-R

  • AI
    The **3SB1-R** is a specific model of a **pushbutton switch** belonging to the Sirius 3SB1 series manufactured by **Siemens**. These components are industrial-grade control devices designed for command and signaling in electrical panels and machinery. Below is an explanation of the electronic and mechanical parts that constitute the 3SB1-R. --- ### 1. Component Breakdown The 3SB1-R is a modular assembly consisting of three primary segments: | Component | Description | Function | | :--- | :--- | :--- | | **Actuator (Button)** | The visible "R" (Red) round head. | Receives physical input from the operator. | | **Holder/Bracket** | The mounting frame behind the panel. | Connects the actuator to the electrical contact blocks. | | **Contact Block** | The electrical switching element. | Opens or closes the circuit when the button is pressed. | --- ### 2. Key Electronic & Technical Specifications The "R" typically signifies a **Red** color, often used for "Stop" or "Emergency" functions (though specific Emergency Stop units usually have a mushroom head). * **Switching Type:** Momentary (spring return) or Latching (stay-put), depending on the specific sub-model. * **Contact Configurations:** * **NC (Normally Closed):** Standard for stop functions. * **NO (Normally Open):** Standard for start functions. * **Rated Operational Voltage ($U_e$):** Typically up to 400V AC or 230V DC. * **Thermal Current ($I_{th}$):** Usually rated for 10A. * **Ingress Protection:** IP65 or IP66 (dust-tight and protected against water jets). --- ### 3. Materials and Build The 3SB1 series is known for its rugged construction, designed for harsh industrial environments: * **Housing:** High-grade plastic or metal (depending on the variant). * **Terminals:** Screw-type terminals for secure wire connection. * **Mounting Diameter:** 22mm (Standard industrial cutout size). --- ### 4. Circuit Symbol Representation In electrical schematics, the 3SB1-R is represented by the following symbols: ```text Normally Open (NO) Normally Closed (NC) (Start) (Stop) | | --- \ | | | | --- / | | ``` --- ### 5. Application Usage 1. **Motor Control:** Used as a "Stop" button in Motor Starter circuits. 2. **Safety Interlocks:** Integrated into control loops to interrupt power during manual intervention. 3. **Human-Machine Interface (HMI):** Provides tactile feedback to operators in automated systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 3SB1 and the newer 3SU1 (SIRIUS ACT) series?
    • ⤷ How do I wire a 3SB1 contact block for a latching circuit?
    • ⤷ Can the 3SB1-R actuator be used with an illuminated LED module?