Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 5HT 10-R

  • AI
    The **5HT 10-R** is a specific model of a **Heating Tape** (often associated with brands like Isopad or similar industrial thermal solutions). These are used for frost protection or maintaining process temperatures in pipes and vessels. Below is an explanation of its electronic components, technical specifications, and construction. --- ### 1. Technical Specifications The "10-R" suffix typically refers to its power output per meter and its resistance type. | Feature | Description | | :--- | :--- | | **Model Type** | Resistance Heating Tape (Constant Wattage) | | **Power Output** | 10 Watts per meter (W/m) | | **Voltage Compatibility** | Usually 230V AC (Standard Industrial) | | **Max Exposure Temp** | Approx. 200°C - 250°C (depending on insulation) | | **Termination** | Requires specific cold-lead joining kits | --- ### 2. Core Electronic Components The 5HT 10-R is not a complex circuit but a specialized resistive conductor. Here are the internal parts: #### A. Heating Element (The Resistor) The "heart" of the tape is a high-resistance wire, usually made of **Nickel-Chrome (NiCr)**. This wire converts electrical energy into thermal energy through Joule heating ($P = V^2 / R$). #### B. Primary Insulation Because the tape operates at high temperatures, the heating element is wrapped in **Fluoropolymer (PTFE/PFA)** or **Silicone**. This provides: * High dielectric strength (prevents short circuits). * Moisture resistance. #### C. Metallic Braid (The Ground/Earth) Surrounding the insulated core is a tinned copper braid. This serves two electronic purposes: 1. **Safety:** Acts as a grounding path in case of a leak or puncture. 2. **Mechanical Strength:** Protects the internal element from abrasion. #### D. Outer Jacket The outermost layer is usually a chemically resistant fluoropolymer. It protects the electronics from corrosive environments and UV light. --- ### 3. Connection & Control Electronics The 5HT 10-R cannot be simply "plugged in" without auxiliary electronic controls: * **Thermostat/Controller:** Since this is a constant wattage tape (it doesn't "self-regulate"), it requires an external capillary thermostat or a **Digital PID Controller** to prevent overheating. * **Cold Tail:** A non-heating electronic cable used to connect the heating tape to the junction box. * **RCD (Residual Current Device):** A safety circuit breaker is mandatory to detect any current leakage through the braid. --- ### 4. Circuit Diagram Representation In a simplified electrical schematic, the 5HT 10-R is represented as a series-parallel resistive load: ```mermaid graph LR L[Live 230V] --- R1((Resistor 10W/m)) --- R2((Resistor 10W/m)) --- N[Neutral] G[Ground] --- B[Metallic Braid] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between this constant wattage tape and a self-regulating heating cable?
    • ⤷ What specific type of temperature controller is recommended for the 5HT 10-R?
    • ⤷ How do you calculate the total current draw for a 50-meter run of this tape?