Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO 48FCD-R

  • AI
    The **MHO 48FCD-R** is a specific model within the series of high-precision, industrial-grade **rotary encoders** (often manufactured by companies like Nemicon or similar automation component providers). These devices are used to convert the angular position or motion of a shaft into an analog or digital signal. --- ### 1. Technical Specifications Breakdown The alphanumeric code "48FCD-R" typically breaks down into specific electronic and mechanical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Outer Diameter** | 48mm | The standard size of the encoder housing. | | **Type** | Incremental | Provides pulses corresponding to the change in position. | | **Mounting** | Hollow Shaft (F) | Designed to fit directly onto a motor or machine shaft. | | **Output Phase** | C (A, B, Z) | Three-channel output (Phase A, B, and Index Z). | | **Output Type** | Complementary (D) | Push-pull output, compatible with NPN and PNP. | | **Resolution** | Variable | Typically ranges from 100 to 5000 Pulses Per Revolution (PPR). | | **Connection** | R (Rear Cable) | Wiring exits from the back of the unit. | --- ### 2. Internal Electronic Components The MHO 48FCD-R relies on an optoelectronic internal structure. Here are the core electronic parts: 1. **Light Emitting Diode (LED):** An infrared light source that illuminates the internal components. 2. **Code Disc:** A high-precision glass or plastic disc with etched patterns that interrupt the light beam as it spins. 3. **Photo-Detector Array:** A sensor that receives the light pulses and converts them into low-level electrical currents. 4. **Signal Processing ASIC:** A small integrated circuit that cleans the signal (Schmitt trigger), amplifies it, and converts it into square waves. 5. **Output Driver (Complementary):** A transistor-based output stage that allows for high-speed switching and long-distance cable transmission by minimizing noise. --- ### 3. Wiring Configuration While colors may vary by specific manufacturer batch, the standard wiring for a **Complementary (D)** output encoder is generally structured as follows: ```yaml Red: Vcc (Power Supply, usually 5-24V DC) Black: 0V (GND) Blue: Signal Phase A White: Signal Phase B Yellow: Signal Phase Z (Index) Orange: Shield (Grounding for EMI protection) ``` --- ### 4. Key Applications * **CNC Machinery:** For precise spindle or axis positioning. * **Servo Motors:** Providing feedback loops to the motor driver. * **Conveyor Systems:** Measuring the speed and distance of materials. * **Robotics:** Ensuring accurate joint rotation and movement.
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM supported by the MHO 48FCD-R?
    • ⤷ How do I wire this encoder to a PLC with an NPN input?
    • ⤷ What is the difference between the 'D' complementary output and a 'L' line driver output?