Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RLT830-200MGS Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about RLT830-200MGS Datasheet

  • # Example questions: ➢ What is the maximum allowable reverse voltage that can be applied to this laser diode?
    ➢ Which pin corresponds to the laser diode's anode and also serves as the cathode for the integrated photodiode?
    ➢ How does the operating temperature range affect the lifespan and stability of the rlt830-200mgs?

  • Part No.RLT830-200MGS
    ManufacturerROITHNER
    Size422 Kbytes
    Pages2 pages
    DescriptionInfrared Laser Diode
    Datasheet Summary with AI

    # RLT830-200MGS Laser Diode

    ## Specifications
    ️· Type: Infrared Laser Diode
    ️· Wavelength: 830 nm
    ️· Optical Output Power: 200 mW
    ️· Mode: Single Transverse Mode
    ️· Package: TO18 (5.6 mm) with integrated Photodiode (PD)

    ## Electrical Characteristics
    ️· Reverse Voltage: 2 V
    ️· Operating Temperature: -20 to +50 °C
    ️· Storage Temperature: -40 to +80 °C
    ️· Operating Voltage: 2.5 - 3.0 V
    ️· Threshold Current: 45 - 70 mA
    ️· Operating Current: 250 - 280 mA
    ️· Slope Efficiency: 0.75 - 0.85 W/A
    ️· PD Current: 0.5 mA
    ️· PD Reverse Voltage: 25 V

    ## Optical Characteristics
    ️· Peak Wavelength: 825 - 845 nm (Typical 830 nm)
    ️· Spectral Width (FWHM): 2.0 nm
    ️· Beam Divergence (FWHM):
    - Parallel: 8°
    - Perpendicular: 28°

    ## Pin Configuration
    ️· Pin 1: LD Cathode
    ️· Pin 2: LD Anode, PD Cathode
    ️· Pin 3: PD Anode

    ## Precautions
    ️· Safety: Avoid direct exposure to laser light.
    ️· ESD: Use wrist straps and grounded work surfaces during handling.
    ️· Operating Considerations:
    - Use a current source and regulated drive circuit.
    - Employ proper heat sinking.
    - Do not exceed maximum specifications.

    # RLT830-200MGS Laser Diode

    ## Specifications
    ️· Type: Infrared Laser Diode
    ️· Wavelength: 830 nm
    ️· Optical Output Power: 200 mW
    ️· Mode: Single Transverse Mode
    ️· Package: TO18 (5.6 mm) with integrated Photodiode (PD)

    ## Electrical Characteristics
    ️· Reverse Voltage: 2 V
    ️· Operating Temperature: -20 to +50 °C
    ️· Storage Temperature: -40 to +80 °C
    ️· Operating Voltage: 2.5 - 3.0 V
    ️· Threshold Current: 45 - 70 mA
    ️· Operating Current: 250 - 280 mA
    ️· Slope Efficiency: 0.75 - 0.85 W/A
    ️· PD Current: 0.5 mA
    ️· PD Reverse Voltage: 25 V

    ## Optical Characteristics
    ️· Peak Wavelength: 825 - 845 nm (Typical 830 nm)
    ️· Spectral Width (FWHM): 2.0 nm
    ️· Beam Divergence (FWHM):
    - Parallel: 8°
    - Perpendicular: 28°

    ## Pin Configuration
    ️· Pin 1: LD Cathode
    ️· Pin 2: LD Anode, PD Cathode
    ️· Pin 3: PD Anode

    ## Precautions
    ️· Safety: Avoid direct exposure to laser light.
    ️· ESD: Use wrist straps and grounded work surfaces during handling.
    ️· Operating Considerations:
    - Use a current source and regulated drive circuit.
    - Employ proper heat sinking.
    - Do not exceed maximum specifications.

    Part No.RLT830-200MGS
    ManufacturerROITHNER
    Size422 Kbytes
    Pages2 pages
    DescriptionInfrared Laser Diode
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com