| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE7092-2 Datasheet
# Example questions:
➢ How does the input power rating change at the maximum operating temperature of +125°c?
➢ What are the dimensions of this attenuator, specifically its length and width/diameter?
➢ What is the maximum continuous power this attenuator can handle without damage?
# PE7092-2 Fixed Attenuator
## Features
· Frequency Range: DC to 18 GHz
· Attenuation: 2 ± 0.3 dB
· Power Dissipation: 2 Watts (CW), 250 Watts (peak, 5µs pulse, 0.05% duty cycle)
· VSWR: < 1.35:1
· Bidirectional
· RoHS & REACH Compliant
## Electrical Specifications
· Impedance: 50 Ohms
## Mechanical Specifications
· Connectors: SMA Male to SMA Female (MIL-STD-348)
· Size: 0.85 in (Length) x 0.312 in (Diameter)
· Weight: 0.02 lbs (9.07 g)
· Body Material: Passivated Stainless Steel
## Environmental Specifications
· Operating Temperature: -65 to +125 °C
## Applications
· Instrumentation
· Precision measurements
· Prototyping and characterization
· Production systems
# PE7092-2 Fixed Attenuator
## Features
· Frequency Range: DC to 18 GHz
· Attenuation: 2 ± 0.3 dB
· Power Dissipation: 2 Watts (CW), 250 Watts (peak, 5µs pulse, 0.05% duty cycle)
· VSWR: < 1.35:1
· Bidirectional
· RoHS & REACH Compliant
## Electrical Specifications
· Impedance: 50 Ohms
## Mechanical Specifications
· Connectors: SMA Male to SMA Female (MIL-STD-348)
· Size: 0.85 in (Length) x 0.312 in (Diameter)
· Weight: 0.02 lbs (9.07 g)
· Body Material: Passivated Stainless Steel
## Environmental Specifications
· Operating Temperature: -65 to +125 °C
## Applications
· Instrumentation
· Precision measurements
· Prototyping and characterization
· Production systems
| Part No. | PE7092-2 |
| Manufacturer | PASTERNACK |
| Size | 238 Kbytes |
| Pages | 3 pages |
| Description | 2 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |