Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE7092-3 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE7092-3 Datasheet

  • # Example questions: ➢ What is the maximum continuous power this attenuator can handle at room temperature?
    ➢ Which connector types are used for the input and output of this attenuator, and what is the recommended torque for tightening the coupling nuts?
    ➢ How does the input power capacity change when the operating temperature reaches +125°c?

  • Part No.PE7092-3
    ManufacturerPASTERNACK
    Size238 Kbytes
    Pages3 pages
    Description3 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
    Datasheet Summary with AI

    # PE7092-3 Fixed Attenuator Summary

    ## Features
    ️· Attenuation: 3 ± 0.3 dB
    ️· Frequency Range: DC to 18 GHz
    ️· Power Dissipation: 2 Watts (CW), 250 Watts (Peak, 5µs pulse, 0.05% duty cycle)
    ️· VSWR: < 1.35:1
    ️· Impedance: 50 Ohms
    ️· Bidirectional

    ## Description
    ️· Fixed, bidirectional RF attenuator for lowering signal amplitude.
    ️· Used for protection of equipment, extending range of meters/amplifiers, and impedance matching.
    ️· Connectors: SMA Male to SMA Female

    ## Electrical Specifications
    ️· Attenuation Accuracy: ±0.3 dB
    ️· Input Power (CW): 2 Watts (derated linearly to 0.5W at +125°C)
    ️· Input Power (Peak): 250 Watts (5µs pulse, 0.05% duty cycle)

    ## Mechanical Specifications
    ️· Size: 0.85 in (Length) x 0.312 in (Width/Diameter)
    ️· Weight: 0.02 lbs (9.07 g)
    ️· Body Material: Passivated Stainless Steel
    ️· Connector Material: Beryllium Copper with Gold Plating
    ️· Connector Torque: 8 in-lbs (0.9 Nm)

    ## Environmental Specifications
    ️· Operating Temperature: -65 to +125 °C

    ## Compliance
    ️· RoHS Compliant
    ️· REACH Compliant (as of 12/17/2015)

    # PE7092-3 Fixed Attenuator Summary

    ## Features
    ️· Attenuation: 3 ± 0.3 dB
    ️· Frequency Range: DC to 18 GHz
    ️· Power Dissipation: 2 Watts (CW), 250 Watts (Peak, 5µs pulse, 0.05% duty cycle)
    ️· VSWR: < 1.35:1
    ️· Impedance: 50 Ohms
    ️· Bidirectional

    ## Description
    ️· Fixed, bidirectional RF attenuator for lowering signal amplitude.
    ️· Used for protection of equipment, extending range of meters/amplifiers, and impedance matching.
    ️· Connectors: SMA Male to SMA Female

    ## Electrical Specifications
    ️· Attenuation Accuracy: ±0.3 dB
    ️· Input Power (CW): 2 Watts (derated linearly to 0.5W at +125°C)
    ️· Input Power (Peak): 250 Watts (5µs pulse, 0.05% duty cycle)

    ## Mechanical Specifications
    ️· Size: 0.85 in (Length) x 0.312 in (Width/Diameter)
    ️· Weight: 0.02 lbs (9.07 g)
    ️· Body Material: Passivated Stainless Steel
    ️· Connector Material: Beryllium Copper with Gold Plating
    ️· Connector Torque: 8 in-lbs (0.9 Nm)

    ## Environmental Specifications
    ️· Operating Temperature: -65 to +125 °C

    ## Compliance
    ️· RoHS Compliant
    ️· REACH Compliant (as of 12/17/2015)

    Part No.PE7092-3
    ManufacturerPASTERNACK
    Size238 Kbytes
    Pages3 pages
    Description3 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com