| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE7092-12 Datasheet
# Example questions:
➢ How does the input power derating affect the maximum power handling capability at the +125°c operating temperature?
➢ What are the dimensions of this attenuator, specifically its length and width/diameter?
➢ What is the maximum continuous power this attenuator can handle without damage?
# PE7092-12 Fixed Attenuator Summary
## Features
· Attenuation: 12 ± 0.5 dB
· Frequency Range: DC to 18 GHz
· Power Rating: 2 Watts (CW), 250 Watts (Peak, 5µs pulse, 0.05% duty cycle)
· VSWR: < 1.35:1
· Bidirectional
· Connector Type: SMA Male to SMA Female
## Electrical Specifications
· Impedance: 50 Ohms
## Mechanical Specifications
· Length: 0.85 in [21.59 mm]
· Width/Diameter: 0.312 in [7.92 mm]
· Weight: 0.02 lbs [9.07 g]
· Body Material: Passivated Stainless Steel
· Connector Body Material: Passivated Stainless Steel
· Hex Size: 5/16 Inch
· Torque: 8 in-lbs (0.9 Nm)
## Environmental Specifications
· Operating Temperature: -65 to +125 °C
## Compliance
· RoHS Compliant
· REACH Compliant (as of 12/17/2015)
# PE7092-12 Fixed Attenuator Summary
## Features
· Attenuation: 12 ± 0.5 dB
· Frequency Range: DC to 18 GHz
· Power Rating: 2 Watts (CW), 250 Watts (Peak, 5µs pulse, 0.05% duty cycle)
· VSWR: < 1.35:1
· Bidirectional
· Connector Type: SMA Male to SMA Female
## Electrical Specifications
· Impedance: 50 Ohms
## Mechanical Specifications
· Length: 0.85 in [21.59 mm]
· Width/Diameter: 0.312 in [7.92 mm]
· Weight: 0.02 lbs [9.07 g]
· Body Material: Passivated Stainless Steel
· Connector Body Material: Passivated Stainless Steel
· Hex Size: 5/16 Inch
· Torque: 8 in-lbs (0.9 Nm)
## Environmental Specifications
· Operating Temperature: -65 to +125 °C
## Compliance
· RoHS Compliant
· REACH Compliant (as of 12/17/2015)
| Part No. | PE7092-12 |
| Manufacturer | PASTERNACK |
| Size | 238 Kbytes |
| Pages | 3 pages |
| Description | 12 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |