| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE7092-15 Datasheet
# Example questions:
➢ What is the operating temperature range for this attenuator, and is it compliant with rohs and reach regulations?
➢ What type of connectors are used for both the input and output of this attenuator, and what is the recommended torque for tightening the coupling nuts?
➢ What is the maximum continuous power this attenuator is rated to handle, and how does that rating change at higher temperatures?
# PE7092-15 Fixed Attenuator
## Features
· Attenuation: 15 ± 0.5 dB
· Frequency Range: DC to 18 GHz
· Power Rating: 2 Watts (CW), 250 Watts (Peak, 5µs pulse, 0.05% duty cycle)
· VSWR: < 1.35:1
· Bidirectional
· Connector Type: SMA Male to SMA Female
## Electrical Specifications
· Impedance: 50 Ohms
## Mechanical Specifications
· Length: 0.99 in [25.15 mm]
· Width/Diameter: 0.312 in [7.92 mm]
· Weight: 0.02 lbs [9.07 g]
· Body Material: Passivated Stainless Steel
· Connector Contact Material: Beryllium Copper, Gold
· Coupling Nut Material: Passivated Stainless Steel
· Hex Size: 5/16 Inch
· Torque: 8 in-lbs / 0.9 Nm
## Environmental Specifications
· Operating Temperature: -65 to +125 °C
## Compliance
· RoHS Compliant
· REACH Compliant (as of 12/17/2015)
# PE7092-15 Fixed Attenuator
## Features
· Attenuation: 15 ± 0.5 dB
· Frequency Range: DC to 18 GHz
· Power Rating: 2 Watts (CW), 250 Watts (Peak, 5µs pulse, 0.05% duty cycle)
· VSWR: < 1.35:1
· Bidirectional
· Connector Type: SMA Male to SMA Female
## Electrical Specifications
· Impedance: 50 Ohms
## Mechanical Specifications
· Length: 0.99 in [25.15 mm]
· Width/Diameter: 0.312 in [7.92 mm]
· Weight: 0.02 lbs [9.07 g]
· Body Material: Passivated Stainless Steel
· Connector Contact Material: Beryllium Copper, Gold
· Coupling Nut Material: Passivated Stainless Steel
· Hex Size: 5/16 Inch
· Torque: 8 in-lbs / 0.9 Nm
## Environmental Specifications
· Operating Temperature: -65 to +125 °C
## Compliance
· RoHS Compliant
· REACH Compliant (as of 12/17/2015)
| Part No. | PE7092-15 |
| Manufacturer | PASTERNACK |
| Size | 239 Kbytes |
| Pages | 3 pages |
| Description | 15 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |