| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LJCKBP_18 Datasheet
# Example questions:
➢ What is the recommended reflow soldering peak temperature for the lj ckbp led, according to the provided documentation?
➢ What is the approximate weight of the lj ckbp led and what marking indicates the cathode?
➢ What corrosion robustness test conditions does the lj ckbp led pass, and how do they compare to iec 60068-2-43?
1. General Information & Identification:
️· Version: 1.5 LJ CKBP
️· Package Type: Not explicitly stated, but references "Package Outline," "Recommended Solder Pad," "Reflow Soldering Profile," and "Taping." It appears to be surface mount.
️· Approximate Weight: 25 mg
️· Marking: Cathode
️· ESD Protection: Includes an ESD device connected in parallel to the LED chip.
️· Corrosion Robustness: Tested under stringent conditions (40°C, 90% rh, 15 ppm H₂S for 336 hours) exceeding industry standards.
️· MSL Level: Level 2 acc. to JEDEC J-STD-020E (Moisture Sensitivity Level)
2. Electrical Characteristics & Performance:
️· Forward Voltage & Current: Not explicitly stated but implied through reflow soldering profile and suggested nitrogen atmosphere during soldering.
️· Peak Temperature for Reflow Soldering: 245°C to 260°C
️· Time within 5°C of Peak Temperature: 10-30 seconds
3. Testing & Environmental Conditions:
️· Corrosion Test: 40°C / 90% rh / 15 ppm H₂S / 336 h (more stringent than IEC 60068-2-43)
️· Gas Exposure: More stringent than EN 60068-2-60 (method 4) [25°C / 75 % rh / 200ppb SO₂, 200ppb NO₂, 10ppb Cl₂ / 21 days]
️· Reflow Soldering Profile: (See detailed table for ramp rates, times, and temperatures - see Reflow Soldering Profile section below).
4. Reflow Soldering Profile (Key Parameters):
| Feature | Symbol | Minimum | Recommendation | Maximum | Unit |
|---|---|---|---|---|---|
| Ramp-up rate to preheat | 2 | 3 | K/s | ||
| Time (tS) | 60 | 100 | 120 | s | |
| Ramp-up rate to peak | 2 | 3 | K/s | ||
| Liquidus temperature (TL) | 217 | 217 | 217 | °C | |
| Time above liquidus temperature (tL) | 80 | 100 | s | ||
| Peak temperature (TP) | 245 | 260 | °C | ||
| Time within 5°C of TP (tP) | 10 | 20 | 30 | s | |
| Ramp-down rate | 3 | 6 | K/s | ||
| Time from 25°C to TP | 480 | s |
1. General Information & Identification:
️· Version: 1.5 LJ CKBP
️· Package Type: Not explicitly stated, but references "Package Outline," "Recommended Solder Pad," "Reflow Soldering Profile," and "Taping." It appears to be surface mount.
️· Approximate Weight: 25 mg
️· Marking: Cathode
️· ESD Protection: Includes an ESD device connected in parallel to the LED chip.
️· Corrosion Robustness: Tested under stringent conditions (40°C, 90% rh, 15 ppm H₂S for 336 hours) exceeding industry standards.
️· MSL Level: Level 2 acc. to JEDEC J-STD-020E (Moisture Sensitivity Level)
2. Electrical Characteristics & Performance:
️· Forward Voltage & Current: Not explicitly stated but implied through reflow soldering profile and suggested nitrogen atmosphere during soldering.
️· Peak Temperature for Reflow Soldering: 245°C to 260°C
️· Time within 5°C of Peak Temperature: 10-30 seconds
3. Testing & Environmental Conditions:
️· Corrosion Test: 40°C / 90% rh / 15 ppm H₂S / 336 h (more stringent than IEC 60068-2-43)
️· Gas Exposure: More stringent than EN 60068-2-60 (method 4) [25°C / 75 % rh / 200ppb SO₂, 200ppb NO₂, 10ppb Cl₂ / 21 days]
️· Reflow Soldering Profile: (See detailed table for ramp rates, times, and temperatures - see Reflow Soldering Profile section below).
4. Reflow Soldering Profile (Key Parameters):
| Feature | Symbol | Minimum | Recommendation | Maximum | Unit |
|---|---|---|---|---|---|
| Ramp-up rate to preheat | 2 | 3 | K/s | ||
| Time (tS) | 60 | 100 | 120 | s | |
| Ramp-up rate to peak | 2 | 3 | K/s | ||
| Liquidus temperature (TL) | 217 | 217 | 217 | °C | |
| Time above liquidus temperature (tL) | 80 | 100 | s | ||
| Peak temperature (TP) | 245 | 260 | °C | ||
| Time within 5°C of TP (tP) | 10 | 20 | 30 | s | |
| Ramp-down rate | 3 | 6 | K/s | ||
| Time from 25°C to TP | 480 | s |
| Part No. | LJCKBP_18 |
| Manufacturer | OSRAM |
| Size | 1,001 Kbytes |
| Pages | 22 pages |
| Description | OSLON Signal |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |