Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LL1608FS Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LL1608FS Datasheet

  • # Example questions: ➢ What are the physical dimensions (length, width, thickness, and a) of the ll1608fs type inductor?
    ➢ What is the typical q range of this inductor at a frequency of 1800mhz?
    ➢ What tolerance options are available for the inductance value when ordering this chip inductor?

  • Part No.LL1608FS
    ManufacturerTOKO
    Size378 Kbytes
    Pages2 pages
    DescriptionMultilayer Chip Inductors
    Datasheet Summary with AI

    # LL1608FS Multilayer Chip Inductors

    ## Features
    · Inductance range: 1.2-270nH
    · Footprint: 0603 (1.6mm x 0.8mm)
    · High SRF due to laminated ceramic material
    · Typical Q: 43-71 (at 1800MHz)
    · High current handling: up to 1A
    · Temperature coefficient: +250ppm/°C
    · Operating temperature: -40°C to +100°C
    · Packaged on tape & reel: 4,000 pieces
    · Reflow solderable

    ## Dimensions (Unit: mm)
    · Length (L): 1.6 ± 0.15 mm
    · Width (W): 0.8 ± 0.15 mm
    · Thickness (T): 0.8 ± 0.15 mm
    · A: 0.3 ± 0.2 mm

    ## Part Numbering

    `LL 1608 - FS 1N2 S`
    · LL: Type Name
    · 1608: Dimensions (LxW)
    · FS: Material
    · 1N2: Inductance
    · S: Tolerance (S=±0.3nH, J=±5%, K=±10%)

    ## Electrical Characteristics
    · Q vs. Frequency: Refer to included graph
    · Inductance vs. Frequency: Refer to included graph

    # LL1608FS Multilayer Chip Inductors

    ## Features
    · Inductance range: 1.2-270nH
    · Footprint: 0603 (1.6mm x 0.8mm)
    · High SRF due to laminated ceramic material
    · Typical Q: 43-71 (at 1800MHz)
    · High current handling: up to 1A
    · Temperature coefficient: +250ppm/°C
    · Operating temperature: -40°C to +100°C
    · Packaged on tape & reel: 4,000 pieces
    · Reflow solderable

    ## Dimensions (Unit: mm)
    · Length (L): 1.6 ± 0.15 mm
    · Width (W): 0.8 ± 0.15 mm
    · Thickness (T): 0.8 ± 0.15 mm
    · A: 0.3 ± 0.2 mm

    ## Part Numbering
    `LL 1608 - FS 1N2 S`
    · LL: Type Name
    · 1608: Dimensions (LxW)
    · FS: Material
    · 1N2: Inductance
    · S: Tolerance (S=±0.3nH, J=±5%, K=±10%)

    ## Electrical Characteristics
    · Q vs. Frequency: Refer to included graph
    · Inductance vs. Frequency: Refer to included graph

    Part No.LL1608FS
    ManufacturerTOKO
    Size378 Kbytes
    Pages2 pages
    DescriptionMultilayer Chip Inductors
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com