Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ST790004 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ST790004 Datasheet

  • # Example questions: ➢ How does the actuation force of 1000 ± 700gf affect the switch's operation?
    ➢ What is the minimum insulation resistance specified for this switch and at what voltage is it measured?
    ➢ What is the rated current and voltage for this switch?

  • Part No.ST790004
    ManufacturerE-SWITCH
    Size147 Kbytes
    Pages1 page
    DescriptionELECTRIC LIFE: 30,000 CYCLES
    Datasheet Summary with AI

    # FS5700SPLT2B2M1QEH Switch Datasheet Summary

    ## General Information

    · Proprietary Information: This document contains proprietary information belonging to E-Switch and is not to be copied or transferred.
    · Revision: A, Sheet 1 of 1
    · Drawing Number: ST790004
    · Scale: 1:1
    · Release Date: 1/16/2017
    · RoHS Compliant: 2011/65/EC (ROHS) compliant.

    ## Dimensions

    · All dimensions in mm [inch]
    · General Tolerance: X.X=±0.4, X.XX=±0.25
    · Panel Cutout Dimensions (mm): 13.40, 10.00, 5.80, 12.00, 2.70, 11.80, 13.00, 3.50, 5.00, 2.00, 4.00, 8.00, 2.50, 12.20, 12.00
    · Thread: M12 x 0.75

    ## Electrical Specifications

    · Circuit: SPDT (Single Pole Double Throw)
    · Contact Material: Silver
    · Rating: 1A @ 9 VDC
    · Contact Resistance: 50 Milli-Ohm Max. Initial
    · Dielectric Strength: 500 V RMS @ Sea Level
    · Insulation Resistance: 100 Mega-Ohm Min @ 500VDC
    · Electric Life: 10,000 Cycles
    · Actuation Force: 1000 ± 700gf
    · Travel: 2.7mm

    ## Functional Specifications

    · Switch Function: ON-ON
    · Terminals: 1-2, 2-3

    ## Hardware Included (Shipped Bulk)

    · T081101 - Lock Washer, Qty 1
    · T100025 - Washer, Qty 1
    · T081102 - Hex Nut, Qty 2

    ## Operating Environment

    · Operating Temp.: -10°C to 70°C

    # FS5700SPLT2B2M1QEH Switch Datasheet Summary

    ## General Information

    · Proprietary Information: This document contains proprietary information belonging to E-Switch and is not to be copied or transferred.
    · Revision: A, Sheet 1 of 1
    · Drawing Number: ST790004
    · Scale: 1:1
    · Release Date: 1/16/2017
    · RoHS Compliant: 2011/65/EC (ROHS) compliant.

    ## Dimensions

    · All dimensions in mm [inch]
    · General Tolerance: X.X=±0.4, X.XX=±0.25
    · Panel Cutout Dimensions (mm): 13.40, 10.00, 5.80, 12.00, 2.70, 11.80, 13.00, 3.50, 5.00, 2.00, 4.00, 8.00, 2.50, 12.20, 12.00
    · Thread: M12 x 0.75

    ## Electrical Specifications

    · Circuit: SPDT (Single Pole Double Throw)
    · Contact Material: Silver
    · Rating: 1A @ 9 VDC
    · Contact Resistance: 50 Milli-Ohm Max. Initial
    · Dielectric Strength: 500 V RMS @ Sea Level
    · Insulation Resistance: 100 Mega-Ohm Min @ 500VDC
    · Electric Life: 10,000 Cycles
    · Actuation Force: 1000 ± 700gf
    · Travel: 2.7mm

    ## Functional Specifications

    · Switch Function: ON-ON
    · Terminals: 1-2, 2-3

    ## Hardware Included (Shipped Bulk)

    · T081101 - Lock Washer, Qty 1
    · T100025 - Washer, Qty 1
    · T081102 - Hex Nut, Qty 2

    ## Operating Environment

    · Operating Temp.: -10°C to 70°C

    Part No.ST790004
    ManufacturerE-SWITCH
    Size147 Kbytes
    Pages1 page
    DescriptionELECTRIC LIFE: 30,000 CYCLES
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com