Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IXDD408SI Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about IXDD408SI Datasheet

  • # Example questions: ➢ What is the purpose of the low-value current-sensing resistor (rs) and how does it contribute to the protection circuitry?
    ➢ How does the ixdd408 achieve a 'soft switch off' of the high-power mosfet module, and why is this important based on the information provided?
    ➢ What are the two dangers the ixdd408 helps prevent in high-power mosfet modules?

  • Part No.IXDD408SI
    ManufacturerIXYS
    Size276 Kbytes
    Pages10 pages
    Description8 Amp Low-Side Ultrafast MOSFET Driver
    Datasheet Summary with AI

    I. Overview & Purpose

    ️· What it is: The IXDD408 is a specialized driver IC designed primarily to protect high-power MOSFET modules (e.g., VM0580-02F - 580A, 600V) from damage due to overcurrent conditions and voltage transients.
    ️· Core Function: Softly switches off the high-power MOSFET module to prevent overcurrent destruction and avalanche breakdown.
    ️· Unique Capability: Enables a high-impedance output, which can control a separate low-power MOSFET for gate control during shutdown.
    ️· Target Applications: Power supplies, motor drives, any application utilizing high-power MOSFETs where overcurrent protection and transient mitigation are critical.

    II. Key Features & Characteristics (Based on Available Data)

    ️· Output Current Capability: ±8A under normal conditions.
    ️· Voltage Range: Operates with a VCC range from 3 to 30 VDC (maximum allowable limit of 30VDC, but CMOS 4000-series devices require a lower range (3-15VDC)).
    ️· Soft-Switching: Crucially, it allows soft switching, minimizing voltage transients (Ldi/dt) during shutdown.
    ️· High-Impedance Mode: Allows control of a separate low-power MOSFET gate for fine-grained gate control during shutdown.
    ️· CMOS Compatibility: Designed for compatibility with CMOS logic (4000-series devices).
    ️· Protection Features:
    - Overcurrent protection
    - Avalanche breakdown prevention (transient mitigation)
    - Gate voltage control (using separate MOSFET)
    ️· Application Circuitry: Designed to work with a comparator, SRFF (Set-Reset Flip-Flop), and low-power MOSFET (e.g., 2N7000) for complete protection and control.
    ️· Enable Input: Allows external control of the IXDD408's output.

    III. Application Strategy & Protection Circuitry

    The datasheet details a specific application circuit using these components:

    1. Current Sensing: A low-value resistor (Rs = 0.005 Ohm) is placed between the MOSFET source and ground to monitor current.
    2. Comparator: The voltage across the current-sensing resistor is fed into a comparator. A low-pass filter is crucial to prevent false triggering due to inductance.
    3. SRFF (Set-Reset Flip-Flop): The comparator's output triggers the SRFF, which disables the IXDD408's output and activates a low-power MOSFET.
    4. Low-Power MOSFET (e.g., 2N7000): Gradually reduces the gate voltage of the high-power MOSFET, enabling soft switching.
    5. Reset Mechanism: A one-shot circuit connected to the IXDD408 input resets the SRFF, enabling normal operation.

    IV. Limitations & Notes (Based on Extract)

    ️· Voltage Range Discrepancy: There's a conflict between the overall device operating voltage (up to 30VDC) and the requirement for CMOS 4000-series devices (3-15VDC). This is a crucial point for design, and the appropriate voltage level must be chosen based on the specific components used.
    ️· Inductance Consideration: The datasheet repeatedly emphasizes the importance of minimizing inductance (L) in the circuit to prevent voltage transients. This suggests that careful component placement and PCB layout are essential.
    ️· Missing Detailed Specs: The provided data doesn't include comprehensive electrical characteristics (e.g., propagation delays, rise/fall times, input/output thresholds, etc.). A full datasheet would be required for complete design.
    ️· Application-Specific: The described protection circuit is a *specific example*. Design adjustments may be necessary for different MOSFET modules or applications.

    I. Overview & Purpose

    ️· What it is: The IXDD408 is a specialized driver IC designed primarily to protect high-power MOSFET modules (e.g., VM0580-02F - 580A, 600V) from damage due to overcurrent conditions and voltage transients.
    ️· Core Function: Softly switches off the high-power MOSFET module to prevent overcurrent destruction and avalanche breakdown.
    ️· Unique Capability: Enables a high-impedance output, which can control a separate low-power MOSFET for gate control during shutdown.
    ️· Target Applications: Power supplies, motor drives, any application utilizing high-power MOSFETs where overcurrent protection and transient mitigation are critical.

    II. Key Features & Characteristics (Based on Available Data)

    ️· Output Current Capability: ±8A under normal conditions.
    ️· Voltage Range: Operates with a VCC range from 3 to 30 VDC (maximum allowable limit of 30VDC, but CMOS 4000-series devices require a lower range (3-15VDC)).
    ️· Soft-Switching: Crucially, it allows soft switching, minimizing voltage transients (Ldi/dt) during shutdown.
    ️· High-Impedance Mode: Allows control of a separate low-power MOSFET gate for fine-grained gate control during shutdown.
    ️· CMOS Compatibility: Designed for compatibility with CMOS logic (4000-series devices).
    ️· Protection Features:
    - Overcurrent protection
    - Avalanche breakdown prevention (transient mitigation)
    - Gate voltage control (using separate MOSFET)
    ️· Application Circuitry: Designed to work with a comparator, SRFF (Set-Reset Flip-Flop), and low-power MOSFET (e.g., 2N7000) for complete protection and control.
    ️· Enable Input: Allows external control of the IXDD408's output.

    III. Application Strategy & Protection Circuitry

    The datasheet details a specific application circuit using these components:

    1. Current Sensing: A low-value resistor (Rs = 0.005 Ohm) is placed between the MOSFET source and ground to monitor current.
    2. Comparator: The voltage across the current-sensing resistor is fed into a comparator. A low-pass filter is crucial to prevent false triggering due to inductance.
    3. SRFF (Set-Reset Flip-Flop): The comparator's output triggers the SRFF, which disables the IXDD408's output and activates a low-power MOSFET.
    4. Low-Power MOSFET (e.g., 2N7000): Gradually reduces the gate voltage of the high-power MOSFET, enabling soft switching.
    5. Reset Mechanism: A one-shot circuit connected to the IXDD408 input resets the SRFF, enabling normal operation.

    IV. Limitations & Notes (Based on Extract)

    ️· Voltage Range Discrepancy: There's a conflict between the overall device operating voltage (up to 30VDC) and the requirement for CMOS 4000-series devices (3-15VDC). This is a crucial point for design, and the appropriate voltage level must be chosen based on the specific components used.
    ️· Inductance Consideration: The datasheet repeatedly emphasizes the importance of minimizing inductance (L) in the circuit to prevent voltage transients. This suggests that careful component placement and PCB layout are essential.
    ️· Missing Detailed Specs: The provided data doesn't include comprehensive electrical characteristics (e.g., propagation delays, rise/fall times, input/output thresholds, etc.). A full datasheet would be required for complete design.
    ️· Application-Specific: The described protection circuit is a *specific example*. Design adjustments may be necessary for different MOSFET modules or applications.

    Part No.IXDD408SI
    ManufacturerIXYS
    Size276 Kbytes
    Pages10 pages
    Description8 Amp Low-Side Ultrafast MOSFET Driver
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com