| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TPRH8D28 Datasheet
# Example questions:
➢ What is the maximum dc current (isat) that can be applied to the tprh8d28-2r5□ inductor without the inductance dropping by more than 35%?
➢ What is the specified quantity of pieces per reel for the packaged inductors, and is there a minimum order quantity?
➢ How does the operating temperature range of -40 to +105℃ affect the inductor's performance, and what considerations should be made when operating near these limits?
# TPRH8D28 SMD Power Inductor
## Features
· High current capacity
· Low DCR
· Magnetic shielding for low radiation
· Low core loss for high-frequency power applications
## Applications
· Personal computers
· Set-top boxes and other electronic equipment
## Specifications
| P/N | L (μH) | Marking | RDC (Ω) | Isat (A) | Irms (A) |
|---|---|---|---|---|---|
| TPRH8D28-1R0□ | 1.0 | 1R0 | 11.0m | 6.50 | 7.50 |
| TPRH8D28-2R5□ | 2.5 | 2R5 | 15.6m | 4.50 | 6.40 |
| TPRH8D28-3R3□ | 3.3 | 3R3 | 18.2m | 4.00 | 6.00 |
| TPRH8D28-4R7□ | 4.7 | 4R7 | 24.7m | 3.40 | 4.50 |
| TPRH8D28-6R8□ | 6.8 | 6R8 | 37.0m | 2.85 | 4.00 |
| TPRH8D28-7R3□ | 7.3 | 7R3 | 39.0m | 2.80 | 3.40 |
| TPRH8D28-100□ | 10 | 100 | 47.0m | 2.50 | 3.20 |
| TPRH8D28-150□ | 15 | 150 | 69.0m | 1.90 | 2.35 |
| TPRH8D28-220□ | 22 | 220 | 99.0m | 1.60 | 1.85 |
| TPRH8D28-330□ | 33 | 330 | 156m | 1.30 | 1.45 |
| TPRH8D28-470□ | 47 | 470 | 195m | 1.15 | 1.30 |
| TPRH8D28-680□ | 68 | 680 | 286m | 920m | 980m |
| TRPH8D28-101□ | 100 | 101 | 430m | 750m | 800m |
# TPRH8D28 SMD Power Inductor
## Features
· High current capacity
· Low DCR
· Magnetic shielding for low radiation
· Low core loss for high-frequency power applications
## Applications
· Personal computers
· Set-top boxes and other electronic equipment
## Specifications
| P/N | L (μH) | Marking | RDC (Ω) | Isat (A) | Irms (A) |
|---|---|---|---|---|---|
| TPRH8D28-1R0□ | 1.0 | 1R0 | 11.0m | 6.50 | 7.50 |
| TPRH8D28-2R5□ | 2.5 | 2R5 | 15.6m | 4.50 | 6.40 |
| TPRH8D28-3R3□ | 3.3 | 3R3 | 18.2m | 4.00 | 6.00 |
| TPRH8D28-4R7□ | 4.7 | 4R7 | 24.7m | 3.40 | 4.50 |
| TPRH8D28-6R8□ | 6.8 | 6R8 | 37.0m | 2.85 | 4.00 |
| TPRH8D28-7R3□ | 7.3 | 7R3 | 39.0m | 2.80 | 3.40 |
| TPRH8D28-100□ | 10 | 100 | 47.0m | 2.50 | 3.20 |
| TPRH8D28-150□ | 15 | 150 | 69.0m | 1.90 | 2.35 |
| TPRH8D28-220□ | 22 | 220 | 99.0m | 1.60 | 1.85 |
| TPRH8D28-330□ | 33 | 330 | 156m | 1.30 | 1.45 |
| TPRH8D28-470□ | 47 | 470 | 195m | 1.15 | 1.30 |
| TPRH8D28-680□ | 68 | 680 | 286m | 920m | 980m |
| TRPH8D28-101□ | 100 | 101 | 430m | 750m | 800m |
| Part No. | TPRH8D28 |
| Manufacturer | FENGJUI |
| Size | 151 Kbytes |
| Pages | 3 pages |
| Description | SMD POWER INDUCTOR-RoHS |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |