Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25LD40CQIG
MfrGIGADEVICE
Size963 Kbytes
Pages46 pages
DescriptionUniform Sector Standard and Dual Serial Flash
Datasheet SummaryAI
1. Device Overview:

️· These are Serial Flash memory devices, meaning they use a serial communication protocol (SPI).
️· They come in two variants: GD25LD40C and GD25LD20C, with slight differences in IDs (explained later).
️· They support various operations including reading, writing, erasing, and status register manipulation.

2. Core Commands & Functions:

️· Write Enable (WREN) (06H): *Essential* to initiate any write operations (Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register). Sets the Write Enable Latch (WEL) to 1.
️· Write Disable (WRDI) (04H): Resets the Write Enable Latch (WEL) to 0. This happens automatically after write operations complete.
️· Read Status Register (RDSR) (05H): Reads the status register, allowing monitoring of operations like the Write In Progress (WIP) flag.
️· Write Status Register (WRSR) (01H): Modifies the status register. Used to configure block protection, set the SRP bit (Hardware Protection), and generally manage device configuration. *Requires* the WEL to be set first.
️· Read Data Bytes (READ) (03H): Reads data from memory. Supports continuous reading.
️· Fast Read (0BH): Reads data at a higher speed.
️· Release From Deep Power-Down (ABH): Exits the deep power-down mode and optionally reads device ID.

3. Important Considerations/Rules:

️· WEL is Required: Before any write operation, the WEL bit *must* be set using WREN.
️· WRSR Impact: WRSR automatically resets the WEL bit after execution.
️· Status Register bits S6 and S5 are fixed as 0.
️· RDSR during write cycles: Can be used to check WIP flag.
️· Timing: Pay close attention to timing diagrams in the documentation for correct sequencing.

4. Device ID Differences (Important for identification):

️· GD25LD40C:
- Read Identification (9FH): M7-M0 = C8, ID15-ID8 = 60, ID7-ID0 = 13
- Manufacturer/Device ID (90H): M7-M0 = C8, ID7-ID0 = 12
- Release From Deep Power-Down (ABH): MID7-MID0 = 12
️· GD25LD20C:
- Read Identification (9FH): M7-M0 = C8, ID15-ID8 = 60, ID7-ID0 = 12
- Manufacturer/Device ID (90H): M7-M0 = C8, ID7-ID0 = 11
- Release From Deep Power-Down (ABH): MID7-MID0 = 11

5. Hardware Protection:

️· Can be enabled using the Write Status Register (WRSR) command.
️· When enabled, certain write operations are blocked.
️· This provides an extra layer of security against accidental or malicious writes.

Key Takeaway: The GD25LD40C and GD20C flash memories are designed to work with specific commands that govern write access. Understanding how to properly use these commands is essential for correct and reliable operation of the device. Always consult the official datasheet for accurate timing specifications and the most up-to-date information.
GD25LD40CQIG Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25LD40CQIG Datasheet.
    Example questions: ➤ Describe the sequence of operations required to write a new value to the status register, including any necessary preconditions and what happens after the operation completes.➤ Explain the difference between the 'read data bytes' (03h) and 'fast read' (0bh) commands, focusing on what additional byte is required by the fast read command and why it's used.➤ How does the interaction of the write enable (wren) command, the block protect (bp0, bp1, bp2) bits in the status register, and the write status register (wrsr) command work together to control write access to different sections of the flash memory?
  • Datasheet Details
    Part No.GD25LD40CQIG
    ManufacturerGIGADEVICE
    Size963 Kbytes
    Pages46 pages
    DescriptionUniform Sector Standard and Dual Serial Flash
    Datasheet Summary AI Expand summary
    1. Device Overview:

    ️· These are Serial Flash memory devices, meaning they use a serial communication protocol (SPI).
    ️· They come in two variants: GD25LD40C and GD25LD20C, with slight differences in IDs (explained later).
    ️· They support various operations including reading, writing, erasing, and status register manipulation.

    2. Core Commands & Functions:

    ️· Write Enable (WREN) (06H): *Essential* to initiate any write operations (Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register). Sets the Write Enable Latch (WEL) to 1.
    ️· Write Disable (WRDI) (04H): Resets the Write Enable Latch (WEL) to 0. This happens automatically after write operations complete.
    ️· Read Status Register (RDSR) (05H): Reads the status register, allowing monitoring of operations like the Write In Progress (WIP) flag.
    ️· Write Status Register (WRSR) (01H): Modifies the status register. Used to configure block protection, set the SRP bit (Hardware Protection), and generally manage device configuration. *Requires* the WEL to be set first.
    ️· Read Data Bytes (READ) (03H): Reads data from memory. Supports continuous reading.
    ️· Fast Read (0BH): Reads data at a higher speed.
    ️· Release From Deep Power-Down (ABH): Exits the deep power-down mode and optionally reads device ID.

    3. Important Considerations/Rules:

    ️· WEL is Required: Before any write operation, the WEL bit *must* be set using WREN.
    ️· WRSR Impact: WRSR automatically resets the WEL bit after execution.
    ️· Status Register bits S6 and S5 are fixed as 0.
    ️· RDSR during write cycles: Can be used to check WIP flag.
    ️· Timing: Pay close attention to timing diagrams in the documentation for correct sequencing.

    4. Device ID Differences (Important for identification):

    ️· GD25LD40C:
    - Read Identification (9FH): M7-M0 = C8, ID15-ID8 = 60, ID7-ID0 = 13
    - Manufacturer/Device ID (90H): M7-M0 = C8, ID7-ID0 = 12
    - Release From Deep Power-Down (ABH): MID7-MID0 = 12
    ️· GD25LD20C:
    - Read Identification (9FH): M7-M0 = C8, ID15-ID8 = 60, ID7-ID0 = 12
    - Manufacturer/Device ID (90H): M7-M0 = C8, ID7-ID0 = 11
    - Release From Deep Power-Down (ABH): MID7-MID0 = 11

    5. Hardware Protection:

    ️· Can be enabled using the Write Status Register (WRSR) command.
    ️· When enabled, certain write operations are blocked.
    ️· This provides an extra layer of security against accidental or malicious writes.

    Key Takeaway: The GD25LD40C and GD20C flash memories are designed to work with specific commands that govern write access. Understanding how to properly use these commands is essential for correct and reliable operation of the device. Always consult the official datasheet for accurate timing specifications and the most up-to-date information.