Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25LE128DVEG
MfrGIGADEVICE
Size1Mb
Pages78 pages
Description1.8V Uniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
1. Core Functionality & Features

️· Flash Memory: This document describes a 1.8V uniform sector flash memory device (GD25LE128).
️· Status Register: A crucial part of the device's operation, controlling write protection and providing information on the device's state.
️· Write in Progress (WIP): Indicates if the device is busy with programming or erase operations.
️· Write Enable Latch (WEL): Determines if writes are allowed.
️· Block Protection (BP4-BP0): Defines protected memory regions against program and erase commands.

2. Block Protection (BP4-BP0) Details:

️· These bits are non-volatile and control software protection.
️· Setting these bits to '1' protects specific memory areas from write operations.
️· The exact regions protected depend on the values of these bits, as outlined in Table 1 (different protections for CMP=0 and CMP=1).
️· Chip Erase functionality is also affected by these bits.

3. Status Register Protection (SRP1, SRP0):

️· These bits control how the Status Register itself can be written.
️· They offer different protection levels:
- Software Protected (0,0): Standard operation.
- Hardware Protected (0,1) with #WP=0: Status Register locked by #WP.
- Hardware Unprotected (0,1) with #WP=1: Status Register can be written to after a Write Enable command.
- Power Supply Lock-Down (1,0): Requires power cycle to reset.
- One-Time Programmable (1,1): Status Register permanently protected (requires special order).

4. Important Tables & Resources

️· Table 1 (and Table 1A): Crucial for understanding the relationship between the BP4-BP0 bits and the memory areas they protect.
️· Status Register Bit Definitions Table: Explains the meaning of all bits in the Status Register.



Overall, the document focuses on the programming and status management of a flash memory chip, with emphasis on the control of write operations through the Block Protection and Status Register Protection mechanisms.
GD25LE128DVEG Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25LE128DVEG Datasheet.
    Example questions: ➤ How does setting the cmp bit in the status register affect the range of memory that can be erased using the chip erase command, and what is the impact of different bp4-bp0 settings in conjunction with the cmp bit?➤ What are the different modes of operation for the status register protection (srp1, srp0) and how does the hardware protected mode (srp1=0, srp0=1) specifically affect write access to the status register?➤ Describe the function of the wip (write in progress) bit in the status register and explain how it helps in managing communication with the flash memory.
  • Datasheet Details
    Part No.GD25LE128DVEG
    ManufacturerGIGADEVICE
    Size1Mb
    Pages78 pages
    Description1.8V Uniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    1. Core Functionality & Features

    ️· Flash Memory: This document describes a 1.8V uniform sector flash memory device (GD25LE128).
    ️· Status Register: A crucial part of the device's operation, controlling write protection and providing information on the device's state.
    ️· Write in Progress (WIP): Indicates if the device is busy with programming or erase operations.
    ️· Write Enable Latch (WEL): Determines if writes are allowed.
    ️· Block Protection (BP4-BP0): Defines protected memory regions against program and erase commands.

    2. Block Protection (BP4-BP0) Details:

    ️· These bits are non-volatile and control software protection.
    ️· Setting these bits to '1' protects specific memory areas from write operations.
    ️· The exact regions protected depend on the values of these bits, as outlined in Table 1 (different protections for CMP=0 and CMP=1).
    ️· Chip Erase functionality is also affected by these bits.

    3. Status Register Protection (SRP1, SRP0):

    ️· These bits control how the Status Register itself can be written.
    ️· They offer different protection levels:
    - Software Protected (0,0): Standard operation.
    - Hardware Protected (0,1) with #WP=0: Status Register locked by #WP.
    - Hardware Unprotected (0,1) with #WP=1: Status Register can be written to after a Write Enable command.
    - Power Supply Lock-Down (1,0): Requires power cycle to reset.
    - One-Time Programmable (1,1): Status Register permanently protected (requires special order).

    4. Important Tables & Resources

    ️· Table 1 (and Table 1A): Crucial for understanding the relationship between the BP4-BP0 bits and the memory areas they protect.
    ️· Status Register Bit Definitions Table: Explains the meaning of all bits in the Status Register.



    Overall, the document focuses on the programming and status management of a flash memory chip, with emphasis on the control of write operations through the Block Protection and Status Register Protection mechanisms.