Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25VQ40C
MfrGIGADEVICE
Size1Mb
Pages56 pages
DescriptionUniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
1. Overview:

️· This document details the status register of the GD25VQ40C flash memory device. This register controls and reflects the device's operating state, including protection mechanisms, and enables/disables special features.

2. Key Features and Functionality

️· Quad Operation: Controlled by the `QE` (Quad Enable) bit. When `QE = 0` (default), WP# and HOLD# pins are enabled. When `QE = 1`, Quad IO2 and IO3 pins are enabled. Setting `QE=1` is best avoided if the WP# or HOLD# pins are tied directly to power or ground to avoid short circuits.
️· Block Protection: `BP4, BP3, BP2, BP1, BP0` bits define protected memory areas. These prevent Program and Erase commands in the specified regions.
️· Status Register Protection (SRP): `SRP1, SRP0` bits control how the status register itself can be modified:
- `0,0`: Software protected (normal operation)
- `0,1`: Hardware protected (WP#=0 locks the register)
- `0,1`: Hardware unprotected (WP#=1 allows writing)
- `1,0`: Power Supply Lock-Down (requires power cycle to revert)
- `1,1`: One-Time Programmable (register becomes permanently read-only)
️· Write-in-Progress (WIP): Indicates if a program/erase/write operation is currently in progress.
️· Write Enable Latch (WEL): Must be set to 1 before any write operations (WRSR, PP, SE, BE) can be performed.
️· CMP (Compatibility Mode): Used in conjunction with BP4-BP0 bits for more flexible memory protection options.
️· LB (Lock Bit): A one-time programmable bit that locks security registers.
️· HPF (High Performance Flag): Indicates if the device is in High Performance Mode.
️· SUS (Suspend Bit): Indicates a suspend operation is in progress.

3. Important Notes and Considerations:

️· One-Time Programmable (OTP) Features: The `LB` and certain SRP combinations are OTP – they cannot be changed after being set.
️· Power Supply Lock-Down: The `1,0` SRP combination provides a robust lock-down mechanism requiring a full power cycle to reset.
️· CMP Interaction: The `CMP` bit significantly impacts how the block protection mechanism functions. Refer to the documentation's table for details.
️· Default State: Always check the default state of bits during initialization to ensure correct operation.



This summary helps understand how to control and monitor the GD25VQ40C's behavior. Let me know if you have more specific questions about any of the aspects described.
GD25VQ40C Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25VQ40C Datasheet.
    Example questions: ➤ What happens when the 'wip' bit in the status register is set to '1'?➤ What are the different states achievable by setting the 'srp1' and 'srp0' bits, and how does setting them influence the write protection of the status register?➤ Explain the function of the 'cmp' bit and how it interacts with the 'bp4-bp0' bits to affect memory protection.
  • Datasheet Details
    Part No.GD25VQ40C
    ManufacturerGIGADEVICE
    Size1Mb
    Pages56 pages
    DescriptionUniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    1. Overview:

    ️· This document details the status register of the GD25VQ40C flash memory device. This register controls and reflects the device's operating state, including protection mechanisms, and enables/disables special features.

    2. Key Features and Functionality

    ️· Quad Operation: Controlled by the `QE` (Quad Enable) bit. When `QE = 0` (default), WP# and HOLD# pins are enabled. When `QE = 1`, Quad IO2 and IO3 pins are enabled. Setting `QE=1` is best avoided if the WP# or HOLD# pins are tied directly to power or ground to avoid short circuits.
    ️· Block Protection: `BP4, BP3, BP2, BP1, BP0` bits define protected memory areas. These prevent Program and Erase commands in the specified regions.
    ️· Status Register Protection (SRP): `SRP1, SRP0` bits control how the status register itself can be modified:
    - `0,0`: Software protected (normal operation)
    - `0,1`: Hardware protected (WP#=0 locks the register)
    - `0,1`: Hardware unprotected (WP#=1 allows writing)
    - `1,0`: Power Supply Lock-Down (requires power cycle to revert)
    - `1,1`: One-Time Programmable (register becomes permanently read-only)
    ️· Write-in-Progress (WIP): Indicates if a program/erase/write operation is currently in progress.
    ️· Write Enable Latch (WEL): Must be set to 1 before any write operations (WRSR, PP, SE, BE) can be performed.
    ️· CMP (Compatibility Mode): Used in conjunction with BP4-BP0 bits for more flexible memory protection options.
    ️· LB (Lock Bit): A one-time programmable bit that locks security registers.
    ️· HPF (High Performance Flag): Indicates if the device is in High Performance Mode.
    ️· SUS (Suspend Bit): Indicates a suspend operation is in progress.

    3. Important Notes and Considerations:

    ️· One-Time Programmable (OTP) Features: The `LB` and certain SRP combinations are OTP – they cannot be changed after being set.
    ️· Power Supply Lock-Down: The `1,0` SRP combination provides a robust lock-down mechanism requiring a full power cycle to reset.
    ️· CMP Interaction: The `CMP` bit significantly impacts how the block protection mechanism functions. Refer to the documentation's table for details.
    ️· Default State: Always check the default state of bits during initialization to ensure correct operation.



    This summary helps understand how to control and monitor the GD25VQ40C's behavior. Let me know if you have more specific questions about any of the aspects described.