Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25VQ80CSIG
MfrGIGADEVICE
Size1Mb
Pages55 pages
DescriptionUniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
1. Overview:

️· The document is an excerpt from the GD25VQ80C Flash memory datasheet.
️· It covers functionality related to status register bits, block protection, hardware protection, and quad mode operation.

2. Status Register Bits (Table Summary):


Bit Name Description
S15 SUS Erase/Program Suspend status (set by Erase/Program Suspend command; cleared by Erase/Program Resume)
S14 CMP Chip Mode Protection bit. Works with BP4-BP0 for array protection (default: 0).
S13 HPF High Performance Flag (HPM). 1=HPM enabled; 0=not enabled (default).
S12-S11 Reserved Reserved for future use.
S10 LB Security Register Lock-down bit (OTP). 1=Security Registers read-only. (Default: 0)
S9 QE Quad Enable bit. 0=WP# and HOLD# enabled; 1=Quad IO2 and IO3 enabled. Should not be set to 3 during standard SPI or Dual SPI operation.
S8 SRP1 Status Register Protection bit 1. Part of hardware protection scheme. (See SRP Table below)
S7 SRP0 Status Register Protection bit 0. Part of hardware protection scheme. (See SRP Table below)
S6-S5 Reserved Reserved for future use.
S4 BP1 Block Protection bit 1. Software protection of memory blocks.
S3 BP0 Block Protection bit 0. Software protection of memory blocks.
S2-S1 BP4-BP3 Block Protection bits. Software protection of memory blocks.
S0 WIP Write In Progress. 1=busy; 0=idle.
S0 WEL Write Enable Latch. 1=enabled; 0=disabled.

3. Status Register Protection (SRP) Table:

This table explains how the SRP1 and SRP0 bits affect the write protection status.

SRP1 SRP0 #WP (WP# pin) Status Register Description
0 0 X Software Protected Status Register writable after Write Enable command (WEL=1). (Default)
0 1 0 Hardware Protected Status Register locked and cannot be written to when WP# is low.
0 1 1 Hardware Unprotected Status Register unlocked and writable after Write Enable command (WEL=1)
1 0 X Power Supply Lock-Down Status Register protected; requires Power-Down/Power-Up to change.
1 1 X One Time Program Status Register permanently protected.

4. Block Protection:

️· The BP4-BP0 bits are non-volatile bits that define protected memory blocks.
️· When set to '1', these blocks are protected from Program, Erase, and certain write commands.
️· They can only be written with a Write Status Register command if hardware protection isn't enabled.

5. Quad Mode Operation:

️· Controlled by the QE (Quad Enable) bit.
️· When QE=0, the WP# (Write Protect) and HOLD# pins are active.
️· When QE=1, Quad IO2 and IO3 are enabled.
️· Important Caution: Do not set QE=1 during standard SPI or Dual SPI operation if the WP# or HOLD# pins are connected to power or ground.
GD25VQ80CSIG Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25VQ80CSIG Datasheet.
    Example questions: ➤ What does the wip bit indicate, and what are the two possible states and their meanings?➤ Explain the function of the qe bit and what should *not* be done if it’s set to 1 during standard spi or dual spi operation.➤ What happens when the srp1 and srp0 bits are set to (1, 0)?
  • Datasheet Details
    Part No.GD25VQ80CSIG
    ManufacturerGIGADEVICE
    Size1Mb
    Pages55 pages
    DescriptionUniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    1. Overview:

    ️· The document is an excerpt from the GD25VQ80C Flash memory datasheet.
    ️· It covers functionality related to status register bits, block protection, hardware protection, and quad mode operation.

    2. Status Register Bits (Table Summary):


    Bit Name Description
    S15 SUS Erase/Program Suspend status (set by Erase/Program Suspend command; cleared by Erase/Program Resume)
    S14 CMP Chip Mode Protection bit. Works with BP4-BP0 for array protection (default: 0).
    S13 HPF High Performance Flag (HPM). 1=HPM enabled; 0=not enabled (default).
    S12-S11 Reserved Reserved for future use.
    S10 LB Security Register Lock-down bit (OTP). 1=Security Registers read-only. (Default: 0)
    S9 QE Quad Enable bit. 0=WP# and HOLD# enabled; 1=Quad IO2 and IO3 enabled. Should not be set to 3 during standard SPI or Dual SPI operation.
    S8 SRP1 Status Register Protection bit 1. Part of hardware protection scheme. (See SRP Table below)
    S7 SRP0 Status Register Protection bit 0. Part of hardware protection scheme. (See SRP Table below)
    S6-S5 Reserved Reserved for future use.
    S4 BP1 Block Protection bit 1. Software protection of memory blocks.
    S3 BP0 Block Protection bit 0. Software protection of memory blocks.
    S2-S1 BP4-BP3 Block Protection bits. Software protection of memory blocks.
    S0 WIP Write In Progress. 1=busy; 0=idle.
    S0 WEL Write Enable Latch. 1=enabled; 0=disabled.

    3. Status Register Protection (SRP) Table:

    This table explains how the SRP1 and SRP0 bits affect the write protection status.

    SRP1 SRP0 #WP (WP# pin) Status Register Description
    0 0 X Software Protected Status Register writable after Write Enable command (WEL=1). (Default)
    0 1 0 Hardware Protected Status Register locked and cannot be written to when WP# is low.
    0 1 1 Hardware Unprotected Status Register unlocked and writable after Write Enable command (WEL=1)
    1 0 X Power Supply Lock-Down Status Register protected; requires Power-Down/Power-Up to change.
    1 1 X One Time Program Status Register permanently protected.

    4. Block Protection:

    ️· The BP4-BP0 bits are non-volatile bits that define protected memory blocks.
    ️· When set to '1', these blocks are protected from Program, Erase, and certain write commands.
    ️· They can only be written with a Write Status Register command if hardware protection isn't enabled.

    5. Quad Mode Operation:

    ️· Controlled by the QE (Quad Enable) bit.
    ️· When QE=0, the WP# (Write Protect) and HOLD# pins are active.
    ️· When QE=1, Quad IO2 and IO3 are enabled.
    ️· Important Caution: Do not set QE=1 during standard SPI or Dual SPI operation if the WP# or HOLD# pins are connected to power or ground.