Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP7612AP Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MP7612AP Datasheet

  • # Example questions: ➢ What is the typical output settling time for the mp7610 family, as demonstrated in graph 1, given a load capacitance of 500pf?
    ➢ What is the ideal output voltage for an input code of 7ff (hexadecimal) with a vref of 5v?
    ➢ What is the basic pitch (e) in millimeters?

  • Part No.MP7612AP
    ManufacturerEXAR
    Size231 Kbytes
    Pages20 pages
    DescriptionOctal 12-Bit DAC Array D/A Converter with Output Amplifier and Serial Data/Address uP Control Logic
    Datasheet Summary with AI

    1. Overview

    ️· The MP7612 is a 12-bit digital-to-analog converter (DAC) family designed for precision control and instrumentation applications.
    ️· It's part of the MP7610 family (MP7610, MP7611, MP7612), suggesting similar architectures.
    ️· It's a mixed-signal device, likely incorporating other functionalities along with the DAC.
    ️· It's intended for serial interface communication and control.
    ️· It appears to be targeted towards microprocessor-controlled systems (e.g., MC6800, 8085).

    2. Features

    ️· 12-bit Resolution: Provides good accuracy and detail in analog output.
    ️· Serial Interface: Supports communication with microprocessors. Specifically mentions interfaces with MC6800 and 8085.
    ️· Multiple DAC Channels: Implies that the device contains several independent DACs. The datasheet mentions DACs 0, 1, and 2.
    ️· Programmable Output Voltages: The output voltage range can be programmed, suggesting adjustable reference voltages or other configuration options.
    ️· Adjustable Output Current: Has programmable output currents.
    ️· Fast Settling Time: Fast settling time allows for quick changes in the analog output.
    ️· Precision and Accuracy: High linearity and low noise.
    ️· Programmable Reference Voltages Allows for flexibility in controlling the output range.

    3. Electrical Characteristics (Key Values - Refer to the datasheet for full details and conditions)

    ️· Supply Voltages: VRI1, VRI2, VOI1, VOI2 (Range between -11V and 9V)
    ️· Reference Voltages: Programmable reference voltages. VREF.
    ️· Analog Output Range: Can be configured. Programmable.
    ️· Digital Input Voltages: VRI and VOI levels.
    ️· Current Output Range: Programmable.
    ️· Settling Time: Fast settling time, typically in the microseconds range (e.g., 50µs/division).
    ️· Input Bias Current: Relatively low, which is important for precision.
    ️· Output Impedance: Relatively low.
    ️· Digital Input Logic Levels: Defined for proper communication.

    4. Performance Characteristics (Key Values - See the datasheet for comprehensive details and testing conditions)

    ️· Linearity: Excellent linearity, a critical factor for accuracy. INL (Integral Non-Linearity) and DNL (Differential Non-Linearity) are specified.
    ️· Accuracy: High accuracy.
    ️· Settling Time: Fast settling time, essential for dynamic control applications. The datasheet provides graphs of settling time response.
    ️· Noise: Low noise performance.

    5. Package Information (PLCC – Plastic Leaded Chip Carrier)

    ️· PLCC Size: 44-lead PLCC.
    ️· Dimensions: Detailed dimensional information for the PLCC is provided in a table. Key dimensions include overall size, lead spacing, and lead dimensions.

    Notes & Considerations

    ️· Interface Complexity: Requires careful attention to the serial interface timing and control signals. The MC6800 and 8085 interface diagrams are essential for proper integration.
    ️· Reference Voltage Configuration: The choice of reference voltage significantly affects the analog output range and accuracy. Proper configuration is vital.
    ️· Power Supply Requirements: The supply voltages are not standard and require special attention during design.
    ️· Datasheet Diagrams: The diagrams (interface diagrams, settling time graphs, etc.) are vital for understanding the device's operation and integration.
    ️· The full datasheet contains many details that I have not included. This summary provides a high-level overview.

    1. Overview

    ️· The MP7612 is a 12-bit digital-to-analog converter (DAC) family designed for precision control and instrumentation applications.
    ️· It's part of the MP7610 family (MP7610, MP7611, MP7612), suggesting similar architectures.
    ️· It's a mixed-signal device, likely incorporating other functionalities along with the DAC.
    ️· It's intended for serial interface communication and control.
    ️· It appears to be targeted towards microprocessor-controlled systems (e.g., MC6800, 8085).

    2. Features

    ️· 12-bit Resolution: Provides good accuracy and detail in analog output.
    ️· Serial Interface: Supports communication with microprocessors. Specifically mentions interfaces with MC6800 and 8085.
    ️· Multiple DAC Channels: Implies that the device contains several independent DACs. The datasheet mentions DACs 0, 1, and 2.
    ️· Programmable Output Voltages: The output voltage range can be programmed, suggesting adjustable reference voltages or other configuration options.
    ️· Adjustable Output Current: Has programmable output currents.
    ️· Fast Settling Time: Fast settling time allows for quick changes in the analog output.
    ️· Precision and Accuracy: High linearity and low noise.
    ️· Programmable Reference Voltages Allows for flexibility in controlling the output range.

    3. Electrical Characteristics (Key Values - Refer to the datasheet for full details and conditions)

    ️· Supply Voltages: VRI1, VRI2, VOI1, VOI2 (Range between -11V and 9V)
    ️· Reference Voltages: Programmable reference voltages. VREF.
    ️· Analog Output Range: Can be configured. Programmable.
    ️· Digital Input Voltages: VRI and VOI levels.
    ️· Current Output Range: Programmable.
    ️· Settling Time: Fast settling time, typically in the microseconds range (e.g., 50µs/division).
    ️· Input Bias Current: Relatively low, which is important for precision.
    ️· Output Impedance: Relatively low.
    ️· Digital Input Logic Levels: Defined for proper communication.

    4. Performance Characteristics (Key Values - See the datasheet for comprehensive details and testing conditions)

    ️· Linearity: Excellent linearity, a critical factor for accuracy. INL (Integral Non-Linearity) and DNL (Differential Non-Linearity) are specified.
    ️· Accuracy: High accuracy.
    ️· Settling Time: Fast settling time, essential for dynamic control applications. The datasheet provides graphs of settling time response.
    ️· Noise: Low noise performance.

    5. Package Information (PLCC – Plastic Leaded Chip Carrier)

    ️· PLCC Size: 44-lead PLCC.
    ️· Dimensions: Detailed dimensional information for the PLCC is provided in a table. Key dimensions include overall size, lead spacing, and lead dimensions.

    Notes & Considerations

    ️· Interface Complexity: Requires careful attention to the serial interface timing and control signals. The MC6800 and 8085 interface diagrams are essential for proper integration.
    ️· Reference Voltage Configuration: The choice of reference voltage significantly affects the analog output range and accuracy. Proper configuration is vital.
    ️· Power Supply Requirements: The supply voltages are not standard and require special attention during design.
    ️· Datasheet Diagrams: The diagrams (interface diagrams, settling time graphs, etc.) are vital for understanding the device's operation and integration.
    ️· The full datasheet contains many details that I have not included. This summary provides a high-level overview.

    Part No.MP7612AP
    ManufacturerEXAR
    Size231 Kbytes
    Pages20 pages
    DescriptionOctal 12-Bit DAC Array D/A Converter with Output Amplifier and Serial Data/Address uP Control Logic
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com