Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IXTH90N15T Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about IXTH90N15T Datasheet

  • # Example questions: ➢ How does the junction-to-case thermal resistance affect heat dissipation from this device?
    ➢ What is the typical drain-source on-resistance when the gate-source voltage is 10v and the drain current is 45a?
    ➢ What is the maximum continuous drain current this mosfet can handle?

  • Part No.IXTH90N15T
    ManufacturerISC
    Size383 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor
    Datasheet Summary with AI

    # IXTH90N15T N-Channel MOSFET Transistor

    ## Features

    · RDS(on) ≤ 20mΩ @ VGS = 10V
    · Fully characterized avalanche voltage and current
    · 100% avalanche tested
    · Designed for robust device performance and reliable operation

    ## Absolute Maximum Ratings (Ta = 25℃)

    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 150 V
    VGS Gate-Source Voltage ±30 V
    ID Drain Current-Continuous 90 A
    IDM Drain Current-Single Pulsed 250 A
    PD Total Dissipation @ TC=25℃ 455 W
    Tj Operating Junction Temperature -55~175
    Tstg Storage Temperature -55~175

    ## Thermal Characteristics

    SYMBOL PARAMETER MAX UNIT
    Rth(j-c) Junction-to-case thermal resistance 0.33 ℃/W

    ## Electrical Characteristics (TC=25℃)

    SYMBOL PARAMETER CONDITIONS MIN MAX UNIT
    BVDSS Drain-Source Breakdown Voltage VGS= 0V; ID = 250μA 150 V
    VGS(th) Gate Threshold Voltage VDS= VGS; ID = 1mA 2.5 4.5 V
    RDS(on) Drain-Source On-Resistance VGS=10V; ID= 45A 20
    IGSS Gate-Source Leakage Current VGS= ±20V;VDS=0V ±200 nA
    IDSS Drain-Source Leakage Current VDS= VDSS; VGS= 0V 5 μA
    VSD Diode forward voltage IF= 50A; VGS = 0V 1.2 V

    ## Application

    · DC/DC Converters
    · High Speed Power Switching Applications

    ## Notice

    · ISC website: [www.iscsemi.cn](http://www.iscsemi.cn)
    · Not designed for hazardous environments, aerospace, or medical applications. Contact ISC for specialized applications.
    · ISC disclaims any liability arising from product use.

    # IXTH90N15T N-Channel MOSFET Transistor

    ## Features

    · RDS(on) ≤ 20mΩ @ VGS = 10V
    · Fully characterized avalanche voltage and current
    · 100% avalanche tested
    · Designed for robust device performance and reliable operation

    ## Absolute Maximum Ratings (Ta = 25℃)

    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 150 V
    VGS Gate-Source Voltage ±30 V
    ID Drain Current-Continuous 90 A
    IDM Drain Current-Single Pulsed 250 A
    PD Total Dissipation @ TC=25℃ 455 W
    Tj Operating Junction Temperature -55~175
    Tstg Storage Temperature -55~175

    ## Thermal Characteristics

    SYMBOL PARAMETER MAX UNIT
    Rth(j-c) Junction-to-case thermal resistance 0.33 ℃/W

    ## Electrical Characteristics (TC=25℃)

    SYMBOL PARAMETER CONDITIONS MIN MAX UNIT
    BVDSS Drain-Source Breakdown Voltage VGS= 0V; ID = 250μA 150 V
    VGS(th) Gate Threshold Voltage VDS= VGS; ID = 1mA 2.5 4.5 V
    RDS(on) Drain-Source On-Resistance VGS=10V; ID= 45A 20
    IGSS Gate-Source Leakage Current VGS= ±20V;VDS=0V ±200 nA
    IDSS Drain-Source Leakage Current VDS= VDSS; VGS= 0V 5 μA
    VSD Diode forward voltage IF= 50A; VGS = 0V 1.2 V

    ## Application

    · DC/DC Converters
    · High Speed Power Switching Applications

    ## Notice

    · ISC website: [www.iscsemi.cn](http://www.iscsemi.cn)
    · Not designed for hazardous environments, aerospace, or medical applications. Contact ISC for specialized applications.
    · ISC disclaims any liability arising from product use.

    Part No.IXTH90N15T
    ManufacturerISC
    Size383 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com