Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.CCF-55412RFKR36
MfrVISHAY
Size161 Kbytes
Pages2 pages
DescriptionMetal Film Resistors, Industrial, 1% Tolerance
Datasheet SummaryAI
# CCF55, CCF60 Metal Film Resistors

## Features
· Power Ratings: 1/4, 1/2, 3/4, and 1 watt @ +70°C
· Tolerance: ±1%
· Temperature Coefficient: ±100 ppm/°C
· Flame retardant epoxy conformal coating
· 5 band color code marking
· Tape and reel packaging (52.4mm spacing)
· Lead (Pb)-Free versions available and RoHS Compliant

## Electrical Specifications
· Rated Dissipation (CCF55): 0.25/0.5W
· Rated Dissipation (CCF60): 0.5/0.75/1.0W
· Max Working Voltage (CCF55): ≤250V
· Max Working Voltage (CCF60): ≤500V
· Insulation Voltage: 500V (eff)
· Dielectric Strength: 450V AC
· Insulation Resistance: ≥10¹¹ Ω
· Operating Temperature: -65°C to +165°C

## Technical Specifications
· Terminal Strength (pull test): 2 lb
· CCF55 Weight: 0.35g max
· CCF60 Weight: 0.75g max

## Resistance & Packaging
· Resistance Range: 10R - 3.01M (CCF55), 10R - 1M (CCF60)
· E-Series: 96
· Packaging: Tape and Reel (5000pcs)
· Available in Sn/Pb and Sn (Lead-free) options

## Part Numbering
· New Format: CCF55301RFKR36
· Old Format: CCF-553010F
· Resistance code:
- Decimal: R
- Thousand: K
- Million: M
· Tolerance: F = ±1%
· Temperature Coefficient: K = 100ppm
· Lead Free: E36
· Tin/Lead: R36
CCF-55412RFKR36 Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about CCF-55412RFKR36 Datasheet.
    Example questions: ➤ What is the maximum length ('a') of a ccf60 resistor according to the provided dimensional data?➤ What does 'sn/pb' refer to in the context of the ccf55 resistor?➤ If a resistor has a part number including 'e36', what does this indicate about its composition based on the document's notes?
  • Datasheet Details
    Part No.CCF-55412RFKR36
    ManufacturerVISHAY
    Size161 Kbytes
    Pages2 pages
    DescriptionMetal Film Resistors, Industrial, 1% Tolerance
    Datasheet Summary AI Expand summary
    # CCF55, CCF60 Metal Film Resistors

    ## Features
    · Power Ratings: 1/4, 1/2, 3/4, and 1 watt @ +70°C
    · Tolerance: ±1%
    · Temperature Coefficient: ±100 ppm/°C
    · Flame retardant epoxy conformal coating
    · 5 band color code marking
    · Tape and reel packaging (52.4mm spacing)
    · Lead (Pb)-Free versions available and RoHS Compliant

    ## Electrical Specifications
    · Rated Dissipation (CCF55): 0.25/0.5W
    · Rated Dissipation (CCF60): 0.5/0.75/1.0W
    · Max Working Voltage (CCF55): ≤250V
    · Max Working Voltage (CCF60): ≤500V
    · Insulation Voltage: 500V (eff)
    · Dielectric Strength: 450V AC
    · Insulation Resistance: ≥10¹¹ Ω
    · Operating Temperature: -65°C to +165°C

    ## Technical Specifications
    · Terminal Strength (pull test): 2 lb
    · CCF55 Weight: 0.35g max
    · CCF60 Weight: 0.75g max

    ## Resistance & Packaging
    · Resistance Range: 10R - 3.01M (CCF55), 10R - 1M (CCF60)
    · E-Series: 96
    · Packaging: Tape and Reel (5000pcs)
    · Available in Sn/Pb and Sn (Lead-free) options

    ## Part Numbering
    · New Format: CCF55301RFKR36
    · Old Format: CCF-553010F
    · Resistance code:
    - Decimal: R
    - Thousand: K
    - Million: M
    · Tolerance: F = ±1%
    · Temperature Coefficient: K = 100ppm
    · Lead Free: E36
    · Tin/Lead: R36