Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ZL38040 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ZL38040 Datasheet

  • # Example questions: ➢ What are the key features of the zle38040 evaluation kit and how does it aid in evaluating the zl38040 audio processor?
    ➢ What types of acoustic echo cancellation does the zls38040 firmware support, and what is the maximum tail length supported?
    ➢ What are some of the power saving features of the zl38040, and what are its performance metrics for single and double talk tclw?

  • Part No.ZL38040
    ManufacturerMICROSEMI
    Size1Mb
    Pages6 pages
    DescriptionTimberwolf Digital Signal Processor family, powered by AcuEdge™ Technology
    Datasheet Summary with AI

    1. Overview & Purpose

    ️· Product: Microsemi ZL38040 audio processor, part of the Timberwolf Digital Signal Processor family.
    ️· Technology: Powered by Microsemi's AcuEdge™ Technology.
    ️· Purpose: Designed specifically for IP Speakerphones and telepresence systems.
    ️· Evaluation Kit: The ZLE38040 evaluation kit is available, along with software (MiTuner™ GUI).

    2. Key Features & Functionality

    ️· Acoustic Echo Cancellation (AEC): Supports wideband and narrowband AEC with up to 3 microphones, long tail AEC (up to 256ms). Includes G.168 Line Echo Canceller and non-linear echo cancellation.
    ️· Noise Reduction (NR): Advanced Psychoacoustic NR to reduce background noise.
    ️· Keypad Scanning: Supports a 7x7 keypad array.
    ️· Encoding/Decoding: Supports various options (16-bit 2’s complement, G.722, G.711 A/μ law).
    ️· Equalizers: 16-band (Narrowband) and 22-band (Wideband) send/receive equalizers.
    ️· Tone Generation: Programmable DTMF generation and reception, Caller ID detection, Call Progress tone detection.
    ️· Hardware Accelerators: DSP with voice hardware accelerators.
    ️· Connectivity: Dual DACs, TDM ports, SPI ports, UART, GPIO.
    ️· Firmware Updates: Can boot from SPI, UART, or Flash.

    3. Hardware Specifications

    ️· Package: 64-Pin QFN (9x9)
    ️· DAC Output: Capable of 4 single-ended or 2 differential outputs (32mW into 16 ohms).
    ️· Crystal-less Operation: Can operate without a crystal (with a valid TDM clock).
    ️· Power: Ultra-low and Standby off power.

    4. Performance Metrics

    ️· Single Talk TCLw: > 60 dB
    ️· Double Talk TCLw: > 40 dB
    ️· Double Talk Attenuation: < 3 dB
    ️· Noise Reduction: Up to 30 dB

    5. Software Tools & Support

    ️· MiTuner™ GUI: Software for automatic tuning of system parameters. Allows visual representation of audio paths and building blocks.
    ️· Evaluation Kit: ZLE38040BADA, includes USB cable, headset with extension cable, and speaker.
    ️· Audio Interface Box: Optional, for auto tuning (ZLE38470BADA)

    6. Important Notes

    ️· The product meets RoHS 2 Directive 2011/65/EU.
    ️· Specifications and information are subject to change without notice.
    ️· Not suitable for use in applications where failure could cause significant injury or death.

    1. Overview & Purpose

    ️· Product: Microsemi ZL38040 audio processor, part of the Timberwolf Digital Signal Processor family.
    ️· Technology: Powered by Microsemi's AcuEdge™ Technology.
    ️· Purpose: Designed specifically for IP Speakerphones and telepresence systems.
    ️· Evaluation Kit: The ZLE38040 evaluation kit is available, along with software (MiTuner™ GUI).

    2. Key Features & Functionality

    ️· Acoustic Echo Cancellation (AEC): Supports wideband and narrowband AEC with up to 3 microphones, long tail AEC (up to 256ms). Includes G.168 Line Echo Canceller and non-linear echo cancellation.
    ️· Noise Reduction (NR): Advanced Psychoacoustic NR to reduce background noise.
    ️· Keypad Scanning: Supports a 7x7 keypad array.
    ️· Encoding/Decoding: Supports various options (16-bit 2’s complement, G.722, G.711 A/μ law).
    ️· Equalizers: 16-band (Narrowband) and 22-band (Wideband) send/receive equalizers.
    ️· Tone Generation: Programmable DTMF generation and reception, Caller ID detection, Call Progress tone detection.
    ️· Hardware Accelerators: DSP with voice hardware accelerators.
    ️· Connectivity: Dual DACs, TDM ports, SPI ports, UART, GPIO.
    ️· Firmware Updates: Can boot from SPI, UART, or Flash.

    3. Hardware Specifications

    ️· Package: 64-Pin QFN (9x9)
    ️· DAC Output: Capable of 4 single-ended or 2 differential outputs (32mW into 16 ohms).
    ️· Crystal-less Operation: Can operate without a crystal (with a valid TDM clock).
    ️· Power: Ultra-low and Standby off power.

    4. Performance Metrics

    ️· Single Talk TCLw: > 60 dB
    ️· Double Talk TCLw: > 40 dB
    ️· Double Talk Attenuation: < 3 dB
    ️· Noise Reduction: Up to 30 dB

    5. Software Tools & Support

    ️· MiTuner™ GUI: Software for automatic tuning of system parameters. Allows visual representation of audio paths and building blocks.
    ️· Evaluation Kit: ZLE38040BADA, includes USB cable, headset with extension cable, and speaker.
    ️· Audio Interface Box: Optional, for auto tuning (ZLE38470BADA)

    6. Important Notes

    ️· The product meets RoHS 2 Directive 2011/65/EU.
    ️· Specifications and information are subject to change without notice.
    ️· Not suitable for use in applications where failure could cause significant injury or death.

    Part No.ZL38040
    ManufacturerMICROSEMI
    Size1Mb
    Pages6 pages
    DescriptionTimberwolf Digital Signal Processor family, powered by AcuEdge™ Technology
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com