| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about IXFK24N100F Datasheet
# Example questions:
➢ What is the maximum allowable drain current under continuous operation?
➢ How does the thermal resistance, junction to case, affect the device's operating temperature?
➢ What is the minimum drain-source breakdown voltage when the gate-source voltage is zero and the drain current is 1ma?
# isc N-Channel MOSFET Transistor IXFK24N100F
## Features
· Drain Current (ID): 24A @ TC = 25℃
· Drain-Source Voltage (VDSS): 1000V (Min)
· Static Drain-Source On-Resistance (RDS(on)): 0.39Ω (Max) @ VGS=10V
· 100% avalanche tested
· Minimum lot-to-lot variations
## Absolute Maximum Ratings (Ta=25℃)
| SYMBOL | PARAMETER | VALUE | UNIT |
|---|---|---|---|
| VDSS | Drain-Source Voltage | 1000 | V |
| VGS | Gate-Source Voltage-Continuous | ±20 | V |
| ID | Drain Current-Continuous | 24 | A |
| IDM | Drain Current-Single Pluse | 96 | A |
| PD | Total Dissipation @TC=25℃ | 560 | W |
| TJ | Max. Operating Junction Temperature | 150 | ℃ |
| Tstg | Storage Temperature | -55~150 | ℃ |
| SYMBOL | PARAMETER | MAX | UNIT |
|---|---|---|---|
| Rth j-c | Thermal Resistance, Junction to Case | 0.21 | ℃/W |
| SYMBOL | PARAMETER | CONDITIONS | MIN | MAX | UNIT |
|---|---|---|---|---|---|
| V(BR)DSS | Drain-Source Breakdown Voltage | VGS= 0; ID= 1mA | 1000 | -- | V |
| VGS(th) | Gate Threshold Voltage | VDS= VGS; ID= 8mA | 3.0 | 5.5 | V |
| RDS(on) | Drain-Source On-Resistance | VGS= 10V; ID= 12A | -- | 0.39 | Ω |
| IGSS | Gate-Body Leakage Current | VGS= ±20V; VDS= 0 | -- | ±200 | nA |
| IDSS | Zero Gate Voltage Drain Current | VDS= 1000V; VGS= 0 | -- | 100 | uA |
| VSD | Forward On-Voltage | IS= 24A; VGS= 0 | -- | 1.5 | V |
# isc N-Channel MOSFET Transistor IXFK24N100F
## Features
· Drain Current (ID): 24A @ TC = 25℃
· Drain-Source Voltage (VDSS): 1000V (Min)
· Static Drain-Source On-Resistance (RDS(on)): 0.39Ω (Max) @ VGS=10V
· 100% avalanche tested
· Minimum lot-to-lot variations
## Absolute Maximum Ratings (Ta=25℃)
| SYMBOL | PARAMETER | VALUE | UNIT |
|---|---|---|---|
| VDSS | Drain-Source Voltage | 1000 | V |
| VGS | Gate-Source Voltage-Continuous | ±20 | V |
| ID | Drain Current-Continuous | 24 | A |
| IDM | Drain Current-Single Pluse | 96 | A |
| PD | Total Dissipation @TC=25℃ | 560 | W |
| TJ | Max. Operating Junction Temperature | 150 | ℃ |
| Tstg | Storage Temperature | -55~150 | ℃ |
| SYMBOL | PARAMETER | MAX | UNIT |
|---|---|---|---|
| Rth j-c | Thermal Resistance, Junction to Case | 0.21 | ℃/W |
| SYMBOL | PARAMETER | CONDITIONS | MIN | MAX | UNIT |
|---|---|---|---|---|---|
| V(BR)DSS | Drain-Source Breakdown Voltage | VGS= 0; ID= 1mA | 1000 | -- | V |
| VGS(th) | Gate Threshold Voltage | VDS= VGS; ID= 8mA | 3.0 | 5.5 | V |
| RDS(on) | Drain-Source On-Resistance | VGS= 10V; ID= 12A | -- | 0.39 | Ω |
| IGSS | Gate-Body Leakage Current | VGS= ±20V; VDS= 0 | -- | ±200 | nA |
| IDSS | Zero Gate Voltage Drain Current | VDS= 1000V; VGS= 0 | -- | 100 | uA |
| VSD | Forward On-Voltage | IS= 24A; VGS= 0 | -- | 1.5 | V |
| Part No. | IXFK24N100F |
| Manufacturer | ISC |
| Size | 329 Kbytes |
| Pages | 2 pages |
| Description | isc N-Channel MOSFET Transistor |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |