Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STF817A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about STF817A Datasheet

  • # Example questions: ➢ What is the maximum total dissipation (ptot) for the stf817a when operating at an ambient temperature of 25°c?
    ➢ What is the typical dc current gain (hfe) of the stf817a when the collector current (ic) is 500ma?
    ➢ What package types are detailed in the datasheet, and what is the maximum value of rthj-amb for each?

  • Part No.STF817A
    ManufacturerSTMICROELECTRONICS
    Size61 Kbytes
    Pages9 pages
    DescriptionPNP MEDIUM POWER TRANSISTOR
    Datasheet Summary with AI

    ## Summary of the STF817A / STN817A Datasheet

    This document is a datasheet for the STF817A and STN817A NPN bipolar transistors. Here's a breakdown of the key information:

    Key Features & Applications:

    ️· Type: NPN Bipolar Transistor
    ️· Package: Available in SOT-223 and SOT-89 packages
    ️· Typical Applications: General purpose amplification and switching.

    Electrical Characteristics (Key Parameters):

    ️· Maximum Collector Current (IC): -1.5A
    ️· Maximum Collector-Emitter Voltage (VCEO): -80V
    ️· Maximum Base Current (IB): -0.3A
    ️· hFE (DC Current Gain): Typically 140 at -100mA collector current, reduces to around 30 at -1A.
    ️· Total Dissipation (PTOT): 1.6W (SOT-223) / 1.4W (SOT-89)

    Thermal Characteristics:

    ️· Thermal Resistance (Rthj-amb): 78°C/W (SOT-223) / 89°C/W (SOT-89)

    Key Highlights:

    ️· ECOPACK Packaging: These devices are available in lead-free packaging to meet environmental requirements.
    ️· Datasheet Version: This document is dated November 3, 2005, and represents revision 1 of the datasheet.

    In essence, the datasheet provides the specifications for these transistors, enabling engineers to determine if they are suitable for use in their designs.

    ## Summary of the STF817A / STN817A Datasheet

    This document is a datasheet for the STF817A and STN817A NPN bipolar transistors. Here's a breakdown of the key information:

    Key Features & Applications:

    ️· Type: NPN Bipolar Transistor
    ️· Package: Available in SOT-223 and SOT-89 packages
    ️· Typical Applications: General purpose amplification and switching.

    Electrical Characteristics (Key Parameters):

    ️· Maximum Collector Current (IC): -1.5A
    ️· Maximum Collector-Emitter Voltage (VCEO): -80V
    ️· Maximum Base Current (IB): -0.3A
    ️· hFE (DC Current Gain): Typically 140 at -100mA collector current, reduces to around 30 at -1A.
    ️· Total Dissipation (PTOT): 1.6W (SOT-223) / 1.4W (SOT-89)

    Thermal Characteristics:

    ️· Thermal Resistance (Rthj-amb): 78°C/W (SOT-223) / 89°C/W (SOT-89)

    Key Highlights:

    ️· ECOPACK Packaging: These devices are available in lead-free packaging to meet environmental requirements.
    ️· Datasheet Version: This document is dated November 3, 2005, and represents revision 1 of the datasheet.

    In essence, the datasheet provides the specifications for these transistors, enabling engineers to determine if they are suitable for use in their designs.

    Part No.STF817A
    ManufacturerSTMICROELECTRONICS
    Size61 Kbytes
    Pages9 pages
    DescriptionPNP MEDIUM POWER TRANSISTOR
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com