| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CDBF0145 Datasheet
# Example questions:
➢ How does the average forward current change as the ambient temperature increases, according to the provided curve?
➢ What is the typical leakage current when a reverse voltage of 10v is applied?
➢ What is the maximum allowable repetitive peak reverse voltage for this diode?
# CDBF0145 - SMD Schottky Barrier Diode
## Features
· Designed for small surface mounting.
· Thin/leadless package.
· Low leakage current (I<sub>R</sub> = 0.1uA typ. @V<sub>R</sub> = 10V).
· Majority carrier conduction.
## Mechanical Data
· Case: 1005 (2512) molded plastic package.
· Terminals: Gold plated, solderable per MIL-STD-750, method 2026.
· Polarity: Indicated by cathode band.
· Mounting position: Any.
· Weight: 0.006 gram (approximately).
## Maximum Ratings (TA = 25°C unless otherwise noted)
· Repetitive peak reverse voltage (VRRM): 50 V
· Reverse voltage (VR): 45 V
· Average forward current (Io): 100 mA
· Forward current surge peak (IFSM): 1 A (8.3 ms)
· Power dissipation (PD): 250 mW
· Storage temperature (TSTG): -40°C to +125°C
· Junction temperature (Tj): +125°C
## Electrical Characteristics (TA = 25°C unless otherwise noted)
· Forward voltage (VF @ IF = 100 mA): 0.55 V (typ)
· Reverse current (IR @ VR = 45 V): 1 uA (max)
· Capacitance between terminals (CT @ f = 1 MHz, VR = 10 VDC): 1 pF (typ)
# CDBF0145 - SMD Schottky Barrier Diode
## Features
· Designed for small surface mounting.
· Thin/leadless package.
· Low leakage current (I<sub>R</sub> = 0.1uA typ. @V<sub>R</sub> = 10V).
· Majority carrier conduction.
## Mechanical Data
· Case: 1005 (2512) molded plastic package.
· Terminals: Gold plated, solderable per MIL-STD-750, method 2026.
· Polarity: Indicated by cathode band.
· Mounting position: Any.
· Weight: 0.006 gram (approximately).
## Maximum Ratings (TA = 25°C unless otherwise noted)
· Repetitive peak reverse voltage (VRRM): 50 V
· Reverse voltage (VR): 45 V
· Average forward current (Io): 100 mA
· Forward current surge peak (IFSM): 1 A (8.3 ms)
· Power dissipation (PD): 250 mW
· Storage temperature (TSTG): -40°C to +125°C
· Junction temperature (Tj): +125°C
## Electrical Characteristics (TA = 25°C unless otherwise noted)
· Forward voltage (VF @ IF = 100 mA): 0.55 V (typ)
· Reverse current (IR @ VR = 45 V): 1 uA (max)
· Capacitance between terminals (CT @ f = 1 MHz, VR = 10 VDC): 1 pF (typ)
| Part No. | CDBF0145 |
| Manufacturer | COMCHIP |
| Size | 151 Kbytes |
| Pages | 2 pages |
| Description | SMD Schottky Barrier Diode |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |