| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CDBF0245 Datasheet
# Example questions:
➢ How is the polarity of this smd diode indicated on the component itself?
➢ What is the maximum repetitive peak reverse voltage that this diode can withstand?
➢ What is the typical leakage current of this diode when a reverse voltage of 10v is applied?
# CDBF0245 Schottky Barrier Diode
## Features
️· Designed for small surface mounting.
️· Thin/leadless package.
️· Low leakage current (I<sub>R</sub>=0.1uA typ. @V<sub>R</sub>=10V).
️· Majority carrier conduction.
Mechanical Data
️· Case: 1005 (2512) molded plastic.
️· Terminals: Gold plated, solderable per MIL-STD-750, method 2026.
️· Polarity: Indicated by cathode band.
️· Mounting position: Any.
️· Weight: 0.006 gram.
Maximum Ratings
| Parameter | Conditions | Min | Typ | Max | Unit |
| :--------------------------- | :-------------------------------------------- | :-: | :-: | :-: | :-: |
| Io | | | 200 | | mA |
| VR | | | | 45 | V |
| VRRM | 8.3 ms single half sine wave | | 300 | | V |
| IFSM | | | 3000| | A |
| PD | | | | 250 | mW |
| TSTG | | -40 | | 125 | C |
| T j | | | | 125 | C |
Electrical Characteristics
| Parameter | Conditions | Min | Typ | Max | Unit |
| :------------------ | :--------------- | :-: | :-: | :-: | :-: |
| VF | I<sub>F</sub>=200 mA DC | | 0.55 | | V |
| I<sub>R</sub> | V<sub>R</sub>=10 V | | 0.1 | | uA |
| C<sub>T</sub> | f=1MHz, 10VDC reverse voltage | | | 10 | pF |
# CDBF0245 Schottky Barrier Diode
## Features
️· Designed for small surface mounting.
️· Thin/leadless package.
️· Low leakage current (I<sub>R</sub>=0.1uA typ. @V<sub>R</sub>=10V).
️· Majority carrier conduction.
Mechanical Data
️· Case: 1005 (2512) molded plastic.
️· Terminals: Gold plated, solderable per MIL-STD-750, method 2026.
️· Polarity: Indicated by cathode band.
️· Mounting position: Any.
️· Weight: 0.006 gram.
Maximum Ratings
| Parameter | Conditions | Min | Typ | Max | Unit |
|---|---|---|---|---|---|
| Io | 200 | mA | |||
| VR | 45 | V | |||
| VRRM | 8.3 ms single half sine wave | 300 | V | ||
| IFSM | 3000 | A | |||
| PD | 250 | mW | |||
| TSTG | -40 | 125 | C | ||
| T j | 125 | C |
| Parameter | Conditions | Min | Typ | Max | Unit |
|---|---|---|---|---|---|
| VF | I<sub>F</sub>=200 mA DC | 0.55 | V | ||
| I<sub>R</sub> | V<sub>R</sub>=10 V | 0.1 | uA | ||
| C<sub>T</sub> | f=1MHz, 10VDC reverse voltage | 10 | pF |
| Part No. | CDBF0245 |
| Manufacturer | COMCHIP |
| Size | 151 Kbytes |
| Pages | 2 pages |
| Description | SMD Schottky Barrier Diode |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |