| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CDBFR0520L Datasheet
# Example questions:
➢ What is the maximum average forward rectified current this diode can handle at a temperature of 25 degrees celsius?
➢ What is the peak reverse voltage that this diode is rated for?
➢ What is the approximate weight of this diode?
# CDBFR0520L Schottky Barrier Diode
## Features
· Low forward voltage
· Designed for small surface mounting
· Extremely thin/leadless package
· Majority carrier conduction
## Electrical Characteristics (at TA=25°C unless otherwise noted)
· Forward Voltage (VF): 300-385 mV (IF = 100mA) to 220-330 mV (IF = 500mA)
· Reverse Current (IR): 75 uA
· Capacitance (CT): 170 pF (f = 1 MHz, V = 0 VDC)
· Average Forward Rectified Current (IO): 500 mA
· Reverse Voltage (VR): 20 V
· Peak Reverse Voltage (VRM): 20 V
· Forward Current, Surge Peak (IFSM): 5.5 A (8.3 ms)
· Reverse Recovery Time (Trr): 22 ns (IF = 100mA, Irr = 10mA, RL = 100ohm)
## Maximum Ratings
· Junction Temperature (Tj): +125°C
· Storage Temperature: -40°C to +125°C
· Peak Reverse Voltage: 20 V
## Mechanical Data
· Case: 1005 (2512) standard package, molded plastic.
· Terminals: Gold plated, solderable.
· Polarity: Indicated by cathode band.
· Mounting Position: Any
· Weight: 0.006 gram (approx.)
· Dimensions:
- 0.020 (0.50) Typ.
- 0.040 (1.00) Typ.
- 0.095 (2.40)
- 0.051 (1.30)
- 0.043 (1.10)
- 0.035 (0.90)
- 0.027 (0.70)
## Current Derating
· See Fig. 4 for current derating curve based on ambient temperature.
## Reverse Characteristics
· See Fig. 2 for reverse characteristics curve.
## Capacitance Characteristics
· See Fig. 3 for capacitance characteristics curve.
## Forward Characteristics
· See Fig. 1 for forward characteristics curve.
## RoHS Compliance
· Device is RoHS compliant.
# CDBFR0520L Schottky Barrier Diode
## Features
· Low forward voltage
· Designed for small surface mounting
· Extremely thin/leadless package
· Majority carrier conduction
## Electrical Characteristics (at TA=25°C unless otherwise noted)
· Forward Voltage (VF): 300-385 mV (IF = 100mA) to 220-330 mV (IF = 500mA)
· Reverse Current (IR): 75 uA
· Capacitance (CT): 170 pF (f = 1 MHz, V = 0 VDC)
· Average Forward Rectified Current (IO): 500 mA
· Reverse Voltage (VR): 20 V
· Peak Reverse Voltage (VRM): 20 V
· Forward Current, Surge Peak (IFSM): 5.5 A (8.3 ms)
· Reverse Recovery Time (Trr): 22 ns (IF = 100mA, Irr = 10mA, RL = 100ohm)
## Maximum Ratings
· Junction Temperature (Tj): +125°C
· Storage Temperature: -40°C to +125°C
· Peak Reverse Voltage: 20 V
## Mechanical Data
· Case: 1005 (2512) standard package, molded plastic.
· Terminals: Gold plated, solderable.
· Polarity: Indicated by cathode band.
· Mounting Position: Any
· Weight: 0.006 gram (approx.)
· Dimensions:
- 0.020 (0.50) Typ.
- 0.040 (1.00) Typ.
- 0.095 (2.40)
- 0.051 (1.30)
- 0.043 (1.10)
- 0.035 (0.90)
- 0.027 (0.70)
## Current Derating
· See Fig. 4 for current derating curve based on ambient temperature.
## Reverse Characteristics
· See Fig. 2 for reverse characteristics curve.
## Capacitance Characteristics
· See Fig. 3 for capacitance characteristics curve.
## Forward Characteristics
· See Fig. 1 for forward characteristics curve.
## RoHS Compliance
· Device is RoHS compliant.
| Part No. | CDBFR0520L |
| Manufacturer | COMCHIP |
| Size | 73 Kbytes |
| Pages | 2 pages |
| Description | SMD Schottky Barrier Diode |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |