Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EBACT2310H Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about EBACT2310H Datasheet

  • # Example questions: ➢ What is the maximum permissible operating temperature for this timer?
    ➢ What are the available time ranges when selecting the eba c t23 1m model?
    ➢ What is the rated insulation voltage for the output relay contacts?

  • Part No.EBACT2310H
    ManufacturerETC2
    Size29 Kbytes
    Pages2 pages
    DescriptionTimers Interval
    Datasheet Summary with AI

    # Timers Interval Type EBA

    ## General Features

    ️· Time range: 0.1 s to 10 h
    ️· Automatic start
    ️· Knob-adjustable time setting
    ️· Knob selection of time range
    ️· Oscillator-controlled time circuit
    ️· Repeatability deviation: ≤ 0.2%
    ️· Output: 5A SPDT
    ️· DIN-rail mounting (DIN/EN 150 022)
    ️· 22.5 mm Euronorm housing
    ️· LED indicators for relay and power supply ON
    ️· Combined AC and DC power supply

    ## Product Description and Ordering

    ️· Mono-function timer with selectable time ranges (0.1s to 1m or 1m to 10h)
    ️· Suitable for DIN-rail mounting
    ️· Ordering Key Example:
    - EBA C T23 1M: SPDT, 0.1s - 1m
    - EBA C T23 10H: SPDT, 1m - 10h

    ## Time Specifications

    ️· Time Ranges:
    - Type 1M: 0.1s - 1s, 1s - 10s, 0.1m - 1m
    - Type 10H: 1m - 10m, 0.1h - 1h, 1h - 10h
    ️· Time range accuracy: ±10%
    ️· Minimum actual time ≤ minimum set time (range 0.1s - 1 ≤ 0.15s)
    ️· Time variation: ≤ 0.05%/V (within rated power supply), ≤ 0.2%/°C

    ## Output Specifications

    ️· SPDT relay
    ️· Rated insulation voltage: 250 VAC
    ️· Contact ratings (AgCdO):
    - Resistive loads: AC 1 (5 A, 250 VAC), DC 1 (5 A, 24 VDC)
    - Small inductive loads: AC 15 (2 A, 250 VAC), DC 13 (3 A, 24 VDC)
    ️· Mechanical life: ≥ 40 x 10<sup>6</sup> operations
    ️· Electrical life: ≥ 10<sup>5</sup> operations
    ️· Operating frequency: ≤ 7200 operations/h
    ️· Dielectric strength: 2 kVAC (rms), Impulse withstand: 4 kV (1.2/50 µs)

    ## Supply Specifications & General Specifications

    ️· Overvoltage category: III (IEC 60664)
    ️· Rated operational voltage:
    - 24 VAC/DC: -10/+15%, 50/60 Hz, -5/+5 Hz
    - 115-230 VAC: -10/+15%, 50/60 Hz, -5/+5 Hz
    ️· Voltage interruption: ≤ 40 ms
    ️· Power ON delay: ≤ 200 ms
    ️· Power OFF delay: ≥ 200 ms
    ️· Degree of protection: IP 20
    ️· Pollution degree: 3
    ️· Operating temperature: -20°C to +50°C
    ️· Storage temperature: -50°C to +85°C
    ️· Weight: 125 g
    ️· Tightening torque (screw terminals): Max. 0.5 Nm
    ️· Approvals: UL, CSA, CE-marking

    ## Mode of Operation

    ️· Relay operates and time period starts with power supply.
    ️· Relay releases after set time.
    ️· Relay will not operate again until power is interrupted for at least 200 ms.
    ️· If power is interrupted before the time period expires, relay releases and time circuit resets.

    # Timers Interval Type EBA

    ## General Features

    ️· Time range: 0.1 s to 10 h
    ️· Automatic start
    ️· Knob-adjustable time setting
    ️· Knob selection of time range
    ️· Oscillator-controlled time circuit
    ️· Repeatability deviation: ≤ 0.2%
    ️· Output: 5A SPDT
    ️· DIN-rail mounting (DIN/EN 150 022)
    ️· 22.5 mm Euronorm housing
    ️· LED indicators for relay and power supply ON
    ️· Combined AC and DC power supply

    ## Product Description and Ordering

    ️· Mono-function timer with selectable time ranges (0.1s to 1m or 1m to 10h)
    ️· Suitable for DIN-rail mounting
    ️· Ordering Key Example:
    - EBA C T23 1M: SPDT, 0.1s - 1m
    - EBA C T23 10H: SPDT, 1m - 10h

    ## Time Specifications

    ️· Time Ranges:
    - Type 1M: 0.1s - 1s, 1s - 10s, 0.1m - 1m
    - Type 10H: 1m - 10m, 0.1h - 1h, 1h - 10h
    ️· Time range accuracy: ±10%
    ️· Minimum actual time ≤ minimum set time (range 0.1s - 1 ≤ 0.15s)
    ️· Time variation: ≤ 0.05%/V (within rated power supply), ≤ 0.2%/°C

    ## Output Specifications

    ️· SPDT relay
    ️· Rated insulation voltage: 250 VAC
    ️· Contact ratings (AgCdO):
    - Resistive loads: AC 1 (5 A, 250 VAC), DC 1 (5 A, 24 VDC)
    - Small inductive loads: AC 15 (2 A, 250 VAC), DC 13 (3 A, 24 VDC)
    ️· Mechanical life: ≥ 40 x 10<sup>6</sup> operations
    ️· Electrical life: ≥ 10<sup>5</sup> operations
    ️· Operating frequency: ≤ 7200 operations/h
    ️· Dielectric strength: 2 kVAC (rms), Impulse withstand: 4 kV (1.2/50 µs)

    ## Supply Specifications & General Specifications

    ️· Overvoltage category: III (IEC 60664)
    ️· Rated operational voltage:
    - 24 VAC/DC: -10/+15%, 50/60 Hz, -5/+5 Hz
    - 115-230 VAC: -10/+15%, 50/60 Hz, -5/+5 Hz
    ️· Voltage interruption: ≤ 40 ms
    ️· Power ON delay: ≤ 200 ms
    ️· Power OFF delay: ≥ 200 ms
    ️· Degree of protection: IP 20
    ️· Pollution degree: 3
    ️· Operating temperature: -20°C to +50°C
    ️· Storage temperature: -50°C to +85°C
    ️· Weight: 125 g
    ️· Tightening torque (screw terminals): Max. 0.5 Nm
    ️· Approvals: UL, CSA, CE-marking

    ## Mode of Operation

    ️· Relay operates and time period starts with power supply.
    ️· Relay releases after set time.
    ️· Relay will not operate again until power is interrupted for at least 200 ms.
    ️· If power is interrupted before the time period expires, relay releases and time circuit resets.

    Part No.EBACT2310H
    ManufacturerETC2
    Size29 Kbytes
    Pages2 pages
    DescriptionTimers Interval
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com