| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BY251 Datasheet
# Example questions:
➢ What is the maximum average forward rectified current for the by253 diode at a lead length of 375mm and a temperature of 75°c?
➢ What is the typical junction capacitance for all listed diode types (by251 to by255)?
➢ What is the operating temperature range specified for all the diodes in the datasheet?
# BY251 THRU BY255 Silicon Rectifiers
## Features
· Low forward voltage drop
· High current capability
· High reliability
· High surge current capability
## Mechanical Data
· Cases: Molded plastic
· Epoxy: UL 94V-O rate flame retardant
· Lead: Axial leads, solderable per MIL-STD-202
· Polarity: Color band denotes cathode end
· High temperature soldering: 260°C/10 seconds
· Weight: 1.2 grams
## Electrical Characteristics
️· Maximum Recurrent Peak Reverse Voltage (VRRM): 200V - 1300V (depending on model)
️· Maximum RMS Voltage (VRMS): 140V - 910V (depending on model)
️· Maximum DC Blocking Voltage (VDC): 200V - 1300V (depending on model)
️· Maximum Average Forward Rectified Current (I(AV)): 3.0A @ 75°C
️· Peak Forward Surge Current (IFSM): 150A
️· Maximum Instantaneous Forward Voltage (VF): 1.0V @ 3.0A
️· Maximum DC Reverse Current (IR): 5.0µA @ 25°C, 100µA @ 100°C
️· Maximum Full Load Reverse Current (HTIR): 30µA
️· Typical Junction Capacitance (Cj): 40pF
️· Typical Thermal Resistance (RθJA): 40°C/W
️· Operating Temperature Range (TJ): -65 to +150°C
️· Storage Temperature Range (TSTG): -65 to +150°C
# BY251 THRU BY255 Silicon Rectifiers
## Features
· Low forward voltage drop
· High current capability
· High reliability
· High surge current capability
## Mechanical Data
· Cases: Molded plastic
· Epoxy: UL 94V-O rate flame retardant
· Lead: Axial leads, solderable per MIL-STD-202
· Polarity: Color band denotes cathode end
· High temperature soldering: 260°C/10 seconds
· Weight: 1.2 grams
## Electrical Characteristics
️· Maximum Recurrent Peak Reverse Voltage (VRRM): 200V - 1300V (depending on model)
️· Maximum RMS Voltage (VRMS): 140V - 910V (depending on model)
️· Maximum DC Blocking Voltage (VDC): 200V - 1300V (depending on model)
️· Maximum Average Forward Rectified Current (I(AV)): 3.0A @ 75°C
️· Peak Forward Surge Current (IFSM): 150A
️· Maximum Instantaneous Forward Voltage (VF): 1.0V @ 3.0A
️· Maximum DC Reverse Current (IR): 5.0µA @ 25°C, 100µA @ 100°C
️· Maximum Full Load Reverse Current (HTIR): 30µA
️· Typical Junction Capacitance (Cj): 40pF
️· Typical Thermal Resistance (RθJA): 40°C/W
️· Operating Temperature Range (TJ): -65 to +150°C
️· Storage Temperature Range (TSTG): -65 to +150°C
| Part No. | BY251 |
| Manufacturer | TSC |
| Size | 65 Kbytes |
| Pages | 2 pages |
| Description | 3.0 AMPS. Silicon Rectifiers |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |