| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LL4448 Datasheet
# Example questions:
➢ How does the mounting configuration with 25mm² copper pads affect the maximum ratings specified in the datasheet?
➢ What is the maximum allowable junction temperature (tj) for all listed diode types?
➢ What is the range of repetitive peak reverse voltage (vrrm) for the ll4150 diode?
# LL4148, LL4150, LL4151, LL4448 – Ultrafast Switching Si-Planar Diodes
## General Description
· Surface mount diodes designed for ultrafast switching applications.
· Standard packaging: taped and reeled.
· Weight: Approximately 0.04 g.
· Glass case: MiniMELF SOD-80C.
## Maximum Ratings
· Repetitive peak reverse voltage: 50-100 V (depending on type).
· Surge peak reverse voltage: 50-100 V (depending on type).
· Max. average forward rectified current (IFAV): 150-300 mA (depending on type).
· Repetitive peak forward current (IFRM): 500-600 mA (depending on type).
· Non-repetitive peak forward current (IFSM): 2000-4000 mA (depending on type).
· Max. power dissipation (Ptot): 500 mW.
· Junction temperature (Tj): -50°C to +200°C.
· Storage temperature (Ts): -50°C to +200°C.
· Thermal resistance junction to ambient air (RthA): < 300 K/W.
## Characteristics
· Forward voltage (Vf): 0.54 - 1.00 V (depending on type).
· Leakage current (IR): < 50 nA at VR = 100V (depending on type).
· Reverse recovery time (trr): < 4-50 ns (depending on type and temperature).
Type Specific Details
· LL4148: VRRM = 75V, I_FAV = 150mA, I_FSM = 2000mA
· LL4150: VRRM = 50V, I_FAV = 200mA, I_FSM = 4000mA
· LL4151: VRRM = 50V, I_FAV = 200mA, I_FSM = 2000mA
· LL4448: VRRM = 75V, I_FAV = 300mA, I_FSM = 2000mA
## Notes
· Performance is dependent on mounting to a P.C. board with 25 mm² copper pads.
# LL4148, LL4150, LL4151, LL4448 – Ultrafast Switching Si-Planar Diodes
## General Description
· Surface mount diodes designed for ultrafast switching applications.
· Standard packaging: taped and reeled.
· Weight: Approximately 0.04 g.
· Glass case: MiniMELF SOD-80C.
## Maximum Ratings
· Repetitive peak reverse voltage: 50-100 V (depending on type).
· Surge peak reverse voltage: 50-100 V (depending on type).
· Max. average forward rectified current (IFAV): 150-300 mA (depending on type).
· Repetitive peak forward current (IFRM): 500-600 mA (depending on type).
· Non-repetitive peak forward current (IFSM): 2000-4000 mA (depending on type).
· Max. power dissipation (Ptot): 500 mW.
· Junction temperature (Tj): -50°C to +200°C.
· Storage temperature (Ts): -50°C to +200°C.
· Thermal resistance junction to ambient air (RthA): < 300 K/W.
## Characteristics
· Forward voltage (Vf): 0.54 - 1.00 V (depending on type).
· Leakage current (IR): < 50 nA at VR = 100V (depending on type).
· Reverse recovery time (trr): < 4-50 ns (depending on type and temperature).
Type Specific Details
· LL4148: VRRM = 75V, I_FAV = 150mA, I_FSM = 2000mA
· LL4150: VRRM = 50V, I_FAV = 200mA, I_FSM = 4000mA
· LL4151: VRRM = 50V, I_FAV = 200mA, I_FSM = 2000mA
· LL4448: VRRM = 75V, I_FAV = 300mA, I_FSM = 2000mA
## Notes
· Performance is dependent on mounting to a P.C. board with 25 mm² copper pads.
| Part No. | LL4448 |
| Manufacturer | DIOTEC |
| Size | 103 Kbytes |
| Pages | 2 pages |
| Description | Ultrafast Switching Surface Mount Si-Planar Diodes |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |