Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

Datasheet with Chat AI
Datasheet Details
Part No.M93C46-RDS3P/S
MfrSTMICROELECTRONICS
Size351 Kbytes
Pages38 pages
Description16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
Datasheet SummaryAI
1. Device Overview:

️· Type: The document describes the M93C86, M93C76, M93C66, M93C56, and M93C46 series of serial EEPROM memory devices.
️· Sizes: These devices come in various sizes (1024 bits to 16384 bits).
️· Organization: The memory can be organized as either 8-bit bytes or 16-bit words, selectable by the ORG pin.

2. Key Features & Operation:

️· Serial Interface: These EEPROMs communicate via a simple serial interface (SDI, SCK, S).
️· Instruction Set: They support instructions like READ, WRITE, ERASE, and WRITE ALL.
️· Self-Timed Write: Write operations are internally self-timed; the clock can be stopped after initiating the write.
️· No Pre-Erase Needed: Writes do not require a separate erase cycle.
️· Busy/Ready Signal: A signal on the Serial Data Output (Q) indicates when the device is busy or ready.
️· Power-on Reset (POR): The device includes a POR circuit to prevent accidental writes during power-up.
️· Power-up Data Protection: Mechanism to inhibit the device when the supply is too low.

3. Electrical Considerations:

️· Supply Voltage: Specific operating voltage ranges are defined. Emphasis on a stable supply voltage.
️· Decoupling: The use of a decoupling capacitor (10nF - 100nF) near the power pins is recommended.
️· Power-up/Power-down Sequence: Specific requirements for VCC rise/fall times and deselection during these transitions.

4. Memory Organization & Pin Functions:

️· Organization Select (ORG): This pin determines whether the memory is accessed as bytes or words.
️· Pin Definitions: Clear definitions for pins like VCC, VSS, SDI, SCK, S, ORG, and Q.

5. Bus Connection:

️· Multi-device support: multiple EEPROMs can be connected to the same serial bus, with only one device selected at a time.

In essence, the document provides a technical overview and operational guidelines for these serial EEPROM devices, focusing on electrical characteristics, interface details, and key features.
M93C46-RDS3P/S Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about M93C46-RDS3P/S Datasheet.
    Example questions: ➤ What happens if the organization select (org) pin is left unconnected?➤ What internal reset state does the device enter when vcc passes the power on reset (por) threshold?➤ What is the primary function of the pull-down resistor r as depicted in figure 3?
  • Datasheet Details
    Part No.M93C46-RDS3P/S
    ManufacturerSTMICROELECTRONICS
    Size351 Kbytes
    Pages38 pages
    Description16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
    Datasheet Summary AI Expand summary
    1. Device Overview:

    ️· Type: The document describes the M93C86, M93C76, M93C66, M93C56, and M93C46 series of serial EEPROM memory devices.
    ️· Sizes: These devices come in various sizes (1024 bits to 16384 bits).
    ️· Organization: The memory can be organized as either 8-bit bytes or 16-bit words, selectable by the ORG pin.

    2. Key Features & Operation:

    ️· Serial Interface: These EEPROMs communicate via a simple serial interface (SDI, SCK, S).
    ️· Instruction Set: They support instructions like READ, WRITE, ERASE, and WRITE ALL.
    ️· Self-Timed Write: Write operations are internally self-timed; the clock can be stopped after initiating the write.
    ️· No Pre-Erase Needed: Writes do not require a separate erase cycle.
    ️· Busy/Ready Signal: A signal on the Serial Data Output (Q) indicates when the device is busy or ready.
    ️· Power-on Reset (POR): The device includes a POR circuit to prevent accidental writes during power-up.
    ️· Power-up Data Protection: Mechanism to inhibit the device when the supply is too low.

    3. Electrical Considerations:

    ️· Supply Voltage: Specific operating voltage ranges are defined. Emphasis on a stable supply voltage.
    ️· Decoupling: The use of a decoupling capacitor (10nF - 100nF) near the power pins is recommended.
    ️· Power-up/Power-down Sequence: Specific requirements for VCC rise/fall times and deselection during these transitions.

    4. Memory Organization & Pin Functions:

    ️· Organization Select (ORG): This pin determines whether the memory is accessed as bytes or words.
    ️· Pin Definitions: Clear definitions for pins like VCC, VSS, SDI, SCK, S, ORG, and Q.

    5. Bus Connection:

    ️· Multi-device support: multiple EEPROMs can be connected to the same serial bus, with only one device selected at a time.

    In essence, the document provides a technical overview and operational guidelines for these serial EEPROM devices, focusing on electrical characteristics, interface details, and key features.