Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB2S Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MB2S Datasheet

  • # Example questions: ➢ What is the maximum average forward rectified current for the mb1s bridge rectifier, assuming a case temperature of 40°c?
    ➢ How does the typical junction capacitance change across the different model numbers (mb05s to mb10s)?
    ➢ What is the recommended operating temperature range for all of the listed bridge rectifier models?

  • Part No.MB2S
    ManufacturerMULTICOMP
    Size467 Kbytes
    Pages3 pages
    DescriptionSurface Mount Glass Passivated Bridge Rectifier
    Datasheet Summary with AI

    # Surface Mount Glass Passivated Bridge Rectifier

    ## Features
    ️· Rating to 1000V PRV
    ️· Ideal for printed circuit board
    ️· Lead tin plated copper

    ## Specifications
    ️· Reverse Voltage: 200 to 600 Volts
    ️· Forward Current: 0.8 Amperes

    ## Mechanical Data
    ️· Polarity: Symbol molded on body
    ️· Weight: 0.0044 ounces, 0.125 grams
    ️· Mounting Position: Any

    ## Electrical Characteristics
    Characteristic Symbol MB05S MB1S MB2S MB4S MB6S MB8S MB10S Unit
    Max. Recurrent Peak Reverse Voltage Vrrm 50 100 200 400 600 800 1,000 V
    Max. RMS Voltage Vrms 35 70 140 280 420 560 700 V
    Max. DC Blocking Voltage Vdc 50 100 200 400 600 800 1,000 V
    Max. Average Forward Rectified Current (at Ta = 40°C) I(AV) 0.8 0.8 0.8 0.8 0.8 0.8 0.8 A
    Peak Forward Surge Current (8.3ms Single Half Sine-Wave) Ifsm 30 30 30 30 30 30 30 A
    Max. Instantaneous Forward Voltage (at 0.8A DC) Vf 1.1 1.1 1.1 1.1 1.1 1.1 1.1 V
    Max. DC Reverse Current (at Ta = 25°C) Ir 5 5 5 5 5 5 5 μA
    Typical Junction Capacitance per Element Cj 15 15 15 15 15 15 15 pF
    Typical Thermal Resistance RθJC 75 75 75 75 75 75 75 °C/W
    Operating Temperature Range Tj -55 to +150 -55 to +150 -55 to +150 -55 to +150 -55 to +150 -55 to +150 -55 to +150 °C
    Storage Temperature Range Tstg Tstg Tstg Tstg Tstg Tstg Tstg Tstg °C

    Part Number Table

    Description Part Number
    Surface Mount Glass Passivated Bridge Rectifier MB05S
    Surface Mount Glass Passivated Bridge Rectifier MB1S
    Surface Mount Glass Passivated Bridge Rectifier MB10S
    Surface Mount Glass Passivated Bridge Rectifier MB2S
    Surface Mount Glass Passivated Bridge Rectifier MB4S
    Surface Mount Glass Passivated Bridge Rectifier MB6S
    Surface Mount Glass Passivated Bridge Rectifier MB8S

    Device Code

    ️· MB*S = Specific Device Code
    ️· * = 05/1/2/4/6/8/10

    Notes:

    ️· Mounted on P.C. board
    ️· Measured at 1.0MHz and applied reverse voltage of 4V DC
    ️· Thermal resistance junction to case

    # Surface Mount Glass Passivated Bridge Rectifier

    ## Features
    ️· Rating to 1000V PRV
    ️· Ideal for printed circuit board
    ️· Lead tin plated copper

    ## Specifications
    ️· Reverse Voltage: 200 to 600 Volts
    ️· Forward Current: 0.8 Amperes

    ## Mechanical Data
    ️· Polarity: Symbol molded on body
    ️· Weight: 0.0044 ounces, 0.125 grams
    ️· Mounting Position: Any

    ## Electrical Characteristics
    Characteristic Symbol MB05S MB1S MB2S MB4S MB6S MB8S MB10S Unit
    Max. Recurrent Peak Reverse Voltage Vrrm 50 100 200 400 600 800 1,000 V
    Max. RMS Voltage Vrms 35 70 140 280 420 560 700 V
    Max. DC Blocking Voltage Vdc 50 100 200 400 600 800 1,000 V
    Max. Average Forward Rectified Current (at Ta = 40°C) I(AV) 0.8 0.8 0.8 0.8 0.8 0.8 0.8 A
    Peak Forward Surge Current (8.3ms Single Half Sine-Wave) Ifsm 30 30 30 30 30 30 30 A
    Max. Instantaneous Forward Voltage (at 0.8A DC) Vf 1.1 1.1 1.1 1.1 1.1 1.1 1.1 V
    Max. DC Reverse Current (at Ta = 25°C) Ir 5 5 5 5 5 5 5 μA
    Typical Junction Capacitance per Element Cj 15 15 15 15 15 15 15 pF
    Typical Thermal Resistance RθJC 75 75 75 75 75 75 75 °C/W
    Operating Temperature Range Tj -55 to +150 -55 to +150 -55 to +150 -55 to +150 -55 to +150 -55 to +150 -55 to +150 °C
    Storage Temperature Range Tstg Tstg Tstg Tstg Tstg Tstg Tstg Tstg °C

    Part Number Table

    Description Part Number
    Surface Mount Glass Passivated Bridge Rectifier MB05S
    Surface Mount Glass Passivated Bridge Rectifier MB1S
    Surface Mount Glass Passivated Bridge Rectifier MB10S
    Surface Mount Glass Passivated Bridge Rectifier MB2S
    Surface Mount Glass Passivated Bridge Rectifier MB4S
    Surface Mount Glass Passivated Bridge Rectifier MB6S
    Surface Mount Glass Passivated Bridge Rectifier MB8S

    Device Code

    ️· MB*S = Specific Device Code
    ️· * = 05/1/2/4/6/8/10

    Notes:

    ️· Mounted on P.C. board
    ️· Measured at 1.0MHz and applied reverse voltage of 4V DC
    ️· Thermal resistance junction to case

    Part No.MB2S
    ManufacturerMULTICOMP
    Size467 Kbytes
    Pages3 pages
    DescriptionSurface Mount Glass Passivated Bridge Rectifier
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com