| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BL-R2131E-T Datasheet
# Example questions:
➢ What is the spectral line half-width for this led when a forward current of 20ma is applied?
➢ What is the maximum storage temperature this led component can withstand?
➢ What is the typical forward voltage when a forward current of 20ma is applied?
# BL-R2131E-T LED
## General Features
· Manufacturer: Bright LED Electronics Corp.
· Chip Material: GaP/GaP
· Emitted Color: Green
· Lens Appearance: Green Diffused
· ROHS Compliant: No restricted substances.
## Physical Characteristics
· Package Dimensions: (in millimeters - inches)
- 0.5 (.020) SQ.TYP.
- 3.8 (.150)
- 1.0 (.039) MIN.
- 2.54 (.100) NOM.
- 3.8 (.149)
- 1.5 (.059) MAX.
- 25.4 (1.00) MIN.
· Lead Spacing: Measured where leads emerge from package.
· Tolerance: ±0.25mm (0.01”) unless specified.
## Electrical & Optical Characteristics
· Absolute Maximum Ratings (Ta=25℃):
- Power Dissipation (Pd): 80 mW
- Forward Current (IF): 30 mA
- Peak Forward Current (IFP): 150 mA (pulse 1/10 duty, 0.1msec width)
- Reverse Voltage (VR): 5 V
- Operating Temperature (Topr): -40℃ ~ 80℃
- Storage Temperature (Tstg): -40℃ ~ 85℃
- Soldering Temperature (Tsol): 260℃ (5 seconds)
· Typical Electrical/Optical (Ta=25℃):
- Forward Voltage (VF): 2.2 - 2.6 V (IF=20mA)
- Luminous Intensity (Iv): 10 mcd (IF=20mA)
- Reverse Current (IR): <100 µA (VR=5V)
- Peak Wavelength (λp): 568 nm (IF=20mA)
- Dominant Wavelength (λd): 560 - 576 nm (IF=20mA)
- Spectral Line Half-Width (∆λ): 30 nm (IF=20mA)
- Viewing Angle (2θ1/2): 120° (IF=20mA)
## Applications
· TV set
· Monitor
· Telephone
· Computer
· Circuit board
# BL-R2131E-T LED
## General Features
· Manufacturer: Bright LED Electronics Corp.
· Chip Material: GaP/GaP
· Emitted Color: Green
· Lens Appearance: Green Diffused
· ROHS Compliant: No restricted substances.
## Physical Characteristics
· Package Dimensions: (in millimeters - inches)
- 0.5 (.020) SQ.TYP.
- 3.8 (.150)
- 1.0 (.039) MIN.
- 2.54 (.100) NOM.
- 3.8 (.149)
- 1.5 (.059) MAX.
- 25.4 (1.00) MIN.
· Lead Spacing: Measured where leads emerge from package.
· Tolerance: ±0.25mm (0.01”) unless specified.
## Electrical & Optical Characteristics
· Absolute Maximum Ratings (Ta=25℃):
- Power Dissipation (Pd): 80 mW
- Forward Current (IF): 30 mA
- Peak Forward Current (IFP): 150 mA (pulse 1/10 duty, 0.1msec width)
- Reverse Voltage (VR): 5 V
- Operating Temperature (Topr): -40℃ ~ 80℃
- Storage Temperature (Tstg): -40℃ ~ 85℃
- Soldering Temperature (Tsol): 260℃ (5 seconds)
· Typical Electrical/Optical (Ta=25℃):
- Forward Voltage (VF): 2.2 - 2.6 V (IF=20mA)
- Luminous Intensity (Iv): 10 mcd (IF=20mA)
- Reverse Current (IR): <100 µA (VR=5V)
- Peak Wavelength (λp): 568 nm (IF=20mA)
- Dominant Wavelength (λd): 560 - 576 nm (IF=20mA)
- Spectral Line Half-Width (∆λ): 30 nm (IF=20mA)
- Viewing Angle (2θ1/2): 120° (IF=20mA)
## Applications
· TV set
· Monitor
· Telephone
· Computer
· Circuit board
| Part No. | BL-R2131E-T |
| Manufacturer | BRIGHT |
| Size | 131 Kbytes |
| Pages | 2 pages |
| Description | GaP/GaP Green Low power consumption. |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |