Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

J1951M Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about J1951M Datasheet

  • # Example questions: ➢ What are the input and output impedance values, specifically for rin, cin, rout, and cout?
    ➢ What is the typical insertion attenuation at 38.00 mhz?
    ➢ What is the operable temperature range for this saw component?

  • Part No.J1951M
    ManufacturerEPCOS
    Size88 Kbytes
    Pages6 pages
    DescriptionIF Filter for Intercarrier Applications
    Datasheet Summary with AI

    # SAW Components J 1951 M - 39.50 MHz IF Filter

    ## General Information

    · Type: SAW Components J 1951 M
    · Function: IF Filter for Intercarrier Applications
    · Frequency: 39.50 MHz
    · Package: Standard Plastic SIP5K
    · Weight: Approximately 1.0 g
    · Ordering Code: B39395-J1951-M100
    · Marking: According to C61157-A1-A15
    · Packing: According to F61074-V8067-Z000

    ## Pin Configuration

    · 1: Input
    · 2: Input - ground
    · 3: Chip carrier - ground
    · 4: Output
    · 5: Output

    ## Maximum Ratings

    · Operable Temperature Range: –25/+65 ˚C
    · Storage Temperature Range: –40/+85 ˚C
    · DC Voltage: 5V (between any terminals)
    · AC Voltage: 10V (between any terminals)

    ## Characteristics

    · Reference Temperature: 25 ˚C
    · Terminating Source Impedance: 50 Ω
    · Terminating Load Impedance: 2 kΩ || 3 pF
    · Insertion Attenuation: Typical values between 13.5 dB and 16.5 dB
    · Group Delay Ripple: -4 to 0 ns
    · Input Impedance (at 38.00 MHz): Approximately 2.0 || 10.0 kΩ || pF
    · Output Impedance (at 38.00 MHz): Approximately 2.2 || 4.5 kΩ || pF
    · Temperature Coefficient of Frequency: –72 ppm/K

    ## Legal & Contact

    · Published by: EPCOS AG
    · Contact: Sales offices of EPCOS AG or international representatives for technology, prices and delivery.
    · Safety: Components may contain dangerous substances; contact sales offices for information.

    # SAW Components J 1951 M - 39.50 MHz IF Filter

    ## General Information

    · Type: SAW Components J 1951 M
    · Function: IF Filter for Intercarrier Applications
    · Frequency: 39.50 MHz
    · Package: Standard Plastic SIP5K
    · Weight: Approximately 1.0 g
    · Ordering Code: B39395-J1951-M100
    · Marking: According to C61157-A1-A15
    · Packing: According to F61074-V8067-Z000

    ## Pin Configuration

    · 1: Input
    · 2: Input - ground
    · 3: Chip carrier - ground
    · 4: Output
    · 5: Output

    ## Maximum Ratings

    · Operable Temperature Range: –25/+65 ˚C
    · Storage Temperature Range: –40/+85 ˚C
    · DC Voltage: 5V (between any terminals)
    · AC Voltage: 10V (between any terminals)

    ## Characteristics

    · Reference Temperature: 25 ˚C
    · Terminating Source Impedance: 50 Ω
    · Terminating Load Impedance: 2 kΩ || 3 pF
    · Insertion Attenuation: Typical values between 13.5 dB and 16.5 dB
    · Group Delay Ripple: -4 to 0 ns
    · Input Impedance (at 38.00 MHz): Approximately 2.0 || 10.0 kΩ || pF
    · Output Impedance (at 38.00 MHz): Approximately 2.2 || 4.5 kΩ || pF
    · Temperature Coefficient of Frequency: –72 ppm/K

    ## Legal & Contact

    · Published by: EPCOS AG
    · Contact: Sales offices of EPCOS AG or international representatives for technology, prices and delivery.
    · Safety: Components may contain dangerous substances; contact sales offices for information.

    Part No.J1951M
    ManufacturerEPCOS
    Size88 Kbytes
    Pages6 pages
    DescriptionIF Filter for Intercarrier Applications
    Política de Privacidad
    ALLDATASHEET.COM.MX
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com