Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

Datasheet with Chat AI
Datasheet Details
Part No.LM393D
MfrSTMICROELECTRONICS
Size234 Kbytes
Pages15 pages
DescriptionLow power dual voltage comparators
Datasheet SummaryAI
️· Device Overview: Details on the three comparator ICs, specifying their functions and applications.
️· Absolute Maximum Ratings: Lists the maximum operating conditions for the devices (voltage, current, temperature, etc.).
️· Electrical Characteristics: Provides detailed performance specifications (input bias current, offset voltage, response time, etc.). Specifications vary slightly between the LM193, LM293, and LM393.
️· Applications: Suggests typical applications for the comparators.
️· Pin Configuration: Shows the pinout diagrams for the various package types (DIP8, SO8, TSSOP8, MiniSO8).
️· Typical Application Circuits: Provides example circuits demonstrating how to use the comparators.
️· Package Information: Includes mechanical drawings and dimensions for the different package types.
️· Ordering Information: Lists the available part numbers and package options.
️· Revision History: Tracks changes made to the datasheet over time.
️· Legal Disclaimers: Contains standard legal disclaimers regarding warranties, liability, and usage restrictions.

Key features/variations between the three models:

️· LM193: General-purpose comparator.
️· LM293: Similar to LM193, but with a wider operating temperature range.
️· LM393: Designed for single-supply operation and lower power consumption.

Package options:

️· DIP8
️· SO8
️· TSSOP8
️· MiniSO8

Automotive Grade: Certain models (denoted with "A" or "Y" in the part number) are qualified for automotive applications (AEC-Q100/Q003).

This datasheet is comprehensive, providing engineers with the information they need to select, integrate, and use these comparators in their designs.
LM393D Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about LM393D Datasheet.
    Example questions: ➤ What are the operating temperature ranges specified for the lm293, lm393 and lm193?➤ What is the significance of the “(1)” notation next to certain order codes in the ordering information table?➤ What types of applications are stmicroelectronics products *not* recommended for, and why?
  • Datasheet Details
    Part No.LM393D
    ManufacturerSTMICROELECTRONICS
    Size234 Kbytes
    Pages15 pages
    DescriptionLow power dual voltage comparators
    Datasheet Summary AI Expand summary
    ️· Device Overview: Details on the three comparator ICs, specifying their functions and applications.
    ️· Absolute Maximum Ratings: Lists the maximum operating conditions for the devices (voltage, current, temperature, etc.).
    ️· Electrical Characteristics: Provides detailed performance specifications (input bias current, offset voltage, response time, etc.). Specifications vary slightly between the LM193, LM293, and LM393.
    ️· Applications: Suggests typical applications for the comparators.
    ️· Pin Configuration: Shows the pinout diagrams for the various package types (DIP8, SO8, TSSOP8, MiniSO8).
    ️· Typical Application Circuits: Provides example circuits demonstrating how to use the comparators.
    ️· Package Information: Includes mechanical drawings and dimensions for the different package types.
    ️· Ordering Information: Lists the available part numbers and package options.
    ️· Revision History: Tracks changes made to the datasheet over time.
    ️· Legal Disclaimers: Contains standard legal disclaimers regarding warranties, liability, and usage restrictions.

    Key features/variations between the three models:

    ️· LM193: General-purpose comparator.
    ️· LM293: Similar to LM193, but with a wider operating temperature range.
    ️· LM393: Designed for single-supply operation and lower power consumption.

    Package options:

    ️· DIP8
    ️· SO8
    ️· TSSOP8
    ️· MiniSO8

    Automotive Grade: Certain models (denoted with "A" or "Y" in the part number) are qualified for automotive applications (AEC-Q100/Q003).

    This datasheet is comprehensive, providing engineers with the information they need to select, integrate, and use these comparators in their designs.