Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

Datasheet with Chat AI
Datasheet Details
Part No.M93C76-RMB3G
MfrSTMICROELECTRONICS
Size331 Kbytes
Pages37 pages
Description16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM
Datasheet SummaryAI
1. Overview & Purpose

️· Device Family: The document describes the M93C86, M93C76, M93C66, M93C56, and M93C46 series of serial EEPROMs.
️· Key Feature: These are electrically erasable programmable read-only memories accessible via a simple serial interface.
️· Memory Sizes: The devices offer various memory capacities: 16Kbit (M93C86) down to 1Kbit (M93C46).
️· Organization: The memory can be organized as either 8-bit bytes or 16-bit words, selectable via the ORG pin.

2. Key Features & Benefits

️· Serial Interface: Simple 2-wire serial interface (Data/Clock) for easy communication with microcontrollers.
️· Self-Timed Programming: Programming operations are internally timed, simplifying external control. No erase cycle is needed before a write.
️· Power-On Reset: Built-in power-on reset circuitry protects against accidental writes during power-up.
️· Write Protection: Internal protection mechanisms guard against data corruption.
️· Low Power Consumption: Designed for low-power applications.
️· Versatility: Suitable for a wide range of applications, including data storage, configuration settings, and more.

3. Operating Characteristics

️· Supply Voltage: Operates within a specified voltage range (details in tables – see datasheet).
️· Power-Up Sequence: Requires a stable power supply before operation.
️· Instruction Set: Supports a set of instructions including: READ, WRITE, WRITE ENABLE, WRITE DISABLE, ERASE, ERASE ALL, and WRITE ALL.
️· Addressing: Internal address register is used for sequential access of data.
️· Data Stream: The memory can be read in a continuous stream after the initial address is loaded.

4. Important Considerations & Requirements

️· Supply Decoupling: Recommends using a capacitor close to the device's power pins for stable operation.
️· Pull-down Resistor: A pull-down resistor on the Serial Clock (SCK) line is suggested to ensure proper operation in certain scenarios.
️· ORG Pin: The ORG (Organization Select) pin determines the memory organization (8-bit or 16-bit).
️· Power-Up Conditions: The Chip Select (S) line must be held low during power-up.
️· Timing: There are critical timing parameters (e.g. setup, hold, and write times) that must be met for reliable operation.



In essence, this document provides the foundation for understanding and using the M93Cx6 family of serial EEPROMs. It highlights the key features, operating characteristics, and important considerations for successful integration into electronic designs. The specific electrical characteristics and timing parameters are detailed in the tables within the complete datasheet.
M93C76-RMB3G Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about M93C76-RMB3G Datasheet.
    Example questions: ➤ How does the organization select (org) pin affect the memory organization of the m93cx6, and what happens if it's left unconnected?➤ What is the function of the internal power-on data protection mechanism in the m93cx6, and under what condition does it activate?➤ What is the purpose of the pull-down resistor connected to the clock line (c) in a serial bus configuration with the m93cx6?
  • Datasheet Details
    Part No.M93C76-RMB3G
    ManufacturerSTMICROELECTRONICS
    Size331 Kbytes
    Pages37 pages
    Description16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM
    Datasheet Summary AI Expand summary
    1. Overview & Purpose

    ️· Device Family: The document describes the M93C86, M93C76, M93C66, M93C56, and M93C46 series of serial EEPROMs.
    ️· Key Feature: These are electrically erasable programmable read-only memories accessible via a simple serial interface.
    ️· Memory Sizes: The devices offer various memory capacities: 16Kbit (M93C86) down to 1Kbit (M93C46).
    ️· Organization: The memory can be organized as either 8-bit bytes or 16-bit words, selectable via the ORG pin.

    2. Key Features & Benefits

    ️· Serial Interface: Simple 2-wire serial interface (Data/Clock) for easy communication with microcontrollers.
    ️· Self-Timed Programming: Programming operations are internally timed, simplifying external control. No erase cycle is needed before a write.
    ️· Power-On Reset: Built-in power-on reset circuitry protects against accidental writes during power-up.
    ️· Write Protection: Internal protection mechanisms guard against data corruption.
    ️· Low Power Consumption: Designed for low-power applications.
    ️· Versatility: Suitable for a wide range of applications, including data storage, configuration settings, and more.

    3. Operating Characteristics

    ️· Supply Voltage: Operates within a specified voltage range (details in tables – see datasheet).
    ️· Power-Up Sequence: Requires a stable power supply before operation.
    ️· Instruction Set: Supports a set of instructions including: READ, WRITE, WRITE ENABLE, WRITE DISABLE, ERASE, ERASE ALL, and WRITE ALL.
    ️· Addressing: Internal address register is used for sequential access of data.
    ️· Data Stream: The memory can be read in a continuous stream after the initial address is loaded.

    4. Important Considerations & Requirements

    ️· Supply Decoupling: Recommends using a capacitor close to the device's power pins for stable operation.
    ️· Pull-down Resistor: A pull-down resistor on the Serial Clock (SCK) line is suggested to ensure proper operation in certain scenarios.
    ️· ORG Pin: The ORG (Organization Select) pin determines the memory organization (8-bit or 16-bit).
    ️· Power-Up Conditions: The Chip Select (S) line must be held low during power-up.
    ️· Timing: There are critical timing parameters (e.g. setup, hold, and write times) that must be met for reliable operation.



    In essence, this document provides the foundation for understanding and using the M93Cx6 family of serial EEPROMs. It highlights the key features, operating characteristics, and important considerations for successful integration into electronic designs. The specific electrical characteristics and timing parameters are detailed in the tables within the complete datasheet.