Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.EB412R44
MfrVISHAY
Size158 Kbytes
Pages4 pages
DescriptionEdgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
Datasheet SummaryAI
# EB4 Edgeboard Connectors

## Features
· Grid patterns: 0.100" C-C x 0.150" & 0.100" C-C x 0.200"
· Standard and right angle terminals available.
· Four body materials: diallyl phthalate, phenolic, glass-filled polyester, glass-filled polyphenylene sulfide.
· Seven contact termination styles (3 standard, 4 right angle).
· 20 body sizes and 6 mounting styles.
· Selective gold plating options.
· Accepts PC board thickness: 0.054" to 0.071" [1.37mm to 1.80mm].
· Polarization between contact positions.
· UL Recognized (File E65524).

## Electrical Specifications
· Current Rating: 3 amps.
· Test Voltage (sea level): 650VRMS.
· Test Voltage (70,000 feet): 275VRMS.
· Insulation Resistance: 5000 Megohm minimum at 500VDC.
· Contact Resistance: 30 millivolts maximum at rated current (with gold plating).
· Operating Temperature: -65°C to +125°C.
· Humidity: Meets requirements after 96 hours at 90% relative humidity.
· Durability: > 0.030V at 3 amps after 500 insertion/withdrawal cycles, >1/2 ounce contact separation force.
· Shock: Withstands 50g shocks in 3 planes.
· Vibration: Withstands vibration at 10-55cps for 2 hours.

## Material Specifications
· Body Material: Available in glass-filled diallyl phthalate, glass-filled phenolic, glass-filled polyester, and glass-filled polyphenylene sulfide. (Flame retardant UL 94V-0)
· Contacts: Phosphor bronze.
· Polarizing Key: Glass reinforced nylon (UL 94H-B).
· Plating: Gold (options: 0.00003" or 0.000010" minimum thick, with Nickel underplate).

## Applications
· For 0.0625" [1.59mm] printed circuit boards with 0.100" [2.54mm] centers.

## Ordering Information
· Body Material: 1 (Diallyl Phthalate), 2 (Phenolic), 3 (Polyester), 5 (Polyphenylene Sulfied).
· Mounting Variations: X, XF, XS, YF, W, Y
· Contact Plating: SG (Selective Gold Plating, 0.00003" min), SGF (Selective Gold Plating, 0.000010" min)
· Number of Contacts: 6, 10, 12, 15, 18, 20, 22, 25, 28, 30, 31, 35, 36, 40, 43, 44, 48, 49, 50, 60, 65 per side.
· Terminal Variations: K (Standard), 1R, 2R, 3R, 4R (Right Angle).
· Polarizing Key: Optional, specified with a number after the model number (-1, -3, -5 etc.) or individually as PK-4.

## Dimensions
· Detailed dimensional drawings provided showing specific measurements for various mounting styles, contact positions, and card thicknesses. Consult diagrams for exact values.
EB412R44 Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about EB412R44 Datasheet.
    Example questions: ➤ What is the typical depth of insertion, according to the provided document?➤ What unit of measurement is used throughout the document for dimensions?➤ What is the purpose of the polarizing key mentioned in the document?
  • Datasheet Details
    Part No.EB412R44
    ManufacturerVISHAY
    Size158 Kbytes
    Pages4 pages
    DescriptionEdgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
    Datasheet Summary AI Expand summary
    # EB4 Edgeboard Connectors

    ## Features
    · Grid patterns: 0.100" C-C x 0.150" & 0.100" C-C x 0.200"
    · Standard and right angle terminals available.
    · Four body materials: diallyl phthalate, phenolic, glass-filled polyester, glass-filled polyphenylene sulfide.
    · Seven contact termination styles (3 standard, 4 right angle).
    · 20 body sizes and 6 mounting styles.
    · Selective gold plating options.
    · Accepts PC board thickness: 0.054" to 0.071" [1.37mm to 1.80mm].
    · Polarization between contact positions.
    · UL Recognized (File E65524).

    ## Electrical Specifications
    · Current Rating: 3 amps.
    · Test Voltage (sea level): 650VRMS.
    · Test Voltage (70,000 feet): 275VRMS.
    · Insulation Resistance: 5000 Megohm minimum at 500VDC.
    · Contact Resistance: 30 millivolts maximum at rated current (with gold plating).
    · Operating Temperature: -65°C to +125°C.
    · Humidity: Meets requirements after 96 hours at 90% relative humidity.
    · Durability: > 0.030V at 3 amps after 500 insertion/withdrawal cycles, >1/2 ounce contact separation force.
    · Shock: Withstands 50g shocks in 3 planes.
    · Vibration: Withstands vibration at 10-55cps for 2 hours.

    ## Material Specifications
    · Body Material: Available in glass-filled diallyl phthalate, glass-filled phenolic, glass-filled polyester, and glass-filled polyphenylene sulfide. (Flame retardant UL 94V-0)
    · Contacts: Phosphor bronze.
    · Polarizing Key: Glass reinforced nylon (UL 94H-B).
    · Plating: Gold (options: 0.00003" or 0.000010" minimum thick, with Nickel underplate).

    ## Applications
    · For 0.0625" [1.59mm] printed circuit boards with 0.100" [2.54mm] centers.

    ## Ordering Information
    · Body Material: 1 (Diallyl Phthalate), 2 (Phenolic), 3 (Polyester), 5 (Polyphenylene Sulfied).
    · Mounting Variations: X, XF, XS, YF, W, Y
    · Contact Plating: SG (Selective Gold Plating, 0.00003" min), SGF (Selective Gold Plating, 0.000010" min)
    · Number of Contacts: 6, 10, 12, 15, 18, 20, 22, 25, 28, 30, 31, 35, 36, 40, 43, 44, 48, 49, 50, 60, 65 per side.
    · Terminal Variations: K (Standard), 1R, 2R, 3R, 4R (Right Angle).
    · Polarizing Key: Optional, specified with a number after the model number (-1, -3, -5 etc.) or individually as PK-4.

    ## Dimensions
    · Detailed dimensional drawings provided showing specific measurements for various mounting styles, contact positions, and card thicknesses. Consult diagrams for exact values.