Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SL03 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SL03 Datasheet

  • # Example questions: ➢ What regulations is vishay semiconductor gmbh committed to meeting?
    ➢ What is the maximum reverse voltage the sl02/sl03/sl04 diodes can withstand, according to the provided documentation?
    ➢ What specific disclaimer does vishay provide regarding the use of their products in medical applications?

  • Part No.SL03
    ManufacturerVISHAY
    Size117 Kbytes
    Pages7 pages
    DescriptionSmall Signal Schottky Diodes
    Datasheet Summary with AI

    # Small Signal Schottky Diodes (SL02/03/04)

    ## Features
    · Surface mountable, low-profile package
    · Automated placement compatible
    · High efficiency, low power loss
    · RoHS compliant, Pb-free
    · High temperature soldering: 260°C/10s

    ## Mechanical Data
    · Case: JEDEC DO-219AB (SMF) Plastic
    · Polarity: Color band indicates cathode
    · Weight: ~15mg
    · Packaging:
    - G18: 10k/13" reel, 50k/box
    - G08: 3k/7" reel, 30k/box

    ## Parts Table
    Part Ordering Code Marking
    SL02 SL02-GS18 or SL02-GS08 S2
    SL03 SL03-GS18 or SL03-GS08 S3
    SL04 SL04-GS18 or SL04-GS08 S4

    ## Absolute Maximum Ratings (Tamb = 25°C)
    Parameter Symbol SL02 SL03 SL04 Unit
    Repetitive Peak Reverse Voltage VRRM 20 30 40 V
    RMS Voltage VRMS 14 21 28 V

    ## Electrical Characteristics (Tamb = 25°C)
    Parameter Symbol SL02 SL03 SL04 Unit
    DC Blocking Voltage VDC 20 30 40 V
    Average Forward Current (Ttp=109°C) IF(AV) 1.1 1.1 1.1 A
    Peak Forward Surge Current (8.3ms) IFSM 40 40 40 A
    Instantaneous Forward Voltage (0.5A) VF 0.360-0.385 0.395-0.43 0.450-0.51 V
    DC Reverse Current (TA=25°C) IR 250µA 130µA 20µA µA
    DC Reverse Current (TA=100°C) IR 8.0mA 6.0mA 6.0mA mA

    ## Thermal Characteristics (Tamb = 25°C)
    Parameter Symbol Value Unit
    Thermal Resistance (Junction to Ambient) RthJA 180 K/W
    Operating Junction Temperature TJ 125 °C
    Storage Temperature Range TSTG -55 to 150 °C

    ## Package Dimensions
    · Refer to datasheet for detailed dimensions in mm and inches (DO-219AB/SMF package)
    · Mounting pad layout provided.

    ## Legal Information
    · Ozone Depleting Substances Policy: Compliant with regulations.
    · Disclaimer: Specifications subject to change, no liability assumed for misuse. Not intended for medical/life-saving applications without authorization.

    # Small Signal Schottky Diodes (SL02/03/04)

    ## Features
    · Surface mountable, low-profile package
    · Automated placement compatible
    · High efficiency, low power loss
    · RoHS compliant, Pb-free
    · High temperature soldering: 260°C/10s

    ## Mechanical Data
    · Case: JEDEC DO-219AB (SMF) Plastic
    · Polarity: Color band indicates cathode
    · Weight: ~15mg
    · Packaging:
    - G18: 10k/13" reel, 50k/box
    - G08: 3k/7" reel, 30k/box

    ## Parts Table
    Part Ordering Code Marking
    SL02 SL02-GS18 or SL02-GS08 S2
    SL03 SL03-GS18 or SL03-GS08 S3
    SL04 SL04-GS18 or SL04-GS08 S4

    ## Absolute Maximum Ratings (Tamb = 25°C)
    Parameter Symbol SL02 SL03 SL04 Unit
    Repetitive Peak Reverse Voltage VRRM 20 30 40 V
    RMS Voltage VRMS 14 21 28 V

    ## Electrical Characteristics (Tamb = 25°C)
    Parameter Symbol SL02 SL03 SL04 Unit
    DC Blocking Voltage VDC 20 30 40 V
    Average Forward Current (Ttp=109°C) IF(AV) 1.1 1.1 1.1 A
    Peak Forward Surge Current (8.3ms) IFSM 40 40 40 A
    Instantaneous Forward Voltage (0.5A) VF 0.360-0.385 0.395-0.43 0.450-0.51 V
    DC Reverse Current (TA=25°C) IR 250µA 130µA 20µA µA
    DC Reverse Current (TA=100°C) IR 8.0mA 6.0mA 6.0mA mA

    ## Thermal Characteristics (Tamb = 25°C)
    Parameter Symbol Value Unit
    Thermal Resistance (Junction to Ambient) RthJA 180 K/W
    Operating Junction Temperature TJ 125 °C
    Storage Temperature Range TSTG -55 to 150 °C

    ## Package Dimensions
    · Refer to datasheet for detailed dimensions in mm and inches (DO-219AB/SMF package)
    · Mounting pad layout provided.

    ## Legal Information
    · Ozone Depleting Substances Policy: Compliant with regulations.
    · Disclaimer: Specifications subject to change, no liability assumed for misuse. Not intended for medical/life-saving applications without authorization.

    Part No.SL03
    ManufacturerVISHAY
    Size117 Kbytes
    Pages7 pages
    DescriptionSmall Signal Schottky Diodes
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com