Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPH Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MPH Datasheet

  • # Example questions: ➢ What is the maximum power dissipation allowed for each resistor element within the network?
    ➢ What is the typical tracking tcr value over the operating temperature range of -55 °c to +125 °c?
    ➢ What are the dimensions in millimeters of dimension 'b' on the bottom view of the device?

  • Part No.MPH
    ManufacturerVISHAY
    Size106 Kbytes
    Pages3 pages
    DescriptionHermetic, 50 Mil Pitch, Leadless Chip Resistor Network
    Datasheet Summary with AI

    # MPH Hermetic Resistor Networks

    ## Features
    · Lead (Pb)-free options available
    · Hermetically sealed construction
    · Exceptional stability: 500 ppm at +70°C (10,000 hours)
    · Nickel barrier terminations
    · For Military/Aerospace applications

    ## Electrical Specifications
    · Resistance Range: 100 Ω to 100 kΩ
    · TCR (Tracking): ±2 ppm/°C (-55°C to +125°C)
    · TCR (Absolute): ±25 ppm/°C (-55°C to +125°C)
    · Ratio Tolerance: ±0.1% to ±0.05%
    · Absolute Tolerance: ±1.0% to ±0.1%
    · Power Rating (Resistor): 1000 mW per element @ +70°C
    · Power Rating (Package): 250 mW @ +70°C
    · Stability (ΔR Absolute): 0.10% (2000 hours at +70°C)
    · Stability (ΔR Ratio): 0.03% (2000 hours at +70°C)
    · Working Voltage: 50 V

    ## Environmental Specifications
    · Operating Temperature: -55°C to +125°C
    · Storage Temperature: -55°C to +125°C
    · Shelf Life (Absolute): <100 ppm (1 year at +25°C)
    · Shelf Life (Ratio): <20 ppm (1 year at +25°C)

    ## Mechanical Specifications
    · Resistive Element: Passivated nichrome
    · Substrate Material: Alumina
    · Body: Ceramic
    · Terminals: Gold over nickel
    · Marking: Resistance to solvents per MIL-PRF-83401

    ## Dimensions
    · A: 0.155 inches (3.937 mm)
    · B: 0.080 inches (2.032 mm)
    · C: 0.225 inches (5.715 mm)
    · D: 0.025 inches typical (0.635 mm)
    · E: 0.040 inches (1.016 mm)
    · F: 0.070 inches (1.778 mm)
    · G: 0.050 inches (1.27 mm)

    ## Part Numbering
    · New Format: MPHK1003BUF
    · Historical Format: MPHR1001B (still accepted)

    ## Compliance
    · RoHS compliant options available
    · Lead (Pb)-free option: 96.5% Sn, 3.0% Ag, 0.5% Cu

    # MPH Hermetic Resistor Networks

    ## Features
    · Lead (Pb)-free options available
    · Hermetically sealed construction
    · Exceptional stability: 500 ppm at +70°C (10,000 hours)
    · Nickel barrier terminations
    · For Military/Aerospace applications

    ## Electrical Specifications
    · Resistance Range: 100 Ω to 100 kΩ
    · TCR (Tracking): ±2 ppm/°C (-55°C to +125°C)
    · TCR (Absolute): ±25 ppm/°C (-55°C to +125°C)
    · Ratio Tolerance: ±0.1% to ±0.05%
    · Absolute Tolerance: ±1.0% to ±0.1%
    · Power Rating (Resistor): 1000 mW per element @ +70°C
    · Power Rating (Package): 250 mW @ +70°C
    · Stability (ΔR Absolute): 0.10% (2000 hours at +70°C)
    · Stability (ΔR Ratio): 0.03% (2000 hours at +70°C)
    · Working Voltage: 50 V

    ## Environmental Specifications
    · Operating Temperature: -55°C to +125°C
    · Storage Temperature: -55°C to +125°C
    · Shelf Life (Absolute): <100 ppm (1 year at +25°C)
    · Shelf Life (Ratio): <20 ppm (1 year at +25°C)

    ## Mechanical Specifications
    · Resistive Element: Passivated nichrome
    · Substrate Material: Alumina
    · Body: Ceramic
    · Terminals: Gold over nickel
    · Marking: Resistance to solvents per MIL-PRF-83401

    ## Dimensions
    · A: 0.155 inches (3.937 mm)
    · B: 0.080 inches (2.032 mm)
    · C: 0.225 inches (5.715 mm)
    · D: 0.025 inches typical (0.635 mm)
    · E: 0.040 inches (1.016 mm)
    · F: 0.070 inches (1.778 mm)
    · G: 0.050 inches (1.27 mm)

    ## Part Numbering
    · New Format: MPHK1003BUF
    · Historical Format: MPHR1001B (still accepted)

    ## Compliance
    · RoHS compliant options available
    · Lead (Pb)-free option: 96.5% Sn, 3.0% Ag, 0.5% Cu

    Part No.MPH
    ManufacturerVISHAY
    Size106 Kbytes
    Pages3 pages
    DescriptionHermetic, 50 Mil Pitch, Leadless Chip Resistor Network
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com