![]() |
Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ULN2003 Datasheet
Example questions:
1. What is the output current rating for each driver in the ULN2001A, ULN2002A, ULN2003, and ULN2004A darlington arrays?
2. Which logic families can the ULN2003A interface with?
3. How many open collector darlington pairs with common emitters are there in each ULN2001A, ULN2002A, ULN2003, and ULN2004A darlington array?
The ULN2001A-ULN2004A are high voltage, high current darlington arrays containing seven open collector darlington pairs with common emitters.
Each channel is rated at 500mA and can withstand peak currents of 600mA.
The arrays have integrated suppression diodes for inductive load driving and the inputs are pinned opposite the outputs to simplify board layout.
They are compatible with various logic families and are useful for driving a wide range of loads including solenoids, relays, DC motors, LED displays, filament lamps, thermal printheads, and high power buffers.
The arrays are available in 16 pin plastic DIP packages and small outline packages.
The electrical characteristics and test circuits are also provided in the datasheet.
Part No. | ULN2003 |
Manufacturer | STMICROELECTRONICS |
Size | 326 Kbytes |
Pages | 8 pages |
Description | SEVEN DARLINGTON ARRAYS |
Política de Privacidad |
ALLDATASHEET.COM.MX |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |