| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about VN30NSP Datasheet
# Example questions:
➢ What is the thermal shutdown temperature of the vn30nsp, and at what temperature does it automatically reset?
➢ What is the maximum continuous output current the vn30nsp can handle at a case temperature of 25°c?
➢ What is the typical input current drawn by the device when the output is in the off state?
# VN30NSP Smart Power Solid State Relay
## Overview
️· High-side driver for resistive or inductive loads with one side grounded.
️· Utilizes STMicroelectronics VIPower Technology.
️· Includes thermal and undervoltage shutdown for protection.
## Key Features
️· Voltage: 60V Drain-Source Breakdown Voltage (V(BR)DSS)
️· Current: 45A Continuous Output Current (IOUT) @ Tc=25°C
️· Input: 5V Logic Level Compatible Input
️· Protection: Thermal Shutdown, Under Voltage Shutdown, Short Circuit Protection
️· Diagnostic: Open Drain Diagnostic Output (indicates open circuit & over temp)
️· Standby Power: Very low power dissipation
️· On Resistance: 0.03 Ω (typical) @ IOUT = 18A, Tj = 25°C
## Electrical Characteristics
️· Supply Voltage (VCC): 7-26V
️· On State Resistance (R on): 0.06Ω (max), 0.03Ω (typ)
️· Switching Times:
- td(on) (Turn-on Delay): 30µs
- td(off) (Turn-off Delay): 80µs
️· Thermal Shutdown Temperature (TTSD): 140°C
️· Reset Temperature: 125°C
## Protections and Diagnostics
️· Status Voltage Output (VSTAT): Low = 0.4V
️· Undervoltage Shutdown (VUSD): 6.5-7V
️· Short Circuit Switch-off Time: 1ms (max)
️· Short Circuit Current (IOV): 140A (max)
## Package Information
️· Package Type: PowerSO-10
️· See datasheet for detailed mechanical dimensions.
# VN30NSP Smart Power Solid State Relay
## Overview
️· High-side driver for resistive or inductive loads with one side grounded.
️· Utilizes STMicroelectronics VIPower Technology.
️· Includes thermal and undervoltage shutdown for protection.
## Key Features
️· Voltage: 60V Drain-Source Breakdown Voltage (V(BR)DSS)
️· Current: 45A Continuous Output Current (IOUT) @ Tc=25°C
️· Input: 5V Logic Level Compatible Input
️· Protection: Thermal Shutdown, Under Voltage Shutdown, Short Circuit Protection
️· Diagnostic: Open Drain Diagnostic Output (indicates open circuit & over temp)
️· Standby Power: Very low power dissipation
️· On Resistance: 0.03 Ω (typical) @ IOUT = 18A, Tj = 25°C
## Electrical Characteristics
️· Supply Voltage (VCC): 7-26V
️· On State Resistance (R on): 0.06Ω (max), 0.03Ω (typ)
️· Switching Times:
- td(on) (Turn-on Delay): 30µs
- td(off) (Turn-off Delay): 80µs
️· Thermal Shutdown Temperature (TTSD): 140°C
️· Reset Temperature: 125°C
## Protections and Diagnostics
️· Status Voltage Output (VSTAT): Low = 0.4V
️· Undervoltage Shutdown (VUSD): 6.5-7V
️· Short Circuit Switch-off Time: 1ms (max)
️· Short Circuit Current (IOV): 140A (max)
## Package Information
️· Package Type: PowerSO-10
️· See datasheet for detailed mechanical dimensions.
| Part No. | VN30NSP |
| Manufacturer | STMICROELECTRONICS |
| Size | 64 Kbytes |
| Pages | 8 pages |
| Description | HIGH SIDE SMART POWER SOLID STATE RELAY |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |