| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SMS3.3.TC Datasheet
# Example questions:
➢ What are the key recommendations for circuit board layout to improve esd suppression?
➢ What is the purpose of the 'top side mark' mentioned in the 'tape and reel specification' section?
➢ What are they, and how do they affect assembly techniques?
️· Purpose: The SMS3.3 protects up to four unidirectional data lines from ESD and other transient voltage events.
️· Key Features: Designed for data line protection, specified circuit layout recommendations for optimal suppression, matte tin lead finish compatibility with both lead-free and SnPb assembly techniques.
️· Electrical Characteristics: The document contains graphs and specifications showing voltage clamping characteristics, surge current capabilities, and other performance parameters. (These are visually present in the document but not transcribed into text.)
️· Mechanical Information: Detailed dimensions for both the device package and the tape & reel packaging are provided, along with information on lead finish and quantity per reel.
️· Application Notes: The datasheet includes recommendations for circuit board layout to maximize the effectiveness of the protection device.
️· Ordering Information: Part numbers, lead finish options and quantity per reel are provided.
️· Contact Information: Semtech's contact details are listed for further inquiries.
In essence, this datasheet is a comprehensive guide for engineers and designers who need to integrate the SMS3.3 into their electronic circuits for protection against voltage transients.
️· Purpose: The SMS3.3 protects up to four unidirectional data lines from ESD and other transient voltage events.
️· Key Features: Designed for data line protection, specified circuit layout recommendations for optimal suppression, matte tin lead finish compatibility with both lead-free and SnPb assembly techniques.
️· Electrical Characteristics: The document contains graphs and specifications showing voltage clamping characteristics, surge current capabilities, and other performance parameters. (These are visually present in the document but not transcribed into text.)
️· Mechanical Information: Detailed dimensions for both the device package and the tape & reel packaging are provided, along with information on lead finish and quantity per reel.
️· Application Notes: The datasheet includes recommendations for circuit board layout to maximize the effectiveness of the protection device.
️· Ordering Information: Part numbers, lead finish options and quantity per reel are provided.
️· Contact Information: Semtech's contact details are listed for further inquiries.
In essence, this datasheet is a comprehensive guide for engineers and designers who need to integrate the SMS3.3 into their electronic circuits for protection against voltage transients.
| Part No. | SMS3.3.TC |
| Manufacturer | SEMTECH |
| Size | 158 Kbytes |
| Pages | 7 pages |
| Description | 3.3 Volt TVS Array For ESD and Latch-Up Protection |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |