| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MSD644 Datasheet
# Example questions:
➢ What is the specified jitter performance of the msd644 at a bandwidth of 10hz to 20mhz?
➢ What is the maximum allowable supply voltage for the msd644 oscillator?
➢ How does the tri-state enable function affect the oscillator's output?
# Connor-Winfield MSD644 Crystal Controlled Oscillator
## Description & Features
️· Type: Hermetically sealed surface mount 5.0V Crystal Controlled Oscillator (XO), HCMOS/TTL Compatible.
️· Applications: Designed for low jitter and tight stability applications.
️· Features:
- 5.0V Operation
- Low Jitter: <1ps RMS
- Frequency Tolerance: ±20 ppm
- Operating Temperature Range: -40°C to 85°C
- Tri-State Enable/Disable Function
- Tape and Reel Packaging
️· Center Frequency: 51.84 MHz
️· HCMOS Clock Series
## Specifications
Absolute Maximum Ratings
️· Storage Temperature: -55°C to 125°C
️· Supply Voltage (Vcc): -0.5V to 7Vdc
Operating Specifications
️· Frequency Range (Fo): 1.8 MHz to 80 MHz
️· Total Frequency Tolerance: -20 ppm to 20 ppm
️· Supply Voltage (Vcc): 4.50V to 5.50V
️· Supply Current (Icc): Up to 50 mA
️· Jitter (BW=10Hz to 20MHz): Up to 5 ps rms
️· Jitter (BW=12kHz to 20MHz): Up to 1 ps rms
️· Phase Noise: Specifications provided for various offset frequencies (10Hz, 100Hz, 1kHz, 10kHz, 00kHz)
Input Characteristics
️· Tri-State Enable Voltage (Vih): >70%Vcc
️· Tri-State Disable Voltage (Vil): <30%Vcc
HCMOS Output Characteristics
️· Load: 50 pF
️· Output Voltage (High/Low): Voh > 0.9(Vcc), Vol < 0.1(Vcc)
️· Output Current (High/Low): Ioh -16 mA, Ioh 16 mA
️· Duty Cycle: 45% to 55%
️· Rise/Fall Time: 1.5 ns to 3 ns
Package Characteristics
️· Hermetically sealed, ceramic package with gold plated J leads.
## Notes
️· Specifications inclusive of calibration, frequency vs. temperature stability, supply voltage change, load change, shock, vibration, and 20 years aging.
️· Oscillator output enabled with no connection on pad 1
# Connor-Winfield MSD644 Crystal Controlled Oscillator
## Description & Features
️· Type: Hermetically sealed surface mount 5.0V Crystal Controlled Oscillator (XO), HCMOS/TTL Compatible.
️· Applications: Designed for low jitter and tight stability applications.
️· Features:
- 5.0V Operation
- Low Jitter: <1ps RMS
- Frequency Tolerance: ±20 ppm
- Operating Temperature Range: -40°C to 85°C
- Tri-State Enable/Disable Function
- Tape and Reel Packaging
️· Center Frequency: 51.84 MHz
️· HCMOS Clock Series
## Specifications
Absolute Maximum Ratings
️· Storage Temperature: -55°C to 125°C
️· Supply Voltage (Vcc): -0.5V to 7Vdc
Operating Specifications
️· Frequency Range (Fo): 1.8 MHz to 80 MHz
️· Total Frequency Tolerance: -20 ppm to 20 ppm
️· Supply Voltage (Vcc): 4.50V to 5.50V
️· Supply Current (Icc): Up to 50 mA
️· Jitter (BW=10Hz to 20MHz): Up to 5 ps rms
️· Jitter (BW=12kHz to 20MHz): Up to 1 ps rms
️· Phase Noise: Specifications provided for various offset frequencies (10Hz, 100Hz, 1kHz, 10kHz, 00kHz)
Input Characteristics
️· Tri-State Enable Voltage (Vih): >70%Vcc
️· Tri-State Disable Voltage (Vil): <30%Vcc
HCMOS Output Characteristics
️· Load: 50 pF
️· Output Voltage (High/Low): Voh > 0.9(Vcc), Vol < 0.1(Vcc)
️· Output Current (High/Low): Ioh -16 mA, Ioh 16 mA
️· Duty Cycle: 45% to 55%
️· Rise/Fall Time: 1.5 ns to 3 ns
Package Characteristics
️· Hermetically sealed, ceramic package with gold plated J leads.
## Notes
️· Specifications inclusive of calibration, frequency vs. temperature stability, supply voltage change, load change, shock, vibration, and 20 years aging.
️· Oscillator output enabled with no connection on pad 1
| Part No. | MSD644 |
| Manufacturer | CONNOR-WINFIELD |
| Size | 149 Kbytes |
| Pages | 2 pages |
| Description | SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |