Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LT1812 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LT1812 Datasheet

  • # Example questions: ➢ Considering the 'minimum supply voltage' parameter, what is the lowest supply voltage listed across the three datasheets and in which datasheet is it found?
    ➢ Compare the input noise voltage density (nv/√hz) across the three provided datasheets for the lt181 what is the range of values?
    ➢ What is the range of slew rates (v/µs) listed across the three datasheets for the lt1812?

  • Part No.LT1812
    ManufacturerLINER
    Size230 Kbytes
    Pages16 pages
    Description3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
    Datasheet Summary with AI

    ️· Section 1: Characteristics at T = 25°C, V = 5V, VCM = 2.5V
    ️· Section 2: Characteristics at T = 25°C, V = 5V, VCM = 0V (Repeated content from the previous section, slightly modified)
    ️· Section 3: Characteristics at 0°C ≤ TA ≤ 70°C, VS = ±5V, VCM = 0V

    I'm going to organize the information into categories and summarize key specs. I'm assuming any variation with multiple values represents different operating conditions unless otherwise specified.

    1. General Information

    ️· Device: LT1812 Operational Amplifier
    ️· Operating Temperature Range: 0°C to 70°C (Section 3) or 25°C (Sections 1 & 2)
    ️· Supply Voltage: ±5V (Section 3), 5V (Section 1 & 2). Minimum Supply Voltage: ±2V (Section 3)
    ️· Input Voltage Range: ±3.5V (Section 3) or 2.5V (Section 1 and 2)

    2. DC Characteristics

    ️· Input Offset Voltage (VOS): 2 mV (Section 3), The drift is 10-15 µV/°C (Section 3)
    ️· Input Offset Current (IOS): 500 nA (Section 3), 30 nA (Section 3, variant), 500nA
    ️· Input Bias Current (IB): ±5 µA (Section 3), ±4 µA (Section 3, variant), -1.0 to +4µA (Section 3, another variant)
    ️· Input Resistance (RIN): 3-10 MΩ (Section 1 & 2), 3-1.5 MΩ (Section 3)
    ️· Common-Mode Rejection Ratio (CMRR): 73 dB (Section 3), 73 dB (Section 3 variant)
    ️· Power Supply Rejection Ratio (PSRR): 76 dB (Section 3)

    3. AC Characteristics

    ️· Open-Loop Gain (AVOL): ~1 V/mV to 0.7 V/mV (depending on RL: 500Ω or 100Ω)
    ️· Slew Rate (SR): 200-350 V/µs (Section 2/3), 400 V/µs (Section 3)
    ️· Gain-Bandwidth Product (GBW): 65-94 MHz (Section 3), ~65 MHz (Section 3 variant)
    ️· Full Power Bandwidth: 55 MHz (Section 3), ~55 MHz
    ️· Rise/Fall Time (tr/tf): ~2-3ns (Section 2/3)

    4. Output Characteristics

    ️· Maximum Output Swing: ±3.25 to ±3.9 V (depending on RL and specific condition.
    ️· Maximum Output Current (IOUT): ±35 to ±40 mA (depending on condition)
    ️· Output Short-Circuit Current (ISC): ±55 to ±60 mA

    5. Pin Control

    ️· Shutdown Pin Current (ISHDN): Ranges from 0-150µA
    ️· Supply Current (IS): Ranges from 4.6mA to 150µA

    Key Observations and Differences Between Sections:

    ️· VCM: The input common-mode voltage changes (2.5V vs 0V), affecting some parameters.
    ️· Temperature: The third section explicitly states the temperature range (0°C to 70°C), which would influence parameter variations.
    ️· Minor Specification Variations: You're seeing slight differences in numbers for things like VOS and IB, likely due to the different test conditions.

    ️· Section 1: Characteristics at T = 25°C, V = 5V, VCM = 2.5V
    ️· Section 2: Characteristics at T = 25°C, V = 5V, VCM = 0V (Repeated content from the previous section, slightly modified)
    ️· Section 3: Characteristics at 0°C ≤ TA ≤ 70°C, VS = ±5V, VCM = 0V

    I'm going to organize the information into categories and summarize key specs. I'm assuming any variation with multiple values represents different operating conditions unless otherwise specified.

    1. General Information

    ️· Device: LT1812 Operational Amplifier
    ️· Operating Temperature Range: 0°C to 70°C (Section 3) or 25°C (Sections 1 & 2)
    ️· Supply Voltage: ±5V (Section 3), 5V (Section 1 & 2). Minimum Supply Voltage: ±2V (Section 3)
    ️· Input Voltage Range: ±3.5V (Section 3) or 2.5V (Section 1 and 2)

    2. DC Characteristics

    ️· Input Offset Voltage (VOS): 2 mV (Section 3), The drift is 10-15 µV/°C (Section 3)
    ️· Input Offset Current (IOS): 500 nA (Section 3), 30 nA (Section 3, variant), 500nA
    ️· Input Bias Current (IB): ±5 µA (Section 3), ±4 µA (Section 3, variant), -1.0 to +4µA (Section 3, another variant)
    ️· Input Resistance (RIN): 3-10 MΩ (Section 1 & 2), 3-1.5 MΩ (Section 3)
    ️· Common-Mode Rejection Ratio (CMRR): 73 dB (Section 3), 73 dB (Section 3 variant)
    ️· Power Supply Rejection Ratio (PSRR): 76 dB (Section 3)

    3. AC Characteristics

    ️· Open-Loop Gain (AVOL): ~1 V/mV to 0.7 V/mV (depending on RL: 500Ω or 100Ω)
    ️· Slew Rate (SR): 200-350 V/µs (Section 2/3), 400 V/µs (Section 3)
    ️· Gain-Bandwidth Product (GBW): 65-94 MHz (Section 3), ~65 MHz (Section 3 variant)
    ️· Full Power Bandwidth: 55 MHz (Section 3), ~55 MHz
    ️· Rise/Fall Time (tr/tf): ~2-3ns (Section 2/3)

    4. Output Characteristics

    ️· Maximum Output Swing: ±3.25 to ±3.9 V (depending on RL and specific condition.
    ️· Maximum Output Current (IOUT): ±35 to ±40 mA (depending on condition)
    ️· Output Short-Circuit Current (ISC): ±55 to ±60 mA

    5. Pin Control

    ️· Shutdown Pin Current (ISHDN): Ranges from 0-150µA
    ️· Supply Current (IS): Ranges from 4.6mA to 150µA

    Key Observations and Differences Between Sections:

    ️· VCM: The input common-mode voltage changes (2.5V vs 0V), affecting some parameters.
    ️· Temperature: The third section explicitly states the temperature range (0°C to 70°C), which would influence parameter variations.
    ️· Minor Specification Variations: You're seeing slight differences in numbers for things like VOS and IB, likely due to the different test conditions.

    Part No.LT1812
    ManufacturerLINER
    Size230 Kbytes
    Pages16 pages
    Description3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com