| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 2SC3444 Datasheet
# Example questions:
➢ How does the marking on the transistor indicate the range of its hfe (dc current gain)?
➢ What is the maximum collector current (ic) that the 2sc3444 transistor can handle?
➢ What is the typical collector-emitter saturation voltage (vce(sat)) when the collector current (ic) is 500ma and the base current (ib) is 25ma?
# 2SC3444 Small Signal Transistor
## Features
· High voltage: VCEO = 60V
· High collector current: Ic = 1A
· High collector dissipation: Pc = 500mW
· Low VCE(sat): 0.11V typ (@ Ic = 500mA, IB = 25mA)
· Small package for mounting
## Absolute Maximum Ratings (Ta = 25°C)
· Vcbo: 60V
· Vebo: 6V
· Vceo: 60V
· ICM: 2A
· IC: 1A
· PC: 500mW
· Tj: 150°C
· Tstg: -55°C to +150°C
## Electrical Characteristics (Ta = 25°C)
· V(BR)CBO: 60V (IC=10µA, IE=0)
· V(BR)EBO: 6V (IE=10µA, IC=0)
· V(BR)CEO: 60V (IC=2mA, RBE=)
· ICBO: 0.2µA (VCB=50V, IE=0)
· IEBO: 0.2µA (VEB=4V, IC=0)
· hFE: 55-300 (VCE=4V, IC=100mA)
· VCE(sat): 0.11-0.3V (IC=500mA, IB=25mA)
· fT: 80 MHz (VCE=2V, IE=-10mA)
· Cob: 14 pF (VCB=10V, IE=0, f=1MHz)
## hFE Classification
· Marking: DC, DD, DE
· Ranges: 55-110, 90-180, 150-300
# 2SC3444 Small Signal Transistor
## Features
· High voltage: VCEO = 60V
· High collector current: Ic = 1A
· High collector dissipation: Pc = 500mW
· Low VCE(sat): 0.11V typ (@ Ic = 500mA, IB = 25mA)
· Small package for mounting
## Absolute Maximum Ratings (Ta = 25°C)
· Vcbo: 60V
· Vebo: 6V
· Vceo: 60V
· ICM: 2A
· IC: 1A
· PC: 500mW
· Tj: 150°C
· Tstg: -55°C to +150°C
## Electrical Characteristics (Ta = 25°C)
· V(BR)CBO: 60V (IC=10µA, IE=0)
· V(BR)EBO: 6V (IE=10µA, IC=0)
· V(BR)CEO: 60V (IC=2mA, RBE=)
· ICBO: 0.2µA (VCB=50V, IE=0)
· IEBO: 0.2µA (VEB=4V, IC=0)
· hFE: 55-300 (VCE=4V, IC=100mA)
· VCE(sat): 0.11-0.3V (IC=500mA, IB=25mA)
· fT: 80 MHz (VCE=2V, IE=-10mA)
· Cob: 14 pF (VCB=10V, IE=0, f=1MHz)
## hFE Classification
· Marking: DC, DD, DE
· Ranges: 55-110, 90-180, 150-300
| Part No. | 2SC3444 |
| Manufacturer | KEXIN |
| Size | 52 Kbytes |
| Pages | 1 page |
| Description | Small Signal Transistor |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |