Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EPA3876G Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about EPA3876G Datasheet

  • # Example questions: ➢ What is the maximum switching frequency this power transformer is designed to operate with?
    ➢ What is the dielectric rating between the primary and secondary windings?
    ➢ What is the maximum dc resistance (dcr) value for pins 1-12 and 12-2?

  • Part No.EPA3876G
    ManufacturerPCA
    Size50 Kbytes
    Pages1 page
    DescriptionPower Transformer
    Datasheet Summary with AI

    # Power Transformer - EPA3876G

    ## Electrical Specifications
    ️· Inductance: 126 µH ± 10% @ 10 kHz, 0.1 Vrms
    ️· DCR (DC Resistance):
    - Pins 1-2: 0.035 Ω Max.
    - Pins 1-12, 12-2: 0.125 Ω Max.
    - Pins 3-10: 0.006 Ω Max.
    - Pins 4-9, 5-8, 6-7: 0.006 Ω Max.
    ️· Leakage Inductance: 1.26 µH Max. @ 100 kHz, 0.1 Vrms (Pins 1-2 shorted)
    ️· Dielectric Rating: 500 Vdc (Pri. to Sec. Winding)
    ️· Turns Ratio: 1:1:.9:.3:.3:.3 (Pins 1-12:12-2:3-10:4-9:5-8:6-7)

    ## Features
    ️· Designed for Flyback Topology
    ️· UL 94V-0 Recognized Bobbin Material
    ️· UL 1446 Class B Insulation System
    ️· Low Core Loss Materials
    ️· Surface Mount Package
    ️· Operating Frequency: Up to 1 MHz

    ## Dimensions
    ️· Refer to schematic for dimensional details (in Inches / mm ± .010 / .25)
    ️· Key dimensions (approximate):
    - Length: 1.020 Max. (25.91 mm)
    - Width: 1.236 (31.40 mm)
    - Height: 0.520 Max. (13.21 mm)

    ## Contact Information
    ️· PCA Electronics, Inc.
    ️· 16799 Schoenborn St., North Hills, CA 91343
    ️· TEL: (818) 892-0761
    ️· FAX: (818) 894-5791
    ️· http://www.pcainc.com

    ## Notes
    ️· Product performance is limited to specified parameters.
    ️· Data subject to change without prior notice.
    ️· Revision: 1 (5/21/02)
    ️· CSA3876G model number.

    # Power Transformer - EPA3876G

    ## Electrical Specifications
    ️· Inductance: 126 µH ± 10% @ 10 kHz, 0.1 Vrms
    ️· DCR (DC Resistance):
    - Pins 1-2: 0.035 Ω Max.
    - Pins 1-12, 12-2: 0.125 Ω Max.
    - Pins 3-10: 0.006 Ω Max.
    - Pins 4-9, 5-8, 6-7: 0.006 Ω Max.
    ️· Leakage Inductance: 1.26 µH Max. @ 100 kHz, 0.1 Vrms (Pins 1-2 shorted)
    ️· Dielectric Rating: 500 Vdc (Pri. to Sec. Winding)
    ️· Turns Ratio: 1:1:.9:.3:.3:.3 (Pins 1-12:12-2:3-10:4-9:5-8:6-7)

    ## Features
    ️· Designed for Flyback Topology
    ️· UL 94V-0 Recognized Bobbin Material
    ️· UL 1446 Class B Insulation System
    ️· Low Core Loss Materials
    ️· Surface Mount Package
    ️· Operating Frequency: Up to 1 MHz

    ## Dimensions
    ️· Refer to schematic for dimensional details (in Inches / mm ± .010 / .25)
    ️· Key dimensions (approximate):
    - Length: 1.020 Max. (25.91 mm)
    - Width: 1.236 (31.40 mm)
    - Height: 0.520 Max. (13.21 mm)

    ## Contact Information
    ️· PCA Electronics, Inc.
    ️· 16799 Schoenborn St., North Hills, CA 91343
    ️· TEL: (818) 892-0761
    ️· FAX: (818) 894-5791
    ️· http://www.pcainc.com

    ## Notes
    ️· Product performance is limited to specified parameters.
    ️· Data subject to change without prior notice.
    ️· Revision: 1 (5/21/02)
    ️· CSA3876G model number.

    Part No.EPA3876G
    ManufacturerPCA
    Size50 Kbytes
    Pages1 page
    DescriptionPower Transformer
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com