| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ATS617LSG Datasheet
# Example questions:
➢ The documentation mentions 'bop' and 'brp'. what do these abbreviations represent in the context of the ats617's operation?
➢ What key benefit does the ats617's self-calibration circuitry provide?
➢ How does the ats617 compensate for variations caused by target and shaft eccentricities?
1. Overview & Purpose
️· What is it? The ATS617LSG is a Hall effect sensor specifically designed for detecting rotating gear teeth. It's part of a complete system, incorporating a Hall IC, a rare-earth pellet (magnetic concentrator), and a ferrous pole piece.
️· Function: The device detects the edges of rotating gear teeth and provides a digital output signal indicative of their position. It's designed for ease of integration into systems requiring gear position sensing.
️· Key Feature – Dynamic Self-Calibration: It automatically adjusts to variations in target (gear) conditions and installation inaccuracies (tilt, rotation, eccentricity), minimizing the need for external adjustments.
2. Core Technology & Components
️· Hall IC: Contains two Hall effect elements spaced 2.2mm apart. These elements measure the magnetic gradient caused by passing gear teeth.
️· Rare-Earth Pellet (Samarium Cobalt): Acts as a magnetic concentrator, increasing the magnetic field strength at the Hall elements. This enhances sensitivity.
️· Ferrous Pole Piece: Directs and shapes the magnetic field onto the Hall elements.
️· Differential Signal: The signal is *differential* (meaning it measures the difference in output between the two Hall elements), providing greater noise immunity.
️· BiCMOS Process: Fabricated using a BiCMOS process (combining bipolar and CMOS technologies) for optimized performance.
3. Self-Calibration & Signal Processing
️· Peak Detection: A key feature is a "peak detection scheme." The device continuously monitors the signal and uses the peaks (representing gear tooth edges) to dynamically set the operate (turn-on) and release (turn-off) switchpoints. This makes the sensor incredibly adaptable.
️· Automatic Gain Control (AGC): The AGC circuit adjusts the sensor’s gain automatically after power-up, further optimizing performance.
️· Hysteresis: Built-in hysteresis minimizes false triggering due to gear tooth anomalies.
️· Temperature Compensation: Designed to minimize the impact of temperature changes on its accuracy.
4. Functional Description (Simplified)
1. Target Rotation: The gear rotates, bringing a tooth closer to the pole piece.
2. Magnetic Field Change: The gear tooth (ferrous material) distorts the magnetic field.
3. Hall Elements Respond: The Hall elements detect the change in the magnetic field.
4. Signal Processing: The peak detection circuitry uses the detected peaks to set the switchpoints.
5. Digital Output: The comparator switches and delivers a digital output signal.
5. Electrical Characteristics & Thermal Considerations
️· Power Derating Curve: Maximum power dissipation is limited, and the device must be derated based on operating temperature, as shown in the curves.
️· Thermal Resistance: The device has thermal resistance values depending on the PCB design.
6. Applications
️· The datasheet does not specify particular applications, but the device is useful anywhere reliable detection of rotating gear edges is needed.
Key Advantages of the ATS617LSG
️· Ease of Use: No external calibration is typically required.
️· Adaptability: Dynamically adjusts to a wide range of gear conditions and installation parameters.
️· Noise Immunity: Differential signal and peak detection reduce noise.
️· Compact Size: Designed for integration into smaller systems.
️· Reliability: Built with high-temperature materials for long-term performance.
1. Overview & Purpose
️· What is it? The ATS617LSG is a Hall effect sensor specifically designed for detecting rotating gear teeth. It's part of a complete system, incorporating a Hall IC, a rare-earth pellet (magnetic concentrator), and a ferrous pole piece.
️· Function: The device detects the edges of rotating gear teeth and provides a digital output signal indicative of their position. It's designed for ease of integration into systems requiring gear position sensing.
️· Key Feature – Dynamic Self-Calibration: It automatically adjusts to variations in target (gear) conditions and installation inaccuracies (tilt, rotation, eccentricity), minimizing the need for external adjustments.
2. Core Technology & Components
️· Hall IC: Contains two Hall effect elements spaced 2.2mm apart. These elements measure the magnetic gradient caused by passing gear teeth.
️· Rare-Earth Pellet (Samarium Cobalt): Acts as a magnetic concentrator, increasing the magnetic field strength at the Hall elements. This enhances sensitivity.
️· Ferrous Pole Piece: Directs and shapes the magnetic field onto the Hall elements.
️· Differential Signal: The signal is *differential* (meaning it measures the difference in output between the two Hall elements), providing greater noise immunity.
️· BiCMOS Process: Fabricated using a BiCMOS process (combining bipolar and CMOS technologies) for optimized performance.
3. Self-Calibration & Signal Processing
️· Peak Detection: A key feature is a "peak detection scheme." The device continuously monitors the signal and uses the peaks (representing gear tooth edges) to dynamically set the operate (turn-on) and release (turn-off) switchpoints. This makes the sensor incredibly adaptable.
️· Automatic Gain Control (AGC): The AGC circuit adjusts the sensor’s gain automatically after power-up, further optimizing performance.
️· Hysteresis: Built-in hysteresis minimizes false triggering due to gear tooth anomalies.
️· Temperature Compensation: Designed to minimize the impact of temperature changes on its accuracy.
4. Functional Description (Simplified)
1. Target Rotation: The gear rotates, bringing a tooth closer to the pole piece.
2. Magnetic Field Change: The gear tooth (ferrous material) distorts the magnetic field.
3. Hall Elements Respond: The Hall elements detect the change in the magnetic field.
4. Signal Processing: The peak detection circuitry uses the detected peaks to set the switchpoints.
5. Digital Output: The comparator switches and delivers a digital output signal.
5. Electrical Characteristics & Thermal Considerations
️· Power Derating Curve: Maximum power dissipation is limited, and the device must be derated based on operating temperature, as shown in the curves.
️· Thermal Resistance: The device has thermal resistance values depending on the PCB design.
6. Applications
️· The datasheet does not specify particular applications, but the device is useful anywhere reliable detection of rotating gear edges is needed.
Key Advantages of the ATS617LSG
️· Ease of Use: No external calibration is typically required.
️· Adaptability: Dynamically adjusts to a wide range of gear conditions and installation parameters.
️· Noise Immunity: Differential signal and peak detection reduce noise.
️· Compact Size: Designed for integration into smaller systems.
️· Reliability: Built with high-temperature materials for long-term performance.
| Part No. | ATS617LSG |
| Manufacturer | ALLEGRO |
| Size | 496 Kbytes |
| Pages | 16 pages |
| Description | Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |