Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TSM4835CSRL Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TSM4835CSRL Datasheet

  • # Example questions: ➢ What applications are these products not designed for, and what is the implication for customers using them in such applications?
    ➢ What is the maximum continuous drain current this mosfet can handle under typical operating conditions?
    ➢ What is the typical junction to ambient thermal resistance of the device when mounted on a pcb?

  • Part No.TSM4835CSRL
    ManufacturerTSC
    Size177 Kbytes
    Pages4 pages
    Description30V P-Channel MOSFET
    Datasheet Summary with AI

    # TSM4835
    ## Preliminary 30V P-Channel MOSFET

    Features
    · Advance Trench Process Technology
    · High Density Cell Design for Ultra Low On-resistance

    Applications
    · Load Switches
    · Desktop PCs
    · Notebook PCs

    Package
    · SOP-8
    · 2.5Kpcs / 13” Ree

    Absolute Maximum Ratings (Ta = 25°C)
    · Drain-Source Voltage (VDS): -30V
    · Gate-Source Voltage (VGS): ±25V
    · Continuous Drain Current (ID): -9.6A
    · Pulsed Drain Current (IDM): -50A
    · Continuous Source Current (IS): -2.1A
    · Maximum Power Dissipation (PD): 2.5W (Ta=25°C), 1.6W (Ta=75°C)
    · Operating Junction Temperature (TJ): +150°C
    · Operating/Storage Temperature Range (TJ, TSTG): -55 to +150°C

    Thermal Performance
    · Junction to Foot (Drain) Thermal Resistance (RθJF): 18°C/W
    · Junction to Ambient Thermal Resistance (RθJA): 39°C/W

    Product Summary
    VDS (V) RDS(on) (mΩ) ID (A)
    -30 18 @ VGS = -10V -9.6
    -30 30 @ VGS = -4.5V -7.5

    Electrical Specifications (Ta = 25°C)
    · Drain-Source Breakdown Voltage (BVDSS): -30V
    · Gate Threshold Voltage (VGS(TH)): -1 to -3V
    · Zero Gate Voltage Drain Current (IDSS): -1.0 µA
    · On-State Drain Current (ID(ON)): -50A
    · Drain-Source On-State Resistance (RDS(ON)): 14-18 mΩ @ VGS=-10V, 23-30 mΩ @ VGS=-4.5V
    · Forward Transconductance (gfs): 30 S
    · Diode Forward Voltage (VSD): -0.8 to -1.2V

    Dynamic Characteristics
    · Total Gate Charge (Qg): 25-37 nC
    · Gate-Source Charge (Qgs): 6.5 nC
    · Gate-Drain Charge (Qgd): 12.5 nC

    Switching Characteristics
    · Turn-On Delay Time (td(on)): 15-25 nS
    · Turn-On Rise Time (tr): 13-20 nS
    · Turn-Off Delay Time (td(off)): 60-100 nS
    · Turn-Off Fall Time (tf): 45-70 nS

    SOP-8 Mechanical Dimensions (millimeters)
    · A: 4.80-5.00
    · B: 3.80-4.00
    · C: 1.35-1.75
    · D: 0.35-0.49
    · F: 0.40-1.25
    · P: 5.80-6.20

    Notice: Not for use in medical, life-saving, or life-sustaining applications.

    # TSM4835
    ## Preliminary 30V P-Channel MOSFET

    Features
    · Advance Trench Process Technology
    · High Density Cell Design for Ultra Low On-resistance

    Applications
    · Load Switches
    · Desktop PCs
    · Notebook PCs

    Package
    · SOP-8
    · 2.5Kpcs / 13” Ree

    Absolute Maximum Ratings (Ta = 25°C)
    · Drain-Source Voltage (VDS): -30V
    · Gate-Source Voltage (VGS): ±25V
    · Continuous Drain Current (ID): -9.6A
    · Pulsed Drain Current (IDM): -50A
    · Continuous Source Current (IS): -2.1A
    · Maximum Power Dissipation (PD): 2.5W (Ta=25°C), 1.6W (Ta=75°C)
    · Operating Junction Temperature (TJ): +150°C
    · Operating/Storage Temperature Range (TJ, TSTG): -55 to +150°C

    Thermal Performance
    · Junction to Foot (Drain) Thermal Resistance (RθJF): 18°C/W
    · Junction to Ambient Thermal Resistance (RθJA): 39°C/W

    Product Summary
    VDS (V) RDS(on) (mΩ) ID (A)
    -30 18 @ VGS = -10V -9.6
    -30 30 @ VGS = -4.5V -7.5

    Electrical Specifications (Ta = 25°C)
    · Drain-Source Breakdown Voltage (BVDSS): -30V
    · Gate Threshold Voltage (VGS(TH)): -1 to -3V
    · Zero Gate Voltage Drain Current (IDSS): -1.0 µA
    · On-State Drain Current (ID(ON)): -50A
    · Drain-Source On-State Resistance (RDS(ON)): 14-18 mΩ @ VGS=-10V, 23-30 mΩ @ VGS=-4.5V
    · Forward Transconductance (gfs): 30 S
    · Diode Forward Voltage (VSD): -0.8 to -1.2V

    Dynamic Characteristics
    · Total Gate Charge (Qg): 25-37 nC
    · Gate-Source Charge (Qgs): 6.5 nC
    · Gate-Drain Charge (Qgd): 12.5 nC

    Switching Characteristics
    · Turn-On Delay Time (td(on)): 15-25 nS
    · Turn-On Rise Time (tr): 13-20 nS
    · Turn-Off Delay Time (td(off)): 60-100 nS
    · Turn-Off Fall Time (tf): 45-70 nS

    SOP-8 Mechanical Dimensions (millimeters)
    · A: 4.80-5.00
    · B: 3.80-4.00
    · C: 1.35-1.75
    · D: 0.35-0.49
    · F: 0.40-1.25
    · P: 5.80-6.20

    Notice: Not for use in medical, life-saving, or life-sustaining applications.

    Part No.TSM4835CSRL
    ManufacturerTSC
    Size177 Kbytes
    Pages4 pages
    Description30V P-Channel MOSFET
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com