Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GS2A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about GS2A Datasheet

  • # Example questions: ➢ What is the operating temperature range for all models within the gs2a thru gs2m series?
    ➢ What is the maximum average forward rectified current this rectifier can handle?
    ➢ What is the typical junction capacitance of the gs2a rectifier, and at what frequency and voltage is it measured?

  • Part No.GS2A
    ManufacturerGULFSEMI
    Size164 Kbytes
    Pages2 pages
    DescriptionSURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
    Datasheet Summary with AI

    # GS2A THRU GS2M Surface Mount Rectifier

    ## General Features

    ️· Voltage: 50 to 1000V
    ️· Current: 2.0A
    ️· SMB / DO-214AA package
    ️· Ideal for surface mount applications
    ️· Low profile
    ️· Built-in strain relief
    ️· High surge capability
    ️· High temperature soldering guaranteed (260℃ / 10sec)

    ## Mechanical Characteristics

    ️· Plated axial leads (MIL-STD 202E, method 208C)
    ️· UL-94 class V-0 Flame Retardant Epoxy
    ️· Color band indicates cathode
    ️· Terminal mounted on 5×5mm copper pad area

    ## Electrical Characteristics

    | Characteristic | GS2A | GS2B | GS2D | GS2G | GS2J | GS2K | GS2M | Units |
    |---|---|---|---|---|---|---|---|---|
    | Maximum Recurrent Peak Reverse Voltage (Vrrm) | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | V |
    | Maximum RMS Voltage (Vrms) | 35 | 70 | 140 | 280 | 420 | 560 | 700 | V |
    | Maximum DC Blocking Voltage (Vdc) | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | V |
    | Maximum Average Forward Rectified Current (If(av)) | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | A |
    | Peak Forward Surge Current (Ifsm) | 50.0 | 50.0 | 50.0 | 50.0 | 50.0 | 50.0 | 50.0 | A |
    | Maximum Forward Voltage (Vf) | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | V |
    | Maximum DC Reverse Current (Ir) | 5.0 μA (at 25℃) / 150.0 μA (at 125℃) | 5.0 μA (at 25℃) / 150.0 μA (at 125℃) | 5.0 μA (at 25℃) / 150.0 μA (at 125℃) | 5.0 μA (at 25℃) / 150.0 μA (at 125℃) | 5.0 μA (at 25℃) / 150.0 μA (at 125℃) | 5.0 μA (at 25℃) / 150.0 μA (at 125℃) | 5.0 μA (at 25℃) / 150.0 μA (at 125℃) | μA |
    | Typical Junction Capacitance (Cj) | 30.0 pF | | | | | | | pF |
    | Typical Thermal Resistance (R(jl)) | 16.0 ℃/W | | | | | | | ℃/W |

    ## Environmental

    ️· Storage and Operating Temperature: -50 to +150℃
    ️· Measured at 1.0 MHZ and applied voltage of 4.0Vdc (for Junction Capacitance)

    # GS2A THRU GS2M Surface Mount Rectifier

    ## General Features

    ️· Voltage: 50 to 1000V
    ️· Current: 2.0A
    ️· SMB / DO-214AA package
    ️· Ideal for surface mount applications
    ️· Low profile
    ️· Built-in strain relief
    ️· High surge capability
    ️· High temperature soldering guaranteed (260℃ / 10sec)

    ## Mechanical Characteristics

    ️· Plated axial leads (MIL-STD 202E, method 208C)
    ️· UL-94 class V-0 Flame Retardant Epoxy
    ️· Color band indicates cathode
    ️· Terminal mounted on 5×5mm copper pad area

    ## Electrical Characteristics

    Characteristic GS2A GS2B GS2D GS2G GS2J GS2K GS2M Units
    Maximum Recurrent Peak Reverse Voltage (Vrrm) 50 100 200 400 600 800 1000 V
    Maximum RMS Voltage (Vrms) 35 70 140 280 420 560 700 V
    Maximum DC Blocking Voltage (Vdc) 50 100 200 400 600 800 1000 V
    Maximum Average Forward Rectified Current (If(av)) 2.0 2.0 2.0 2.0 2.0 2.0 2.0 A
    Peak Forward Surge Current (Ifsm) 50.0 50.0 50.0 50.0 50.0 50.0 50.0 A
    Maximum Forward Voltage (Vf) 1.1 1.1 1.1 1.1 1.1 1.1 1.1 V
    Maximum DC Reverse Current (Ir) 5.0 μA (at 25℃) / 150.0 μA (at 125℃) 5.0 μA (at 25℃) / 150.0 μA (at 125℃) 5.0 μA (at 25℃) / 150.0 μA (at 125℃) 5.0 μA (at 25℃) / 150.0 μA (at 125℃) 5.0 μA (at 25℃) / 150.0 μA (at 125℃) 5.0 μA (at 25℃) / 150.0 μA (at 125℃) 5.0 μA (at 25℃) / 150.0 μA (at 125℃) μA
    Typical Junction Capacitance (Cj) 30.0 pF pF
    Typical Thermal Resistance (R(jl)) 16.0 ℃/W ℃/W

    ## Environmental

    ️· Storage and Operating Temperature: -50 to +150℃
    ️· Measured at 1.0 MHZ and applied voltage of 4.0Vdc (for Junction Capacitance)

    Part No.GS2A
    ManufacturerGULFSEMI
    Size164 Kbytes
    Pages2 pages
    DescriptionSURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com