Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTM8008 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LTM8008 Datasheet

  • # Example questions: ➢ What is the primary function of the 'run' pin and how does it impact power consumption?
    ➢ What are the voltage and current capabilities of each, and what type of bypass capacitors are recommended for stable operation?
    ➢ The 'sync' pin allows for frequency synchronization. what is the purpose of the 'rt' resistor in conjunction with the 'sync' pin, and what happens if the 'sync' pin is grounded?

  • Part No.LTM8008
    ManufacturerLINER
    Size245 Kbytes
    Pages16 pages
    Description72VIN, 6 Output DC/DC SEPIC 關Module Regulator
    Datasheet Summary with AI

    1. Overview

    ️· What it is: The LTM8008 is a highly integrated power module. It combines a SEPIC (Switched-Capacitor Isolated) converter with six integrated linear post regulators. It’s a compact solution for generating multiple voltage rails from a single input.
    ️· Key Features:
    - Isolated SEPIC converter.
    - Six integrated linear post regulators (5x 5V@500mA, 1x 3.3V@300mA)
    - Synchronizable switching frequency.
    - Adjustable soft-start.
    - Multiple protection features (undervoltage, thermal).
    ️· Target Applications: Powering processors, memory, and other components in space-constrained applications.

    2. Pin Functions - Detailed Breakdown

    This is where the bulk of the specifics reside. Here's a categorized list of the pins and their roles. *It is essential to refer to a pinout diagram (usually included in the full datasheet) to visually match these names to the physical pins.*

    ️· Input & Power:
    - VIN (K4, L4): Main input power. *Needs a 0.22µF or larger local bypass capacitor close to the pin.*
    - INTV_CC (E1, E2): Internal regulated supply. *Requires a 4.7µF bypass capacitor near the pin.*
    ️· Control & Timing:
    - RUN (F1, F2): Shutdown and undervoltage detection. Can be tied to INTV_CC if not used.
    - SYNC (K3, L3): Frequency synchronization. Needs an R_T resistor for frequency programming.
    - RT (J1, J2): Switching frequency programming (with an external resistor).
    - SS (H1, H2): Soft-start control (modulated by an external capacitor).
    - V_C (G1, G2): Error amplifier compensation.
    ️· SEPIC Converter:
    - SPV (A1, B1, A11, B11): SEPIC output voltage. *Needs a 22µF bypass capacitor.*
    - SW (Bank 3): Power switching MOSFET drain.
    ️· Output Regulators:
    - V_OUT1 (Bank 2): 5V output (500mA). *Needs a 22µF bypass capacitor.*
    - V_OUT2, V_OUT3, V_OUT4, V_OUT5 (A10, B10; A8, B8; A6, B6; A5, B5): 5V outputs (150mA each). *Each requires a 10µF bypass capacitor.*
    - V_OUT6 (A2, A3, B2): 3.3V output (300mA). *Requires a 10µF bypass capacitor.*
    ️· Ground (GND): Multiple GND pins – *critical for thermal management; connect to local ground plane.*

    3. Key Considerations & Important Notes

    ️· Bypass Capacitors: The text *heavily* emphasizes the need for local bypass capacitors near each pin that requires one (VIN, INTV_CC, SPV, V_OUT1, V_OUT2-V_OUT5, and V_OUT6). These capacitors are crucial for stable operation and noise reduction. The values provided are *minimums* – larger values might be needed in some applications.
    ️· Thermal Management: The text specifically calls out the importance of connecting the multiple GND pins to a local ground plane. This is vital for heat dissipation and overall thermal performance. Poor grounding significantly impacts the module's ability to handle power.
    ️· Synchronization: If using the synchronization feature, carefully choose the external resistor (R_T) to program the switching frequency.
    ️· Datasheet & Pinout: This excerpt *only* provides a partial description. A complete datasheet (including a pinout diagram) is absolutely necessary for proper use.
    ️· Application Specific Considerations: The given values for bypass capacitors and other components are minimums and might need to be adjusted based on the specific application’s load conditions and operating environment.

    1. Overview

    ️· What it is: The LTM8008 is a highly integrated power module. It combines a SEPIC (Switched-Capacitor Isolated) converter with six integrated linear post regulators. It’s a compact solution for generating multiple voltage rails from a single input.
    ️· Key Features:
    - Isolated SEPIC converter.
    - Six integrated linear post regulators (5x 5V@500mA, 1x 3.3V@300mA)
    - Synchronizable switching frequency.
    - Adjustable soft-start.
    - Multiple protection features (undervoltage, thermal).
    ️· Target Applications: Powering processors, memory, and other components in space-constrained applications.

    2. Pin Functions - Detailed Breakdown

    This is where the bulk of the specifics reside. Here's a categorized list of the pins and their roles. *It is essential to refer to a pinout diagram (usually included in the full datasheet) to visually match these names to the physical pins.*

    ️· Input & Power:
    - VIN (K4, L4): Main input power. *Needs a 0.22µF or larger local bypass capacitor close to the pin.*
    - INTV_CC (E1, E2): Internal regulated supply. *Requires a 4.7µF bypass capacitor near the pin.*
    ️· Control & Timing:
    - RUN (F1, F2): Shutdown and undervoltage detection. Can be tied to INTV_CC if not used.
    - SYNC (K3, L3): Frequency synchronization. Needs an R_T resistor for frequency programming.
    - RT (J1, J2): Switching frequency programming (with an external resistor).
    - SS (H1, H2): Soft-start control (modulated by an external capacitor).
    - V_C (G1, G2): Error amplifier compensation.
    ️· SEPIC Converter:
    - SPV (A1, B1, A11, B11): SEPIC output voltage. *Needs a 22µF bypass capacitor.*
    - SW (Bank 3): Power switching MOSFET drain.
    ️· Output Regulators:
    - V_OUT1 (Bank 2): 5V output (500mA). *Needs a 22µF bypass capacitor.*
    - V_OUT2, V_OUT3, V_OUT4, V_OUT5 (A10, B10; A8, B8; A6, B6; A5, B5): 5V outputs (150mA each). *Each requires a 10µF bypass capacitor.*
    - V_OUT6 (A2, A3, B2): 3.3V output (300mA). *Requires a 10µF bypass capacitor.*
    ️· Ground (GND): Multiple GND pins – *critical for thermal management; connect to local ground plane.*

    3. Key Considerations & Important Notes

    ️· Bypass Capacitors: The text *heavily* emphasizes the need for local bypass capacitors near each pin that requires one (VIN, INTV_CC, SPV, V_OUT1, V_OUT2-V_OUT5, and V_OUT6). These capacitors are crucial for stable operation and noise reduction. The values provided are *minimums* – larger values might be needed in some applications.
    ️· Thermal Management: The text specifically calls out the importance of connecting the multiple GND pins to a local ground plane. This is vital for heat dissipation and overall thermal performance. Poor grounding significantly impacts the module's ability to handle power.
    ️· Synchronization: If using the synchronization feature, carefully choose the external resistor (R_T) to program the switching frequency.
    ️· Datasheet & Pinout: This excerpt *only* provides a partial description. A complete datasheet (including a pinout diagram) is absolutely necessary for proper use.
    ️· Application Specific Considerations: The given values for bypass capacitors and other components are minimums and might need to be adjusted based on the specific application’s load conditions and operating environment.

    Part No.LTM8008
    ManufacturerLINER
    Size245 Kbytes
    Pages16 pages
    Description72VIN, 6 Output DC/DC SEPIC 關Module Regulator
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com