| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CMLT5088EM Datasheet
# Example questions:
➢ What is the maximum difference in vbe between the two transistors (vbe1-vbe2) when the collector current (ic) is 100μa?
➢ What is the maximum allowable continuous collector current for each transistor within the cmlt5088em?
➢ How does the thermal resistance (θja) of 357 °c/w affect heat dissipation in this device?
# CMLT5088EM – Dual Matched NPN Silicon Transistors
## Description
️· Dual, matched 5088E NPN silicon transistors
️· Designed for high gain and low noise applications
️· Marking Code: 88M
️· Halogen Free by design
## Features
️· Transistor pair matched for VBE(ON)
## Maximum Ratings (TA=25°C)
️· VCBO: 50 V
️· VCEO: 50 V
️· VEBO: 5.0 V
️· IC: 100 mA
️· PD: 350 mW
️· TJ, Tstg: -65 to +150 °C
️· ΘJA: 357 °C/W
## Electrical Characteristics (Per Transistor, TA=25°C)
️· ICBO: 50 nA
️· IEBO: 50 nA
️· BVCBO: 50 - 135 V
️· BVCEO: 50 - 65 V
️· BVEBO: 5.0 - 8.7 V
️· VCE(SAT): 45 - 400 mV (various conditions)
️· VBE(SAT): 700 - 800 mV
️· hFE: 300 - 900 (various conditions)
️· fT: 100 MHz
️· Cob: 4.0 pF
️· Cib: 15 pF
️· hfe: 350 - 1400
️· NF: 3.0 dB
## Matching Characteristics
️· |VBE1-VBE2|: 10 mV (various conditions)
## Case and Pin Configuration
️· SOT-563 case
️· Pin 1: Emitter Q1
️· Pin 2: Base Q1
️· Pin 3: Collector Q2
️· Pin 4: Emitter Q2
️· Pin 5: Base Q2
️· Pin 6: Collector Q1
# CMLT5088EM – Dual Matched NPN Silicon Transistors
## Description
️· Dual, matched 5088E NPN silicon transistors
️· Designed for high gain and low noise applications
️· Marking Code: 88M
️· Halogen Free by design
## Features
️· Transistor pair matched for VBE(ON)
## Maximum Ratings (TA=25°C)
️· VCBO: 50 V
️· VCEO: 50 V
️· VEBO: 5.0 V
️· IC: 100 mA
️· PD: 350 mW
️· TJ, Tstg: -65 to +150 °C
️· ΘJA: 357 °C/W
## Electrical Characteristics (Per Transistor, TA=25°C)
️· ICBO: 50 nA
️· IEBO: 50 nA
️· BVCBO: 50 - 135 V
️· BVCEO: 50 - 65 V
️· BVEBO: 5.0 - 8.7 V
️· VCE(SAT): 45 - 400 mV (various conditions)
️· VBE(SAT): 700 - 800 mV
️· hFE: 300 - 900 (various conditions)
️· fT: 100 MHz
️· Cob: 4.0 pF
️· Cib: 15 pF
️· hfe: 350 - 1400
️· NF: 3.0 dB
## Matching Characteristics
️· |VBE1-VBE2|: 10 mV (various conditions)
## Case and Pin Configuration
️· SOT-563 case
️· Pin 1: Emitter Q1
️· Pin 2: Base Q1
️· Pin 3: Collector Q2
️· Pin 4: Emitter Q2
️· Pin 5: Base Q2
️· Pin 6: Collector Q1
| Part No. | CMLT5088EM |
| Manufacturer | CENTRAL |
| Size | 685 Kbytes |
| Pages | 2 pages |
| Description | SURFACE MOUNT DUAL, MATCHED NPN SILICON TRANSISTORS |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |